Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ7790400PWR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # BQ7790400PWR
Description  Open Wire Stackable Lithium-ion Battery Protector
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ7790400PWR Datasheet(HTML) 3 Page - Texas Instruments

  BQ7790400PWR Datasheet HTML 1Page - Texas Instruments BQ7790400PWR Datasheet HTML 2Page - Texas Instruments BQ7790400PWR Datasheet HTML 3Page - Texas Instruments BQ7790400PWR Datasheet HTML 4Page - Texas Instruments BQ7790400PWR Datasheet HTML 5Page - Texas Instruments BQ7790400PWR Datasheet HTML 6Page - Texas Instruments BQ7790400PWR Datasheet HTML 7Page - Texas Instruments BQ7790400PWR Datasheet HTML 8Page - Texas Instruments BQ7790400PWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 45 page
background image
3
bq77904, bq77905
www.ti.com
SLUSCM3A – JUNE 2016 – REVISED JUNE 2016
Product Folder Links: bq77904 bq77905
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
5 Device Comparison
DEVICE
NUMBER OF
CELLS
PROTECTIONS
TYPICAL NORMAL
MODE CURRENT (µA)
PACKAGE
bq77904
3, 4
OV, UV, OW, OTD, OTC, UTD, UTC, OCD1,
OCD2, SCD, CTRC, CTRD
6
20-TSSOP
bq77905
3, 4, 5
(1)
These thresholds are target based on temperature, but they are dependent on external components that could vary based on customer
selection. Circuit is based on 103AT NTC thermistor connected to TS and VSS, and a 10k
Ω resistor connected to VTB and TS. Actual
thresholds must be determined in mV. Refers to the over- and under-temperature mV threshold in the Electrical Characteristics table.
(2)
Product Preview
Unless specified, the devices in Table 1 and Table 2 are default with state comparator enabled with 2 mV
threshold. Filtered fault detection is used by default. Contact Texas Instruments for new configuration option or
device in preview.
Table 1. bq77904 Device Configuration
Part Number
OV
UV
OW
OCD1
OCD2
SCD
Current Fault
Recovery
Temperature (°C)
(1)
Method
OTD
OTC
UTD
OTC
bq7790400
(2)
4225
1
100
2800
1
200
N
0
(disable)
40
1420
80
700
160
0
Load Removal
70
50
-20
-5
(1)
These thresholds are target based on temperature, but they are dependent on external components that could vary based on customer
selection. Circuit is based on 103AT NTC thermistor connected to TS and VSS, and a 10k
Ω resistor connected to VTB and TS. Actual
thresholds must be determined in mV. Refers to the over- and under-temperature mV threshold in the Electrical Characteristics table.
(2)
Product Preview
Table 2. bq77905 Device Configuration
Part Number
OV
UV
OW
OCD1
OCD2
SCD
Current Fault
Recovery
Temperature (°C)
(1)
Method
OTD
OTC
UTD
OTC
bq7790500
4200
0.5
100
2600
1
400
Y
100
30
1420
50
700
120
1
Load Removal
+ Delay
70
50
-20
0
bq7790501
(2)
4200
0.5
100
2600
1
400
N
100
30
1420
50
700
120
1
Load Removal
+ Delay
70
50
-20
0
bq7790502
(2)
4250
1
200
2700
1
200
Y
100
85
700
120
350
240
Load Removal
70
50
-20
-5
bq7790503
(2)
4200
1
100
2700
2
400
Y
100
80
1420
160
350
320
1
Load Removal
+ Delay
70
50
-10
-5
bq7790504
(2)
4250
0.5
200
2700
1
200
Y
100
80
350
160
5
200
1
Load Removal
+ Delay
70
50
-10
-5


Similar Part No. - BQ7790400PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ7790400PWR TI1-BQ7790400PWR Datasheet
1Mb / 45P
[Old version datasheet]   3-5S Ultra Low-Power Voltage, Current, Temperature, and Open Wire Stackable Lithium-ion Battery Protector
BQ7790400PWR TI1-BQ7790400PWR Datasheet
1Mb / 47P
[Old version datasheet]   3-5S Ultra Low-Power Voltage, Current, Temperature, and Open Wire Stackable Lithium-ion Battery Protector
BQ7790400PWR TI1-BQ7790400PWR Datasheet
1Mb / 47P
[Old version datasheet]   bq77904, bq77905 3-Series to 20-Series Ultra Low-Power Voltage, Current, Temperature, and Open-Wire Stackable Lithium-Ion Battery Protector
BQ7790400PWR TI1-BQ7790400PWR Datasheet
1Mb / 47P
[Old version datasheet]   BQ77904, BQ77905 3-Series to 20-Series Ultra Low-Power Voltage, Current, Temperature, and Open-Wire Stackable Lithium-Ion Battery Protector
BQ7790400PWR TI1-BQ7790400PWR Datasheet
1Mb / 47P
[Old version datasheet]   BQ77904, BQ77905 3-Series to 20-Series Ultra Low-Power Voltage, Current, Temperature, and Open-Wire Stackable Lithium-Ion Battery Protector
More results

Similar Description - BQ7790400PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3911 TI-UCC3911 Datasheet
257Kb / 12P
[Old version datasheet]   Lithium-Ion Battery Protector
BQ77904_017 TI1-BQ77904_017 Datasheet
1Mb / 47P
[Old version datasheet]   3-5S Ultra Low-Power Voltage, Current, Temperature, and Open Wire Stackable Lithium-ion Battery Protector
BQ77904 TI1-BQ77904_17 Datasheet
1Mb / 45P
[Old version datasheet]   3-5S Ultra Low-Power Voltage, Current, Temperature, and Open Wire Stackable Lithium-ion Battery Protector
logo
Maxim Integrated Produc...
MAX1665S MAXIM-MAX1665S Datasheet
164Kb / 12P
   Lithium-Ion Battery Pack Protector
19-1605; Rev 0; 1/00
MAX1666S MAXIM-MAX1666S Datasheet
294Kb / 16P
   Advanced Lithium-Ion Battery-Pack Protector
19-1465; Rev 1; 7/99
MAX1666A MAXIM-MAX1666A Datasheet
832Kb / 17P
   Advanced Lithium-Ion Battery-Pack Protector
Rev 2; 12/03
logo
Texas Instruments
BQ77904 TI1-BQ77904_V01 Datasheet
1Mb / 47P
[Old version datasheet]   bq77904, bq77905 3-Series to 20-Series Ultra Low-Power Voltage, Current, Temperature, and Open-Wire Stackable Lithium-Ion Battery Protector
BQ77904 TI1-BQ77904_V03 Datasheet
1Mb / 47P
[Old version datasheet]   BQ77904, BQ77905 3-Series to 20-Series Ultra Low-Power Voltage, Current, Temperature, and Open-Wire Stackable Lithium-Ion Battery Protector
BQ77904 TI1-BQ77904_V02 Datasheet
1Mb / 47P
[Old version datasheet]   BQ77904, BQ77905 3-Series to 20-Series Ultra Low-Power Voltage, Current, Temperature, and Open-Wire Stackable Lithium-Ion Battery Protector
BQ77904 TI-BQ77904_V04 Datasheet
2Mb / 46P
[Old version datasheet]   BQ77904, BQ77905 3-Series to 20-Series Ultra Low-Power Voltage, Current, Temperature, and Open-Wire Stackable Lithium-Ion Battery Protector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com