Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ771802DPJT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # BQ771802DPJT
Description  Internal Delay Timer
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ771802DPJT Datasheet(HTML) 3 Page - Texas Instruments

  BQ771802DPJT Datasheet HTML 1Page - Texas Instruments BQ771802DPJT Datasheet HTML 2Page - Texas Instruments BQ771802DPJT Datasheet HTML 3Page - Texas Instruments BQ771802DPJT Datasheet HTML 4Page - Texas Instruments BQ771802DPJT Datasheet HTML 5Page - Texas Instruments BQ771802DPJT Datasheet HTML 6Page - Texas Instruments BQ771802DPJT Datasheet HTML 7Page - Texas Instruments BQ771802DPJT Datasheet HTML 8Page - Texas Instruments BQ771802DPJT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
bq771800, bq771801, bq771802
bq771803, bq771807, bq771808
bq771809, bq771815
www.ti.com
SLUSAX1D – DECEMBER 2012 – REVISED NOVEMBER 2014
5
Device Comparison Table
Package
OV Hysteresis
Output
Tape and Reel
Tape and Reel
TA
Part Number
Package
OVP (V)
Output Drive
Designator
(V)
Delay
(Large)
(Small)
CMOS Active
bq771800
4.300
0.300
4 s
bq771800DPJR
bq771800DPJT
High
NCH Active Low,
bq771801
4.275
0.050
3 s
bq771801DPJR
bq771801DPJT
Open Drain
NCH Active Low,
bq771802
4.225
0.300
1 s
bq771802DPJR
bq771802DPJT
Open Drain
NCH Active Low,
bq771803
4.275
0.050
1 s
bq771803DPJR
bq771803DPJT
Open Drain
CMOS Active
bq771804(1)
4.225
0.300
3 s
bq771804DPJR
bq771804DPJT
High
CMOS Active
bq771805(1)
4.325
0.300
3 s
bq771805DPJR
bq771805DPJT
High
CMOS Active
bq771806(1)
4.350
0.300
3 s
bq771806DPJR
bq771806DPJT
High
CMOS Active
bq771807
4.450
0.300
3 s
bq771807DPJR
bq771807DPJT
High
–40°C to
bq771808
4.200
0.050
1 s
NCH Active Low
bq771808DPJR
bq771808DPJT
8-Pin QFN
DPJ
110°C
CMOS Active
bq771809
4.200
0.050
1 s
bq771809DPJR
bq771809DPJT
High
CMOS Active
bq771810(1)
4.200
0.250
1 s
bq771810DPJR
bq771810DPJT
High
CMOS Active
bq771811(1)
4.225
0.050
1 s
bq771811DPJR
bq771811DPJT
High
CMOS Active
bq771812(1)
4.250
0.050
1 s
bq771812DPJR
bq771812DPJT
High
CMOS Active
bq771813(1)
4.250
0.050
1 s
bq771813DPJR
bq771813DPJT
High
CMOS Active
bq771814(1)
3.900
0.300
3 s
bq771814DPJR
bq771814DPJT
High
bq771815
4.225
0.050
1 s
NCH Active Low
bq771815DPJR
bq771815DPJT
bq771816(1)
4.250
0.050
1 s
NCH Active Low
bq771816DPJR
bq771816DPJT
NCH, Active
bq7718xy(2)
3.850–4.650
0–0.300
1 s
bq7718xyDPJR
bq7718xyDPJT
Low, Open Drain
(1)
Product Preview only.
(2)
Future option, contact TI.
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: bq771800 bq771801 bq771802 bq771803 bq771807 bq771808 bq771809 bq771815


Similar Part No. - BQ771802DPJT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ771802DPJT TI-BQ771802DPJT Datasheet
748Kb / 16P
[Old version datasheet]   Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
BQ771802DPJT TI1-BQ771802DPJT Datasheet
810Kb / 19P
[Old version datasheet]   Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
BQ771802DPJT TI1-BQ771802DPJT Datasheet
810Kb / 19P
[Old version datasheet]   Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
BQ771802DPJT TI1-BQ771802DPJT Datasheet
887Kb / 28P
[Old version datasheet]   Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
BQ771802DPJT TI1-BQ771802DPJT Datasheet
1,007Kb / 28P
[Old version datasheet]   bq7718 Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
More results

Similar Description - BQ771802DPJT

ManufacturerPart #DatasheetDescription
logo
FOTEK CONTROLS CO., LTD...
TFN-3S FOTEK-TFN-3S Datasheet
781Kb / 1P
   OFF DELAY TIMER
logo
Panasonic Semiconductor
MN103SJ9 PANASONIC-MN103SJ9 Datasheet
320Kb / 3P
   30 internal interrupts: Watchdog timer. Timer
logo
LSI Computer Systems
LS7213R LSI-LS7213R Datasheet
65Kb / 5P
   PROGRAMMABLE DIGITAL DELAY TIMER
LS7213 LSI-LS7213 Datasheet
43Kb / 4P
   PROGRAMMABLE DIGITAL DELAY TIMER
LS7211N LSI-LS7211N Datasheet
216Kb / 8P
   PROGRAMMABLE DIGITAL DELAY TIMER
LS7215 LSI-LS7215 Datasheet
221Kb / 8P
   PROGRAMMABLE DIGITAL DELAY TIMER
logo
Littelfuse
KSD1 LITTELFUSE-KSD1 Datasheet
502Kb / 2P
   Delay-on-Make Timer
2016 Rev: 1-A-062116
logo
LSI Computer Systems
LS7211 LSI-LS7211_03 Datasheet
275Kb / 8P
   PROGRAMMABLE DIGITAL DELAY TIMER
LS7210 LSI-LS7210 Datasheet
49Kb / 4P
   PROGRAMMABLE DIGITAL DELAY TIMER
LS7211 LSI-LS7211 Datasheet
171Kb / 8P
   PROGRAMMABLE DIGITAL DELAY TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com