Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUF11702 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # BUF11702
Description  MULTI-CHANNEL LCD GAMMA CORRECTION BUFFER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BUF11702 Datasheet(HTML) 8 Page - Texas Instruments

Back Button BUF11702 Datasheet HTML 4Page - Texas Instruments BUF11702 Datasheet HTML 5Page - Texas Instruments BUF11702 Datasheet HTML 6Page - Texas Instruments BUF11702 Datasheet HTML 7Page - Texas Instruments BUF11702 Datasheet HTML 8Page - Texas Instruments BUF11702 Datasheet HTML 9Page - Texas Instruments BUF11702 Datasheet HTML 10Page - Texas Instruments BUF11702 Datasheet HTML 11Page - Texas Instruments BUF11702 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
BUF11702
BUF07702
SLOS359F − MARCH 2001 − REVISED MAY 2004
www.ti.com
8
TYPICAL CHARACTERISTICS
DC CURVES
Figure 4
−20
−15
−10
−5
0
5
10
15
20
0
1234
56789
10
BUF11702
VDD = 10 V
Channels 1 to 5
INPUT OFFSET VOLTAGE
vs
INPUT VOLTAGE
VI − Input Voltage − V
BUF07702
VDD = 10 V
Channels 1 to 3
Figure 5
−20
−15
−10
−5
0
5
10
15
20
02
46
8
10
INPUT OFFSET VOLTAGE
vs
INPUT VOLTAGE
VI − Input Voltage − V
BUF11702
VDD = 10 V
Channels 6 to 10
BUF07702
VDD = 10 V
Channels 4 to 6
Figure 6
−20
−15
−10
−5
0
5
10
15
20
0
246
8
10
VDD = 10 V
VCOM Buffer
INPUT OFFSET VOLTAGE
vs
INPUT VOLTAGE
VI − Input Voltage − V
Figure 7
0
50
100
150
200
250
0
10
2030
4050
60
70
80 85
INPUT BIAS CURRENT
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
VDD = 10 V
Figure 8
5
6
7
8
9
10
0
50
100
150
200
250
TA = 0°C
TA = +25°C
TA = +85°C
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
IOH − High-Level Output Current − mA
VDD = 10 V
Channel 1
Figure 9
9
9.2
9.4
9.6
9.8
10
0
10
203040
50
TA = +25°C
TA = +85°C
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
IOH − High-Level Output Current − mA
9.3
9.5
9.7
9.9
9.1
515
25
35
45
TA = 0°C
VDD = 10 V
Channel 1
Figure 10
5
6
7
8
9
10
0
50
100
150
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
IOH − High-Level Output Current − mA
TA = +85°C
TA = +25°C
25
75
125
5.5
6.5
7.5
8.5
9.5
TA = 0°C
BUF11702
VDD = 10 V
Channels 2 to 5
BUF07702
VDD = 10 V
Channels 2 to 3
Figure 11
0
1
2
3
4
5
6
7
8
9
10
0
50
100
150
TA = +25°C
TA = +85°C
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
IOH − High-Level Output Current − mA
TA = 0°C
25
75
125
BUF11702
VDD = 10 V
Channels 6 to 10
BUF07702
VDD = 10 V
Channels 4 to 6
Figure 12
0
1
2
3
4
5
6
7
8
9
10
0
50
100
150
200
250
TA = +85°C
VDD = 10 V
VCOM Buffer
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
IOH − High-Level Output Current − mA
TA = 0°C
TA = +25°C


Similar Part No. - BUF11702

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
BUF11702 BURR-BROWN-BUF11702 Datasheet
517Kb / 24P
   MULTI CHANNEL LCD GAMMA CORRECTION BUFFER
logo
Texas Instruments
BUF11702 TI1-BUF11702 Datasheet
1Mb / 32P
[Old version datasheet]   Multi-Channel LCD Gamma Correction Buffer
More results

Similar Description - BUF11702

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BUF07703 TI1-BUF07703_16 Datasheet
1Mb / 32P
[Old version datasheet]   Multi-Channel LCD Gamma Correction Buffer
logo
Burr-Brown (TI)
BUF11702 BURR-BROWN-BUF11702 Datasheet
517Kb / 24P
   MULTI CHANNEL LCD GAMMA CORRECTION BUFFER
BUF06703 BURR-BROWN-BUF06703 Datasheet
487Kb / 25P
   MULTI-CHANNEL LEC GAMMA CORRECTION BUFFER
BUF05704 BURR-BROWN-BUF05704 Datasheet
370Kb / 25P
   18 - V SUPPLY MULTI - CHANNER GAMMA CORRECTION BUFFER
logo
Sony Corporation
CXA2111R SONY-CXA2111R Datasheet
357Kb / 18P
   LCD Signal Processor (Gamma Correction)
logo
Burr-Brown (TI)
BUF11705 BURR-BROWN-BUF11705 Datasheet
304Kb / 17P
   22 - V Supply, 10 1 Channel Gamma Correction Buffer
BUF12800 BURR-BROWN-BUF12800 Datasheet
282Kb / 20P
   REFERENCE VOLTAGE GENERATOR for LCD GAMMA CORRECTION
logo
Rohm
BD8162AEKV ROHM-BD8162AEKV Datasheet
2Mb / 30P
   Multi-channel System Power Supply IC Gamma Buffer
logo
Analog Devices
ADD8506 AD-ADD8506 Datasheet
154Kb / 8P
   6-Channel, Muxed Input Line Inversion LCD Gamma Buffer
REV. 0
logo
OmniVision Technologies...
OV7955 OMNIVISION-OV7955 Datasheet
4Mb / 2P
   aperture/gamma correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com