Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUF11705 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # BUF11705
Description  Programmable Gamma-Voltage Generator and High Slew Rate VCOM
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BUF11705 Datasheet(HTML) 4 Page - Texas Instruments

  BUF11705 Datasheet HTML 1Page - Texas Instruments BUF11705 Datasheet HTML 2Page - Texas Instruments BUF11705 Datasheet HTML 3Page - Texas Instruments BUF11705 Datasheet HTML 4Page - Texas Instruments BUF11705 Datasheet HTML 5Page - Texas Instruments BUF11705 Datasheet HTML 6Page - Texas Instruments BUF11705 Datasheet HTML 7Page - Texas Instruments BUF11705 Datasheet HTML 8Page - Texas Instruments BUF11705 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
SDA
A0
V
SD
GND
V
COM-OUT
OUT6
OUT5
OUT4
OUT3
OUT2
Exposed
thermalpad
isconnected
toGND.
1
2
3
4
5
15
14
13
12
11
BUF08630
SBOS515A – OCTOBER 2010 – REVISED AUGUST 2012
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Boldface limits apply over the specified temperature range, TA = –40°C to +95°C.
At TA = +25°C, VS = +18 V, VSH = 9.0 V, VSD = +2 V, and CL = 200 pF, unless otherwise noted.
BUF08630
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
TEMPERATURE RANGE
Specified range
–40
+95
°C
Storage range
–65
+150
°C
PIN CONFIGURATION
RGW PACKAGE
VQFN-20
(TOP VIEW)
PIN DESCRIPTIONS
PIN NAME
PIN NO.
DESCRIPTION
A0
2
A0 address pin for two-wire address; connect to either logic 1 or logic 0. See Table 1.
BKSEL
9
Selects memory bank 0 or 1; connect to either logic 1 to select bank 1 or logic 0 to select bank 0.
GND
4
Ground
NC
16
No Connect
OUT1
10
DAC output 1
OUT2
11
DAC output 2
OUT3
12
DAC output 3
OUT4
13
DAC output 4
OUT5
14
DAC output 5
OUT6
15
DAC output 6
OUT7
18
DAC output 7
OUT8
19
DAC output 8
SCL
20
Serial clock input; connect to pull-up resistor.
SDA
1
Serial data I/O; open-drain, connect to pull-up resistor.
VCOM-AVDD
7
VCOM supply
VCOM-FB
6
VCOM feedback
VCOM-OUT
5
VCOM output
VS
8
VS connected to analog supply.
VSD
3
Digital supply; connect to logic supply.
VSH
17
VSH connected to 1/2 analog supply.
4
Submit Documentation Feedback
Copyright © 2010–2012, Texas Instruments Incorporated
Product Folder Links: BUF08630


Similar Part No. - BUF11705

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
BUF11705 BURR-BROWN-BUF11705 Datasheet
304Kb / 17P
   22 - V Supply, 10 1 Channel Gamma Correction Buffer
logo
Texas Instruments
BUF11705 TI1-BUF11705 Datasheet
1Mb / 31P
[Old version datasheet]   Programmable Gamma-Voltage Generator and High Slew Rate VCOM with Integrated Two-Bank Memory
BUF11705 TI1-BUF11705 Datasheet
1Mb / 32P
[Old version datasheet]   Programmable Gamma-Voltage Generator with Integrated Two-Bank Memory and External EEPROM
BUF11705 TI1-BUF11705 Datasheet
1Mb / 31P
[Old version datasheet]   Programmable Gamma-Voltage Generator
logo
Burr-Brown (TI)
BUF11705AIPWPR BURR-BROWN-BUF11705AIPWPR Datasheet
304Kb / 17P
   22 - V Supply, 10 1 Channel Gamma Correction Buffer
More results

Similar Description - BUF11705

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BUF08832 TI-BUF08832 Datasheet
800Kb / 30P
[Old version datasheet]   Programmable Gamma-Voltage Generator and High Slew Rate VCOM with Integrated Two-Bank Memory
BUF08832 TI1-BUF08832_14 Datasheet
1Mb / 31P
[Old version datasheet]   Programmable Gamma-Voltage Generator and High Slew Rate VCOM with Integrated Two-Bank Memory
BUF18830 TI1-BUF18830 Datasheet
410Kb / 9P
[Old version datasheet]   Programmable GAMMA-VOLTAGE GENERATOR with Two High Slew Rate VCOMs
logo
Lowpower Semiconductor ...
LP6299 POWER-LP6299 Datasheet
687Kb / 11P
   Programmable Gamma and VCOM Buffers
logo
Texas Instruments
BUF16821 TI-BUF16821_1 Datasheet
813Kb / 30P
[Old version datasheet]   Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
logo
EPCOS
BUF16821 EPCOS-BUF16821 Datasheet
826Kb / 29P
   Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
logo
Burr-Brown (TI)
BUF16820 BURR-BROWN-BUF16820 Datasheet
672Kb / 30P
   14-Channel GAMMA VOLTAGE GENERATOR with Programmable VCOM Outputs and OTP Memory
logo
Texas Instruments
BUF22821 TI-BUF22821 Datasheet
751Kb / 25P
[Old version datasheet]   Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
logo
Burr-Brown (TI)
BUF20800 BURR-BROWN-BUF20800 Datasheet
752Kb / 27P
   18-Channel GAMMA VOLTAGE GENERATOR with Two Programmable VCOM Channels
logo
Texas Instruments
BUF20800-Q1 TI1-BUF20800-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   18-CHANNEL GAMMA VOLTAGE GENERATOR WITH TWO PROGRAMMABLE VCOM CHANNELS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com