Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0734035070 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0734035070
Description  50 Ohms, FAKRA SMB Jack, Vertical Through Hole
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0734035070 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0734035070 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 07/13/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0734035070
Status:
Active
Overview:
FAKRA II SMB and FAKRA RF Connector Systems
Description:
50 Ohms, FAKRA SMB Jack, Vertical Through Hole, Keying Option A, Tin (Sn) Plated
Body, 18.55mm Height, Black
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
RF/Coax Connectors
Series
73403
Overview
FAKRA II SMB and FAKRA RF Connector Systems
Product Name
FAKRA, SMB
Style
PCB
UPC
883906494629
Wire/Cable Type
N/A
Physical
Gender
Jack
Keying to Mating Part
Yes
Net Weight
2.659/g
Orientation
Straight
PCB Mounting
Through Hole
Packaging Type
Tray
Panel Mount
No
Panel Mount Method
N/A
Reverse Polar
No
Electrical
Impedance
50#
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-73403-507
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant with
Exemption 6(c)
REACH SVHC
Not Contained Per -
ED/21/2016 (20 June
2016)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
50 Image
ELV
Not Relevant
Search Parts in this Series
73403 Series
This document was generated on 07/13/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0734035070

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0734035070 MOLEX-0734035070_V01 Datasheet
40Kb / 1P
   50 Ohms, FAKRA SMB Jack, Vertical Through Hole, Keying Option A, Tin (Sn) Plated Body, 18.55mm Height, Black
More results

Similar Description - 0734035070

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
73403-5074 MOLEX11-73403-5074 Datasheet
38Kb / 1P
   50 Ohms, FAKRA Jack, Vertical Through Hole
73403-5079 MOLEX11-73403-5079 Datasheet
38Kb / 1P
   50 Ohms, FAKRA Jack, Vertical Through Hole
73403-5073 MOLEX11-73403-5073 Datasheet
38Kb / 1P
   50 Ohms, FAKRA Jack, Vertical Through Hole
73403-5078 MOLEX11-73403-5078 Datasheet
38Kb / 1P
   50 Ohms, FAKRA Jack, Vertical Through Hole
73403-5071 MOLEX11-73403-5071 Datasheet
38Kb / 1P
   50 Ohms, FAKRA Jack, Vertical Through Hole
73403-5082 MOLEX11-73403-5082 Datasheet
38Kb / 1P
   50 Ohms, FAKRA Jack, Vertical Through Hole
73403-5070 MOLEX11-73403-5070 Datasheet
38Kb / 1P
   50 Ohms, FAKRA Jack, Vertical Through Hole
73403-5072 MOLEX11-73403-5072 Datasheet
38Kb / 1P
   50 Ohms, FAKRA Jack, Vertical Through Hole
73403-5077 MOLEX11-73403-5077 Datasheet
38Kb / 1P
   50 Ohms, FAKRA Jack, Vertical Through Hole
73403-5080 MOLEX11-73403-5080 Datasheet
38Kb / 1P
   50 Ohms, FAKRA Jack, Vertical Through Hole
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com