Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUF08630RGWT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # BUF08630RGWT
Description  Programmable Gamma-Voltage Generator and High Slew Rate VCOM
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BUF08630RGWT Datasheet(HTML) 2 Page - Texas Instruments

  BUF08630RGWT Datasheet HTML 1Page - Texas Instruments BUF08630RGWT Datasheet HTML 2Page - Texas Instruments BUF08630RGWT Datasheet HTML 3Page - Texas Instruments BUF08630RGWT Datasheet HTML 4Page - Texas Instruments BUF08630RGWT Datasheet HTML 5Page - Texas Instruments BUF08630RGWT Datasheet HTML 6Page - Texas Instruments BUF08630RGWT Datasheet HTML 7Page - Texas Instruments BUF08630RGWT Datasheet HTML 8Page - Texas Instruments BUF08630RGWT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
BUF08630
SBOS515A – OCTOBER 2010 – REVISED AUGUST 2012
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION(1)
PRODUCT
PACKAGE
PACKAGE DESIGNATOR
PACKAGE MARKING
BUF08630
VQFN-20
RGW
BUF08630
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the
device product folder at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range (unless otherwise noted).
BUF08630
UNIT
VS
+22
V
Supply voltage
VSH
GND + 4.0 < VSH < VS – 4.0
V
VSD
+6
V
Digital input pins, SCL, SDA, AO, BKSEL: voltage
–0.5 to +6
V
Digital input pins, SCL, SDA, AO, BKSEL: current
±10
mA
Output pins, OUT1 through OUT4(2)
(V–) – 0.5 to (VSH) + 0.5
V
Output pins, OUT5 through OUT8(2)
(VSH) – 0.5 to (V+) + 0.5
V
VCOM
(2)
(V–) – 0.5 to (V+) + 0.5
V
Output short-circuit(3)
Continuous
Ambient operating temperature
–40 to +95
°C
Ambient storage temperature
–65 to +150
°C
Junction temperature, TJ
+125
°C
Human body model (HBM)
4
kV
ESD ratings
Charged device model (CDM)
1
kV
Machine model (MM)
200
V
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not supported.
(2)
See the Output Protection section.
(3)
Short-circuit to ground, one amplifier per package. Exposed thermal die is soldered to the printed circuit board (PCB) using thermal vias.
Refer to Texas Instruments' application report SLAU271, QFN/SON PCB Attachment.
THERMAL INFORMATION
BUF08630
THERMAL METRIC(1)
RGW
UNITS
20 PINS
θJA
Junction-to-ambient thermal resistance
42.4
θJC(top)
Junction-to-case(top) thermal resistance
34.4
θJB
Junction-to-board thermal resistance
10.4
°C/W
ψJT
Junction-to-top characterization parameter
8.2
ψJB
Junction-to-board characterization parameter
42.4
θJC(bottom)
Junction-to-case(bottom) thermal resistance
2.1
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
2
Submit Documentation Feedback
Copyright © 2010–2012, Texas Instruments Incorporated
Product Folder Links: BUF08630


Similar Part No. - BUF08630RGWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BUF08630 TI-BUF08630 Datasheet
430Kb / 8P
[Old version datasheet]   Programmable Gamma-Voltage Generator
More results

Similar Description - BUF08630RGWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BUF08832 TI-BUF08832 Datasheet
800Kb / 30P
[Old version datasheet]   Programmable Gamma-Voltage Generator and High Slew Rate VCOM with Integrated Two-Bank Memory
BUF08832 TI1-BUF08832_14 Datasheet
1Mb / 31P
[Old version datasheet]   Programmable Gamma-Voltage Generator and High Slew Rate VCOM with Integrated Two-Bank Memory
BUF18830 TI1-BUF18830 Datasheet
410Kb / 9P
[Old version datasheet]   Programmable GAMMA-VOLTAGE GENERATOR with Two High Slew Rate VCOMs
logo
Lowpower Semiconductor ...
LP6299 POWER-LP6299 Datasheet
687Kb / 11P
   Programmable Gamma and VCOM Buffers
logo
Texas Instruments
BUF16821 TI-BUF16821_1 Datasheet
813Kb / 30P
[Old version datasheet]   Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
logo
EPCOS
BUF16821 EPCOS-BUF16821 Datasheet
826Kb / 29P
   Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
logo
Burr-Brown (TI)
BUF16820 BURR-BROWN-BUF16820 Datasheet
672Kb / 30P
   14-Channel GAMMA VOLTAGE GENERATOR with Programmable VCOM Outputs and OTP Memory
logo
Texas Instruments
BUF22821 TI-BUF22821 Datasheet
751Kb / 25P
[Old version datasheet]   Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
logo
Burr-Brown (TI)
BUF20800 BURR-BROWN-BUF20800 Datasheet
752Kb / 27P
   18-Channel GAMMA VOLTAGE GENERATOR with Two Programmable VCOM Channels
logo
Texas Instruments
BUF20800-Q1 TI1-BUF20800-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   18-CHANNEL GAMMA VOLTAGE GENERATOR WITH TWO PROGRAMMABLE VCOM CHANNELS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com