Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9786 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9786
Description  16-Bit, 200 MSPS/500 MSPS TxDAC with 2횞/4횞/8횞 Interpolation and Signal Processing
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9786 Datasheet(HTML) 4 Page - Analog Devices

  AD9786 Datasheet HTML 1Page - Analog Devices AD9786 Datasheet HTML 2Page - Analog Devices AD9786 Datasheet HTML 3Page - Analog Devices AD9786 Datasheet HTML 4Page - Analog Devices AD9786 Datasheet HTML 5Page - Analog Devices AD9786 Datasheet HTML 6Page - Analog Devices AD9786 Datasheet HTML 7Page - Analog Devices AD9786 Datasheet HTML 8Page - Analog Devices AD9786 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 60 page
background image
AD9786
Rev. 0 | Page 4 of 60
SPECIFICATIONS
DC SPECIFICATIONS
TMIN to TMAX, AVDD1, AVDD2 = 3.3 V, ACVDD, ADVDD, CLKVDD, DVDD, DRVDD = 2.5 V, IOUTFS = 20 mA, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
RESOLUTION
16
Bits
DC Accuracy1
Integral Nonlinearity
±0.6
LSB
Differential Nonlinearity
±0.3
LSB
ANALOG OUTPUT
Offset Error
±0.015
±0.0175
% of FSR
Gain Error (with Internal Reference)
±1.5
% of FSR
Full-Scale Output Current2
10
20
mA
Output Compliance Range
–1.0
+1.0
V
Output Resistance
10
MΩ
REFERENCE OUTPUT
Reference Voltage
1.15
1.23
1.30
V
Reference Output Current3
1
µA
REFERENCE INPUT
Input Compliance Range
0.1
1.25
V
Reference Input Resistance (Ext Reference Mode)
10
MΩ
Small Signal Bandwith
200
kHz
TEMPERATURE COEFFICIENTS
Unipolar Offset Drift
0
ppm of FSR/°C
Gain Drift (with Internal Reference)
±4
ppm of FSR/°C
Reference Voltage Drift
±30
ppm/°C
POWER SUPPLY
AVDD1, AVDD2
Voltage Range
3.1
3.3
3.5
V
Analog Supply Current (IAVDD1 + IAVDD2)
50
mA
IAVDD1 + IAVDD2 in SLEEP Mode
18
mA
ACVDD, ADVDD
Voltage Range
2.35
2.5
2.65
V
Analog Supply Current (IACVDD + IADVDD)
2.5
mA
CLKVDD
Voltage Range
2.35
2.5
2.65
V
Clock Supply Current (ICLKVDD)
12
mA
DVDD
Voltage Range
2.35
2.5
2.65
V
Digital Supply Current (IDVDD)
52.5
mA
DRVDD
Voltage Range
2.35
2.5/3.3
3.5
V
Digital Supply Current (IDRVDD)
5.3
µA
Nominal Power Dissipation4
1.25
W
OPERATING RANGE
–40
+85
°C
1 Measured at IOUTA driving a virtual ground.
2 Nominal full-scale current, IOUTFS, is 32× the IREF current.
3 Use an external amplifier to drive any external load.
4 Measured under the following conditions: fDATA = 125 MSPS, fDAC = 500 MSPS, 4× interpolation, fDAC/4 modulation, Hilbert Off.


Similar Part No. - AD9786

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9786-EB AD-AD9786-EB Datasheet
1Mb / 56P
   16-Bit, 200 MSPS/500 MSPS TxDAC
REV. B
AD9786BSV AD-AD9786BSV Datasheet
1Mb / 56P
   16-Bit, 200 MSPS/500 MSPS TxDAC
REV. B
AD9786BSVRL AD-AD9786BSVRL Datasheet
1Mb / 56P
   16-Bit, 200 MSPS/500 MSPS TxDAC
REV. B
AD9786BSVZ AD-AD9786BSVZ Datasheet
1Mb / 56P
   16-Bit, 200 MSPS/500 MSPS TxDAC
REV. B
AD9786BSVZRL AD-AD9786BSVZRL Datasheet
1Mb / 56P
   16-Bit, 200 MSPS/500 MSPS TxDAC
REV. B
More results

Similar Description - AD9786

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9784 AD-AD9784 Datasheet
1Mb / 52P
   14-Bit, 200 MSPS/500 MSPS TxDAC with 2횞/4횞/8횞 Interpolation and Signal Processing
Rev. PrC
AD9782 AD-AD9782 Datasheet
1Mb / 52P
   12-Bit, 200 MSPS/500 MSPS TxDAC with 2 x /4 x /8 x Interpolation and Signal Processing
Rev. PrC
AD9786BSVZ AD-AD9786BSVZ Datasheet
1Mb / 56P
   16-Bit, 200 MSPS/500 MSPS TxDAC
REV. B
AD9772A AD-AD9772A_V01 Datasheet
881Kb / 40P
   14-Bit, 160 MSPS TxDAC with 2횞 Interpolation Filter
Rev. C
AD9786 AD-AD9786_15 Datasheet
1Mb / 56P
   16-Bit, 200 MSPS/500 MSPS TxDAC
REV. B
AD9773 AD-AD9773 Datasheet
218Kb / 19P
   12-Bit, 160 MSPS 2횞/4횞/8횞 Interpolating Dual TxDAC D/A Converter
REV. PrA
AD9784 AD-AD9784_15 Datasheet
1Mb / 52P
   14-Bit, 200 MSPS/500 MSPS TxDAC
Rev. PrC
AD9782 AD-AD9782_15 Datasheet
1Mb / 52P
   12-Bit, 200 MSPS/500 MSPS TxDAC
Rev. PrC
AD9775BSVZ AD-AD9775BSVZ Datasheet
1Mb / 56P
   14-Bit, 160 MSPS, 2횞/4횞/8횞 Interpolating Dual TxDAC짰 Digital-to-Analog Converter
Rev. E
logo
NXP Semiconductors
DAC1008D750 NXP-DAC1008D750_11 Datasheet
564Kb / 99P
   Dual 10-bit DAC; up to 750 Msps; 2횞, 4횞 or 8횞 interpolating
Rev. 2-5 January 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com