Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CER0692C Datasheet(PDF) 1 Page - CTS Corporation

Part # CER0692C
Description  Surface mount, silver (Ag) coated ceramic duplexer.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

CER0692C Datasheet(HTML) 1 Page - CTS Corporation

  CER0692C Datasheet HTML 1Page - CTS Corporation CER0692C Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
•High Power
• Low Insertion Loss
• High Attenuation
Description
Surface mount, silver (Ag) coated ceramic
duplexer for use in EGSM applications.
Weight: 192 grams typical
Material: Filter is composed of a ceramic
block plated with Ag and a Bracket made
of nickel silver plated steel.
Filter complies with RoHS standards.
Electrical Specifications
CER0692C
900 MHz Actiplex™ Series Duplexer
Revision B – Origin Date: October 21, 2008 – Revision Date: July 11, 2011
Parameter
Frequency
MHz
Typical
@ 25ºC
Spec over
-40ºC to +85ºC
Low Band Response
Passband Iloss
880 - 915
-1.50
-2.10
Passband Ripple
880 - 915
0.90
1.40
Passband Return Loss @ Low Band
880 - 915
-14.00
-12.00
Passband Return Loss @ Ant
880 - 915
-14.00
-12.00
Attenuation
925 - 960
-48.00
-44.00
High Band Response
Passband Iloss
925 - 960
-1.70
-2.30
Passband Ripple
925 - 960
1.00
1.50
Passband Return Loss @ High Band
925 - 960
-13.00
-11.00
Passband Return Loss @ Ant
925 - 960
-13.00
-11.00
Attenuation
880 - 915
-44.00
-40.00
Isolation
Rejection @ Low Band
880 - 915
-44.00
-40.00
Rejection @ High Band
925 - 960
-48.00
-44.00
Average Power Atenna to High Band port
20 Watt
Peak Power Antenna to High Band Port
200 Watt
Note: Supplier shall test each filter to the critical electrical specifications of the above table.
Any subsequent audits may deviate from in value due to measurement
repeatability among different test systems. Power test will be completed with 50 watts average power in 5 MHz steps across the band. 12 steps total with a 100 millisecond
pulse at each frequency point and a 200 watt peak, 1% duty factor with a 9 microsecond pulse.
Such deviations shall not exceed the following limits:
Specification Allowance
Insertion Loss
0.1 dB
Return Loss
1.0 dB
Stop bands
1.0 d
•“This product is covered by one or more of the following U.S. and foreign patents including: US 4,692,726;US 4,742,562; US 4,800,348;US 4,829,274;US 5,146,193;EP 0573597;DE 0573597;FR 0573597;JP 508149/92;KR 142171;US
5,162,760;US 5,218,329;US 5,250,916;US 5,327,109;US 5,488,335;CA 2114029;FR 9306297;GB 2273393;JP 3205337;KR 115113;CN 93106228.4;US 5,512,866;EP 0706719;DE 0706719;FR 0706719;GB 0706719;CN 95190359.4;US
5,602,518;US 5,721,520;US 5,745,018;EP 0910875;DE 0910875;DK 0910875;FR 0910875;GB 0910875;IE 0910875;JP 505182/98;KR 10-323013;US 5,994,978;US 6,462,629;CN 00810420.4;US 6,559,735;US 6,650,202;US 6,834,429.Other
US and foreign patents pending.
•CTS Corporation 2006 reserves all copyrights in the layout, design and configuration of the patterns on this product.”
Document No. 008-0256-0
Page 1 of 2
Rev. X4VH
- CTS Electronic Components - www.ctscorp.com - 4800 Alameda Blvd. NE – Albuquerque, NM 87113-


Similar Part No. - CER0692C

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
CER0690C CTS-CER0690C Datasheet
399Kb / 2P
   Surface mount, silver (Ag) coated ceramic duplexer
CER0691C CTS-CER0691C Datasheet
411Kb / 2P
   Surface mount, silver (Ag) coated ceramic duplexer.
CER0694A CTS-CER0694A Datasheet
148Kb / 2P
   Surface mount, silver (Ag) coated ceramic duplexer
More results

Similar Description - CER0692C

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
DPX0528A CTS-DPX0528A Datasheet
176Kb / 2P
   Surface mount, silver (Ag) coated ceramic DUPlexer
KFF7118A CTS-KFF7118A Datasheet
92Kb / 2P
   Surface mount, silver (Ag) coated ceramic duplexer
CER0335A CTS-CER0335A Datasheet
72Kb / 2P
   Surface mount, silver (Ag) coated ceramic duplexer
CER0472A CTS-CER0472A Datasheet
96Kb / 2P
   Surface mount, silver (Ag) coated ceramic duplexer.
CER0496C CTS-CER0496C Datasheet
96Kb / 2P
   Surface mount, silver (Ag) coated ceramic duplexer.
CER0668A CTS-CER0668A Datasheet
93Kb / 2P
   Surface mount, silver (Ag) coated ceramic duplexer.
CER0237C CTS-CER0237C Datasheet
74Kb / 2P
   Surface mount, silver (Ag) coated ceramic duplexer.
CER0395A CTS-CER0395A Datasheet
309Kb / 2P
   Surface mount, silver (Ag) coated ceramic duplexer.
CER0439A CTS-CER0439A Datasheet
176Kb / 2P
   Surface mount, silver (Ag) coated ceramic duplexer.
CER0613A CTS-CER0613A Datasheet
90Kb / 2P
   Surface mount, silver (Ag) coated ceramic duplexer.
KFF6637C CTS-KFF6637C Datasheet
148Kb / 2P
   Surface mount, silver (Ag) coated ceramic duplexer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com