Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLW44SN242SK2 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # DLW44SN242SK2
Description  Operating Temperature Range
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DLW44SN242SK2 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  DLW44SN242SK2 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. DLW44SN242SK2 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. DLW44SN242SK2 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Search Data Sheet
DLW44SN242SK2#
“#” indicates a package specification code.
Specifications
Shape
SMD
Size Code (in mm)
4040
Size Code (in inch)
1515
Length
4.0mm
Length Tolerance
±0.2mm
Width
4.0mm
Width Tolerance
±0.2mm
Thickness
1.4mm
Thickness Tolerance
±0.1mm
Common Mode Impedance (at
100MHz)
2400Ω
Common Mode Impedance (at
100MHz) Tolerance
(Typ.)
Rated Current
1.4A
Rated Voltage
60Vdc
Withstanding Voltage
150Vdc
DC Resistance(max.)
0.105Ω
DC Resistance
0.075Ω±40%
Insulation Resistance(min.)
10MΩ
Operating Temperature Range
-
40
to
105
Mass(typ.)
0.086g
Number of Circuit
1
Operating Temperature Range(Self-
temperature rise is included)
No
2 of 3
Atten ti o n
1.T his datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. T herefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.T his datasheet has only typical specifications because there is no space for detailed specifications.
T herefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last
updated 2016/08/01


Similar Part No. - DLW44SN242SK2

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DLW44SN242SK2 MURATA1-DLW44SN242SK2 Datasheet
400Kb / 3P
   Low profile(h=1.5mm max.)
Last updated08/01/2022
DLW44SN242SK2B MURATA1-DLW44SN242SK2B Datasheet
400Kb / 3P
   Low profile(h=1.5mm max.)
Last updated08/01/2022
DLW44SN242SK2K MURATA1-DLW44SN242SK2K Datasheet
400Kb / 3P
   Low profile(h=1.5mm max.)
Last updated08/01/2022
DLW44SN242SK2L MURATA1-DLW44SN242SK2L Datasheet
400Kb / 3P
   Low profile(h=1.5mm max.)
Last updated08/01/2022
DLW44SN242SK2 MURATA1-DLW44SN242SK2_V01 Datasheet
400Kb / 3P
   Low profile(h=1.5mm max.)
Last updated08/01/2022
More results

Similar Description - DLW44SN242SK2

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM0115C1ER30CE01 MURATA-GRM0115C1ER30CE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1ER40BE01 MURATA-GRM0115C1ER40BE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1ER60BE01 MURATA-GRM0115C1ER60BE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1ER80BE01 MURATA-GRM0115C1ER80BE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1E9R5CE01 MURATA-GRM0115C1E9R5CE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0222C1E2R3BDAE MURATA-GRM0222C1E2R3BDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E2R6BDAE MURATA-GRM0222C1E2R6BDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E2R6WDAE MURATA-GRM0222C1E2R6WDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E3R4BDAE MURATA-GRM0222C1E3R4BDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E3R7WDAE MURATA-GRM0222C1E3R7WDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E330GA02 MURATA-GRM0222C1E330GA02 Datasheet
92Kb / 2P
   Operating temperature range
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com