Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS16F95 Datasheet(PDF) 2 Page - Texas Instruments

Part # DS16F95
Description  DS16F95, DS36F95 EIA-485/EIA-422A Differential Bus Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS16F95 Datasheet(HTML) 2 Page - Texas Instruments

  DS16F95_16 Datasheet HTML 1Page - Texas Instruments DS16F95_16 Datasheet HTML 2Page - Texas Instruments DS16F95_16 Datasheet HTML 3Page - Texas Instruments DS16F95_16 Datasheet HTML 4Page - Texas Instruments DS16F95_16 Datasheet HTML 5Page - Texas Instruments DS16F95_16 Datasheet HTML 6Page - Texas Instruments DS16F95_16 Datasheet HTML 7Page - Texas Instruments DS16F95_16 Datasheet HTML 8Page - Texas Instruments DS16F95_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
OBSOLETE
DS16F95, DS36F95
SNLS392D – JUNE 1998 – REVISED APRIL 2013
www.ti.com
Logic Diagram
Function Tables
Table 1. Driver(1)
Driver Input
Enable
Outputs
DI
DE
A
B
H
H
H
L
L
H
L
H
X
L
Z
Z
(1)
H = High Level
L = Low Level
X = Immaterial
Z = High Impedance (Off)
Table 2. Receiver(1)
Differential Inputs
Enable
Output
A–B
RE
RO
VID ≥ 0.2V
L
H
VID ≤ −0.2V
L
L
X
H
Z
(1)
H = High Level
L = Low Level
X = Immaterial
Z = High Impedance (Off)
2
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: DS16F95 DS36F95


Similar Part No. - DS16F95_16

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS16F95A NSC-DS16F95A Datasheet
363Kb / 10P
   TIA/EIA-485-A (RS-485) Extended Temperature Differential Bus Transceiver
DS16F95AJA NSC-DS16F95AJA Datasheet
363Kb / 10P
   TIA/EIA-485-A (RS-485) Extended Temperature Differential Bus Transceiver
DS16F95E/883 NSC-DS16F95E/883 Datasheet
274Kb / 14P
   EIA-485/EIA-422A Differential Bus Transceiver
DS16F95E/883 NSC-DS16F95E/883 Datasheet
745Kb / 16P
   EIA-485/EIA-422A Differential Bus Transceiver
logo
Texas Instruments
DS16F95E/883 TI1-DS16F95E/883 Datasheet
520Kb / 19P
[Old version datasheet]   EIA-485/EIA-422A Differential Bus Transceiver
More results

Similar Description - DS16F95_16

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS16F95QML NSC-DS16F95QML Datasheet
745Kb / 16P
   EIA-485/EIA-422A Differential Bus Transceiver
DS16F95 NSC-DS16F95 Datasheet
274Kb / 14P
   EIA-485/EIA-422A Differential Bus Transceiver
logo
Texas Instruments
DS16F95QML TI1-DS16F95QML_16 Datasheet
520Kb / 19P
[Old version datasheet]   EIA-485/EIA-422A Differential Bus Transceiver
logo
National Semiconductor ...
DS16F95A NSC-DS16F95A Datasheet
363Kb / 10P
   TIA/EIA-485-A (RS-485) Extended Temperature Differential Bus Transceiver
logo
Texas Instruments
DS96F172MQML TI1-DS96F172MQML_13 Datasheet
472Kb / 14P
[Old version datasheet]   EIA-485/EIA-422 Quad Differential Drivers
logo
National Semiconductor ...
DS96F172M NSC-DS96F172M Datasheet
717Kb / 11P
   EIA-485/EIA-422 Quad Differential Drivers
logo
Texas Instruments
DS96F173MQML TI1-DS96F173MQML Datasheet
467Kb / 14P
[Old version datasheet]   DS96F173MQML/DS96F175MQML EIA-485/EIA-422 Quad Differential Receivers
DS96F172MQML TI1-DS96F172MQML Datasheet
381Kb / 14P
[Old version datasheet]   DS96F172MQML/DS96F174MQML EIA-485/EIA-422 Quad Differential Drivers
DS96F173MQML TI1-DS96F173MQML_13 Datasheet
445Kb / 14P
[Old version datasheet]   DS96F173MQML/DS96F175MQML EIA-485/EIA-422 Quad Differential Receivers
DS96F174MQML TI-DS96F174MQML_15 Datasheet
445Kb / 14P
[Old version datasheet]   DS96F172MQML/DS96F174MQML EIA-485/EIA-422 Quad Differential Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com