Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP8212N Datasheet(PDF) 3 Page - Texas Instruments

Part # DP8212N
Description  DP8212/DP8212M 8-Bit Input/Output Port
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP8212N Datasheet(HTML) 3 Page - Texas Instruments

  DP8212N Datasheet HTML 1Page - Texas Instruments DP8212N Datasheet HTML 2Page - Texas Instruments DP8212N Datasheet HTML 3Page - Texas Instruments DP8212N Datasheet HTML 4Page - Texas Instruments DP8212N Datasheet HTML 5Page - Texas Instruments DP8212N Datasheet HTML 6Page - Texas Instruments DP8212N Datasheet HTML 7Page - Texas Instruments DP8212N Datasheet HTML 8Page - Texas Instruments DP8212N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Storage Temperature
b
65 Cto a160 C
All Output or Supply Voltages
b
05V to a7V
All Input Voltages
b
10V to 55V
Output Currents
125 mA
Maximum Power Dissipation at 25 C
Cavity Package
1903 mW
Molded Package
2005 mW
Derate cavity package 127 mW C above 25 C derate molded package
160 mW C above 25 C
Operating Conditions
Min
Max
Units
Supply Voltage (VCC)
DP8212M
450
550
VDC
DP8212
475
525
VDC
Operating Temperaure (TA)
DP8212M
b
55
a
125
C
DP8212
0
a
75
C
Note
Maximum ratings indicate limits beyond which perma-
nent damage may occur Continuous operation at these lim-
its is not intended and should be limited to those conditions
specified under DC electrical characteristics
Electrical Characteristics Min s TA s Max Min s VCC s Max unless otherwise noted
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IF
Input Load Current
VF e 045V
b
025
mA
STB DS2 CLR DI1–DI8 Inputs
IF
Input Load Current MD Input
VF e 045V
b
075
mA
IF
Input Load Current DS1 Input
VF e 045V
b
10
mA
IR
Input Leakage Current
VR e VCC Max
10
m
A
STB DS2 CLR DI1–DI8 Inputs
IR
Input Leakage Current MD Input
VR e VCC Max
30
m
A
IR
Input Leakage Current DS1 Input
VR e VCC Max
40
m
A
VC
Input Forward Voltage Clamp
IC eb5mA
b
1V
VIL
Input ‘‘Low’’ Voltage
DP8212M
008
V
DP8212
085
V
VIH
Input ‘‘High’’ Voltage
20
V
VOL
Output ‘‘Low’’ Voltage
IOL e 10 mA
DP8212M
045
V
IOL e 15 mA
DP8212
045
V
VOH
Output ‘‘High’’ Voltage
IOH e 05 mA
DP8212M
340
40
V
IOH e 10 mA
DP8212
365
40
V
ISC
Short-Circuit Output Current
VO e 0V VCC e 5V
b
15
b
75
mA
lIOl
Output Leakage Current High
VO e 045VVCC Max
20
m
A
Impedance State
ICC
Power Supply Current
DP8212M
90
145
mA
DP8212
90
130
mA
Capacitance F e 1 MHz VBIAS e 25V VCC e 5V TA e 25 C
Symbol
Parameter
Min
Typ
Max
Units
CIN
DS1 MD Input Capacitance
9
12
pF
CIN
DS2 CLR STB DI1–DI8 Input Capacitance
5
9
pF
COUT
DO1 – DO8 Output Capacitance
8
12
pF
This parameter is sampled and not 100% tested
2


Similar Part No. - DP8212N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP8212N NSC-DP8212N Datasheet
189Kb / 10P
   8-Bit Input/Output Port
More results

Similar Description - DP8212N

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
M8212 INTEL-M8212 Datasheet
153Kb / 5P
   8-BIT INPUT/OUTPUT PORT
logo
National Semiconductor ...
MM82PC12 NSC-MM82PC12 Datasheet
189Kb / 8P
   8-Bit Input/Output Port
DP8212 NSC-DP8212 Datasheet
189Kb / 10P
   8-Bit Input/Output Port
logo
Intersil Corporation
CDP68HC68P1 INTERSIL-CDP68HC68P1 Datasheet
253Kb / 9P
   CMOS Serial 8-Bit Input/Output Port
HS-82C12RH INTERSIL-HS-82C12RH_00 Datasheet
67Kb / 6P
   Radiation Hardened 8-Bit Input/Output Port
HS-82C12RH INTERSIL-HS-82C12RH Datasheet
49Kb / 8P
   Radiation Hardened 8-Bit Input/Output Port
logo
NTE Electronics
NTE8212 NTE-NTE8212 Datasheet
28Kb / 4P
   Integrated Circuit Schottky, 8-Bit Input/Output Port
logo
Rohm
BA823F ROHM-BA823F Datasheet
152Kb / 6P
   8-Bit Serial-Input Parallel-Output Driver
logo
Wolfson Microelectronic...
WM2627 WOLFSON-WM2627 Datasheet
107Kb / 11P
   Quad 8-Bit Serial Input Voltage Output DAC
logo
Integral Corp.
IN74ACT164 INTEGRAL-IN74ACT164 Datasheet
166Kb / 5P
   8-BIT SERIAL-INPUT/PARALLEL-OUTPUT SHIFT REGISTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com