Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP8212N Datasheet(PDF) 7 Page - Texas Instruments

Part # DP8212N
Description  DP8212/DP8212M 8-Bit Input/Output Port
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP8212N Datasheet(HTML) 7 Page - Texas Instruments

Back Button DP8212N Datasheet HTML 3Page - Texas Instruments DP8212N Datasheet HTML 4Page - Texas Instruments DP8212N Datasheet HTML 5Page - Texas Instruments DP8212N Datasheet HTML 6Page - Texas Instruments DP8212N Datasheet HTML 7Page - Texas Instruments DP8212N Datasheet HTML 8Page - Texas Instruments DP8212N Datasheet HTML 9Page - Texas Instruments DP8212N Datasheet HTML 10Page - Texas Instruments DP8212N Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Logic Tables
Logic Table A
STB
MD
(DS1DS2)
Data Out
Equals
0
0
0
TRI-STATE
1
0
0
TRI-STATE
0
1
0
DATA LATCH
1
1
0
DATA LATCH
0
0
1
DATA LATCH
1
0
1
DATA IN
0
1
1
DATA IN
1
1
1
DATA IN
CLR
K resets data latch to the output low state
The data latch clock is level sensitive a low level clock latches the data
Logic Table B
CLR
(DS1DS2)
STB
Q
INT
0 RESET
0
0
0
1
10
0
0
1
10
K
10
1
1 RESET
0
0
0
10
0
0
1
Internal Service Request flip-flop
Functional Pin Definitions
The following describes the function of all the DP8212
DP8212M inputoutput pins Some of these descriptions
reference internal circuits
INPUT SIGNALS
Device Select (DS1 DS2) When DS1 is low and DS2 is
high the device is selected The output buffers are enabled
and the service request flip-flop is asynchronously reset
(cleared) when the device is selected
Mode (MD)
When high (output mode) the output buffers
are enabled and the source of the data latch clock input is
the device selection logic (DS1  DS2) When low (input
mode) the state of the output buffers is determined by the
device selection logic (DS1  DS2) and the source of the
data latch clock input is the strobe (STB) input
Strobe (STB)
Used as data latch clock input when the
mode (MD) input is low (input mode) Also used to synchro-
nously set the service request flip-flop which is negative
edge triggered
Data In (DI1–DI8) Eight-bit data input to the data latch
which consists of eight D-type flip-flops Incorporating a lev-
el sensitive clock while the data latch clock input is high the
Q output of each flip-flop follows the data input When the
clock input returns low the data latch stores the data input
The clock input high overrides the clear (CLR) input data
latch reset
Clear (CLR)
When low asynchronously resets (clears) the
data latch and the service request flip-flop The service re-
quest flip-flop is in the non-interrupting state when reset
OUTPUT SIGNALS
Interrupt (INT)
Goes low (interrupting state) when either
the service request flip-flop is synchronously set by the
strobe (STB) input or the device is selected
Data Out (DO1–DO8) Eight-bit data output of data buffers
which are TRI-STATE non-inverting stages These buffers
have a common control line that either enables the buffers
to transmit the data from the data latch outputs or disables
the buffers by placing them in the high-impedance state
Connection Diagram
Dual-In-Line Package
TLF6824 – 6
Top View
Order Number DP8212J DP8212N
or DP8212MJ
See NS Package Number J24A or N24A
6


Similar Part No. - DP8212N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP8212N NSC-DP8212N Datasheet
189Kb / 10P
   8-Bit Input/Output Port
More results

Similar Description - DP8212N

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
M8212 INTEL-M8212 Datasheet
153Kb / 5P
   8-BIT INPUT/OUTPUT PORT
logo
National Semiconductor ...
MM82PC12 NSC-MM82PC12 Datasheet
189Kb / 8P
   8-Bit Input/Output Port
DP8212 NSC-DP8212 Datasheet
189Kb / 10P
   8-Bit Input/Output Port
logo
Intersil Corporation
CDP68HC68P1 INTERSIL-CDP68HC68P1 Datasheet
253Kb / 9P
   CMOS Serial 8-Bit Input/Output Port
HS-82C12RH INTERSIL-HS-82C12RH_00 Datasheet
67Kb / 6P
   Radiation Hardened 8-Bit Input/Output Port
HS-82C12RH INTERSIL-HS-82C12RH Datasheet
49Kb / 8P
   Radiation Hardened 8-Bit Input/Output Port
logo
NTE Electronics
NTE8212 NTE-NTE8212 Datasheet
28Kb / 4P
   Integrated Circuit Schottky, 8-Bit Input/Output Port
logo
Rohm
BA823F ROHM-BA823F Datasheet
152Kb / 6P
   8-Bit Serial-Input Parallel-Output Driver
logo
Wolfson Microelectronic...
WM2627 WOLFSON-WM2627 Datasheet
107Kb / 11P
   Quad 8-Bit Serial Input Voltage Output DAC
logo
Integral Corp.
IN74ACT164 INTEGRAL-IN74ACT164 Datasheet
166Kb / 5P
   8-BIT SERIAL-INPUT/PARALLEL-OUTPUT SHIFT REGISTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com