Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS25CP152Q Datasheet(PDF) 3 Page - Texas Instruments

Part # DS25CP152Q
Description  DS25CP152Q Automotive 3.125 Gbps LVDS 2x2 Crosspoint Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS25CP152Q Datasheet(HTML) 3 Page - Texas Instruments

  DS25CP152Q Datasheet HTML 1Page - Texas Instruments DS25CP152Q Datasheet HTML 2Page - Texas Instruments DS25CP152Q Datasheet HTML 3Page - Texas Instruments DS25CP152Q Datasheet HTML 4Page - Texas Instruments DS25CP152Q Datasheet HTML 5Page - Texas Instruments DS25CP152Q Datasheet HTML 6Page - Texas Instruments DS25CP152Q Datasheet HTML 7Page - Texas Instruments DS25CP152Q Datasheet HTML 8Page - Texas Instruments DS25CP152Q Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
DS25CP152Q
www.ti.com
SNLS294E – MAY 2008 – REVISED APRIL 2013
Absolute Maximum Ratings
(1) (2)
Supply Voltage
−0.3V to +4V
LVCMOS Input Voltage
−0.3V to (VCC + 0.3V)
LVDS Input Voltage
−0.3V to +4V
Differential Input Voltage |VID|
1.0V
LVDS Output Voltage
−0.3V to (VCC + 0.3V)
LVDS Differential Output Voltage
0V to 1.0V
LVDS Output Short Circuit Current Duration
5 ms
Junction Temperature
+105°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature Range
Soldering (4 sec.)
+260°C
Maximum Package Power Dissipation at 25°C
RGH0016A Package
1.91W
Derate RGH0016A Package
23.9 mW/°C above +25°C
Package Thermal Resistance
θJA
+41.8°C/W
θJC
+6.9°C/W
ESD Susceptibility
HBM (3)
≥8 kV
MM (4)
≥250V
CDM (5)
≥1250V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur, including inoperability and degradation of
device reliability and/or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum Ratings or
other conditions beyond those indicated in the Recommended Operating Conditions is not implied. The Recommended Operating
Conditions indicate conditions at which the device is functional and the device should not be operated beyond such conditions.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications.
(3)
Human Body Model, applicable std. JESD22-A114C
(4)
Machine Model, applicable std. JESD22-A115-A
(5)
Field Induced Charge Device Model, applicable std. JESD22-C101-C
Recommended Operating Conditions
Min
Typ
Max
Units
Supply Voltage (VCC)
3.0
3.3
3.6
V
Receiver Differential Input Voltage (VID)
0
1
V
Operating Free Air Temperature (TA)
−40
+25
+85
°C
DC Electrical Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified.
(1) (2) (3)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
LVCMOS DC SPECIFICATIONS
VIH
High Level Input Voltage
2.0
VCC
V
VIL
Low Level Input Voltage
GND
0.8
V
IIH
High Level Input Current
VIN = 3.6V
40
175
250
μA
VCC = 3.6V
IIL
Low Level Input Current
VIN = GND
0
±10
μA
VCC = 3.6V
(1)
The Electrical Characteristics tables list ensure specifications under the listed Recommended Operating Conditions except as otherwise
modified or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations only and are not
ensured.
(2)
Current into device pins is defined as positive. Current out of device pins is defined as negative. All voltages are referenced to ground
except VOD and ΔVOD.
(3)
Typical values represent most likely parametric norms for VCC = +3.3V and TA = +25°C, and at the Recommended Operating Conditions
at the time of product characterization and are not ensured.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: DS25CP152Q


Similar Part No. - DS25CP152Q

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS25CP152Q NSC-DS25CP152Q Datasheet
265Kb / 12P
   Automotive 3.125 Gbps LVDS 2x2 Crosspoint Switch
logo
Texas Instruments
DS25CP152Q TI1-DS25CP152Q Datasheet
997Kb / 17P
[Old version datasheet]   DS25CP152Q Automotive 3.125 Gbps LVDS 2x2 Crosspoint Switch
logo
National Semiconductor ...
DS25CP152QSQ NSC-DS25CP152QSQ Datasheet
265Kb / 12P
   Automotive 3.125 Gbps LVDS 2x2 Crosspoint Switch
logo
Texas Instruments
DS25CP152QSQNOPB TI1-DS25CP152QSQNOPB Datasheet
997Kb / 17P
[Old version datasheet]   DS25CP152Q Automotive 3.125 Gbps LVDS 2x2 Crosspoint Switch
DS25CP152QSQXNOPB TI1-DS25CP152QSQXNOPB Datasheet
997Kb / 17P
[Old version datasheet]   DS25CP152Q Automotive 3.125 Gbps LVDS 2x2 Crosspoint Switch
More results

Similar Description - DS25CP152Q

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS25CP152Q TI1-DS25CP152Q_14 Datasheet
997Kb / 17P
[Old version datasheet]   DS25CP152Q Automotive 3.125 Gbps LVDS 2x2 Crosspoint Switch
logo
National Semiconductor ...
DS25CP152Q NSC-DS25CP152Q Datasheet
265Kb / 12P
   Automotive 3.125 Gbps LVDS 2x2 Crosspoint Switch
DS25CP152 NSC-DS25CP152 Datasheet
272Kb / 12P
   3.125 Gbps LVDS 2x2 Crosspoint Switch
logo
Texas Instruments
DS25CP152 TI1-DS25CP152_14 Datasheet
998Kb / 17P
[Old version datasheet]   DS25CP152 3.125 Gbps LVDS 2x2 Crosspoint Switch
DS25CP152 TI1-DS25CP152_15 Datasheet
998Kb / 17P
[Old version datasheet]   DS25CP152 3.125 Gbps LVDS 2x2 Crosspoint Switch
logo
National Semiconductor ...
DS10CP152Q NSC-DS10CP152Q_09 Datasheet
301Kb / 12P
   Automotive 1.5 Gbps 2X2 LVDS Crosspoint Switch
DS10CP152Q NSC-DS10CP152Q Datasheet
271Kb / 12P
   Automotive 1.5 Gbps 2X2 LVDS Crosspoint Switch
logo
Texas Instruments
DS10CP152 TI1-DS10CP152_14 Datasheet
767Kb / 16P
[Old version datasheet]   Gbps 2X2 LVDS Crosspoint Switch
DS10CP152Q TI1-DS10CP152Q_14 Datasheet
771Kb / 15P
[Old version datasheet]   Automotive 1.5 Gbps 2X2 LVDS Crosspoint Switch
DS10CP152QMA TI-DS10CP152QMA Datasheet
746Kb / 15P
[Old version datasheet]   DS10CP152Q Automotive 1.5 Gbps 2X2 LVDS Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com