Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS32EL0124 Datasheet(PDF) 1 Page - Texas Instruments

Part # DS32EL0124
Description  DS32EL0124 , DS32ELX0124 125 MHz - 312.5 MHz FPGA-Link Deserializer with DDR LVDS Parallel Interface
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS32EL0124 Datasheet(HTML) 1 Page - Texas Instruments

  DS32EL0124_15 Datasheet HTML 1Page - Texas Instruments DS32EL0124_15 Datasheet HTML 2Page - Texas Instruments DS32EL0124_15 Datasheet HTML 3Page - Texas Instruments DS32EL0124_15 Datasheet HTML 4Page - Texas Instruments DS32EL0124_15 Datasheet HTML 5Page - Texas Instruments DS32EL0124_15 Datasheet HTML 6Page - Texas Instruments DS32EL0124_15 Datasheet HTML 7Page - Texas Instruments DS32EL0124_15 Datasheet HTML 8Page - Texas Instruments DS32EL0124_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
DS32EL0124, DS32ELX0124
www.ti.com
SNLS284K – MAY 2008 – REVISED APRIL 2013
DS32EL0124 , DS32ELX0124 125 MHz - 312.5 MHz FPGA-Link Deserializer with DDR LVDS
Parallel Interface
Check for Samples: DS32EL0124, DS32ELX0124
1
FEATURES
KEY SPECIFICATIONS
2
5-bit DDR LVDS Parallel Data Interface
1.25 to 3.125 Gbps Serial Data Rate
Programmable Receive Equalization
125 to 312.5 MHz DDR Parallel Clock
Selectable DC-Balance Decoder
-40° to +85°C Temperature Range
Selectable De-Scrambler
> 8 kV ESD (HBM) Protection
Remote Sense for Automatic Detection and
0.5 UI Minimum Input Jitter Tolerance (1.25
Negotiation of Link Status
Gbps)
No External Receiver Reference Clock
DESCRIPTION
Required
The DS32EL0124/DS32ELX0124 integrates clock
LVDS Parallel Interface
and data recovery modules for high-speed serial
Programmable LVDS Output Clock Delay
communication
over
FR-4
printed
circuit
board
Supports Output Data-Valid Signaling
backplanes, balanced cables, and optical fiber. This
easy-to-use chipset integrates advanced signal and
Supports Keep-Alive Clock Output
clock conditioning functions, with an FPGA friendly
On Chip LC VCOs
interface.
Redundant Serial Input (ELX device only)
The DS32EL0124/DS32ELX0124 deserializes up to
Retimed Serial Output (ELX device only)
3.125 Gbps of high speed serial data to 5 LVDS
Configurable PLL Loop Bandwidth
outputs without the need for an external reference
clock.
With
DC-balance
decoding
enabled,
the
Configurable via SMBus
application payload of 2.5 Gbps is deserialized to 4
Loss of Lock and Error Reporting
LVDS outputs.
48-pin WQFN Package with Exposed DAP
The
DS32EL0124/DS32ELX01214
deserializers
feature a remote sense capability to automatically
APPLICATIONS
signal
link
status
conditions
to
its
companion
Imaging: Industrial, Medical Security, Printers
DS32EL0421/ELX0421 serializers without requiring
an additional feedback path.
Displays: LED Walls, Commercial
The parallel LVDS interface of these devices reduce
Video Transport
FPGA I/O pins, board trace count and alleviates EMI
Communication Systems
issues, when compared to traditional single-ended
Test and Measurement
wide bus interfaces.
Industrial Bus
The DS32EL0124/ELX0124 is programmable through
a SMBus interface as well as through control pins.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DS32EL0124_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS32EL0124SQ NSC-DS32EL0124SQ Datasheet
1Mb / 28P
   125 MHz- 312.5 MHz FPGA-Link Deserializer with DDR LVDS Parallel Interface
DS32EL0124SQE NSC-DS32EL0124SQE Datasheet
1Mb / 28P
   125 MHz- 312.5 MHz FPGA-Link Deserializer with DDR LVDS Parallel Interface
DS32EL0124SQX NSC-DS32EL0124SQX Datasheet
1Mb / 28P
   125 MHz- 312.5 MHz FPGA-Link Deserializer with DDR LVDS Parallel Interface
DS32EL0124_0807 NSC-DS32EL0124_0807 Datasheet
490Kb / 26P
   125 MHz . 312.5 MHz Deserializer with DDR LVDS Parallel Interface
DS32EL0124 NSC-DS32EL0124_09 Datasheet
1Mb / 28P
   125 MHz- 312.5 MHz FPGA-Link Deserializer with DDR LVDS Parallel Interface
More results

Similar Description - DS32EL0124_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS32EL0124 NSC-DS32EL0124_09 Datasheet
1Mb / 28P
   125 MHz- 312.5 MHz FPGA-Link Deserializer with DDR LVDS Parallel Interface
DS32EL0421 NSC-DS32EL0421_09 Datasheet
1Mb / 28P
   125-312.5 MHz FPGA-Link Serializer with DDR LVDS Parallel Interface
DS32EL0124 NSC-DS32EL0124 Datasheet
459Kb / 24P
   125 MHz - 312.5 MHz Deserializer with DDR LVDS Parallel Interface
DS32EL0124_0807 NSC-DS32EL0124_0807 Datasheet
490Kb / 26P
   125 MHz . 312.5 MHz Deserializer with DDR LVDS Parallel Interface
logo
Texas Instruments
DS32EL0421 TI1-DS32EL0421_15 Datasheet
2Mb / 32P
[Old version datasheet]   DS32EL0421 , DS32ELX0421 125 - 312.5 MHz FPGA-Link Serializer with DDR LVDS Parallel Interface
logo
National Semiconductor ...
DS32EL0421_0807 NSC-DS32EL0421_0807 Datasheet
536Kb / 26P
   125 - 312.5 MHz Serializer with DDR LVDS Parallel LVDS Interface
DS32EL0421 NSC-DS32EL0421 Datasheet
522Kb / 26P
   125 - 312.5 MHz Serializer with DDR LVDS Parallel LVDS Interface
logo
Texas Instruments
DS92LV0421 TI1-DS92LV0421_14 Datasheet
1Mb / 49P
[Old version datasheet]   10 - 75 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
DS92LV0421 TI1-DS92LV0421_15 Datasheet
1Mb / 48P
[Old version datasheet]   10 - 75 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
logo
National Semiconductor ...
DS92LV0421 NSC-DS92LV0421 Datasheet
998Kb / 40P
   10 - 75 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com