Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS32EL0421 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DS32EL0421
Description  DS32EL0421 , DS32ELX0421 125 - 312.5 MHz FPGA-Link Serializer with DDR LVDS Parallel Interface
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS32EL0421 Datasheet(HTML) 1 Page - Texas Instruments

  DS32EL0421 Datasheet HTML 1Page - Texas Instruments DS32EL0421 Datasheet HTML 2Page - Texas Instruments DS32EL0421 Datasheet HTML 3Page - Texas Instruments DS32EL0421 Datasheet HTML 4Page - Texas Instruments DS32EL0421 Datasheet HTML 5Page - Texas Instruments DS32EL0421 Datasheet HTML 6Page - Texas Instruments DS32EL0421 Datasheet HTML 7Page - Texas Instruments DS32EL0421 Datasheet HTML 8Page - Texas Instruments DS32EL0421 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
DS32EL0421, DS32ELX0421
www.ti.com
SNLS282F – MAY 2008 – REVISED APRIL 2013
DS32EL0421 , DS32ELX0421 125 - 312.5 MHz FPGA-Link Serializer with DDR LVDS
Parallel Interface
Check for Samples: DS32EL0421, DS32ELX0421
1
FEATURES
DESCRIPTION
The DS32EL0421/DS32ELX0421 is a 125 MHz to
2
5-bit DDR LVDS Parallel Data Interface
312.5 MHz (DDR) serializer for high-speed serial
Programmable Transmit De-emphasis
transmission
over
FR-4
printed
circuit
board
Configurable Output Levels (VOD)
backplanes, balanced cables, and optical fiber. This
easy-to-use chipset integrates advanced signal and
Selectable DC-balanced Encoder
clock conditioning functions, with an FPGA friendly
Selectable Data Scrambler
interface.
Remote Sense for Automatic Detection and
The DS32EL0421/DS32ELX0421 serializes up to 5
Negotiation of Link Status
parallel input LVDS channels to create a maximum
On Chip LC VCOs
data payload of 3.125 Gbps. If the integrated DC-
Redundant Serial Output (ELX device only)
balance encoding is enabled, the maximum data
payload achievable is 2.5 Gbps.
Data Valid Signaling to Assist with
Synchronization of Multiple Receivers
The DS32EL0421/DS32ELX0421 serializers feature
remote sense capability to automatically detect and
Supports AC- and DC-coupled Signaling
negotiate
link
status
with
its
companion
Integrated CML and LVDS Terminations
DS32EL0124/DS32ELX0124
deserializers
without
Configurable PLL Loop Bandwidth
requiring an additional feedback path.
Programmable Output Termination (50
Ω or
The parallel LVDS interface reduces FPGA I/O pins,
75
Ω).
board trace count and alleviates EMI issues, when
Built-in Test Pattern Generator
compared
to
traditional
single-ended
wide
bus
interfaces.
Loss of Lock and Error Reporting
Configurable via SMBus
The DS32EL0421/DS32ELX0421 is programmable
through a SMBus interface as well as through control
48-pin WQFN Package with Exposed DAP
pins.
TARGET APPLICATIONS
Imaging: Industrial, Medical Security, Printers
Displays: LED Walls, Commercial
Video Transport
Communication Systems
Test and Measurement
Industrial Bus
KEY SPECIFICATIONS
1.25 to 3.125 Gbps Serial Data Rate
125 to 312.5 MHz DDR Parallel Clock
-40° to +85°C Temperature Range
>8 kV ESD (HBM) Protection
Low Intrinsic Jitter — 35ps at 3.125 Gbps
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DS32EL0421

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS32EL0421 NSC-DS32EL0421 Datasheet
522Kb / 26P
   125 - 312.5 MHz Serializer with DDR LVDS Parallel LVDS Interface
DS32EL0421 NSC-DS32EL0421 Datasheet
536Kb / 26P
   125 - 312.5 MHz Serializer with DDR LVDS Parallel LVDS Interface
DS32EL0421 NSC-DS32EL0421 Datasheet
1Mb / 28P
   125-312.5 MHz FPGA-Link Serializer with DDR LVDS Parallel Interface
logo
Texas Instruments
DS32EL0421 TI1-DS32EL0421 Datasheet
2Mb / 32P
[Old version datasheet]   5-bit DDR LVDS Parallel Data Interface
DS32EL0421SQ TI1-DS32EL0421SQ Datasheet
2Mb / 32P
[Old version datasheet]   5-bit DDR LVDS Parallel Data Interface
More results

Similar Description - DS32EL0421

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS32EL0421 NSC-DS32EL0421_09 Datasheet
1Mb / 28P
   125-312.5 MHz FPGA-Link Serializer with DDR LVDS Parallel Interface
DS32EL0124 NSC-DS32EL0124_09 Datasheet
1Mb / 28P
   125 MHz- 312.5 MHz FPGA-Link Deserializer with DDR LVDS Parallel Interface
DS32EL0421_0807 NSC-DS32EL0421_0807 Datasheet
536Kb / 26P
   125 - 312.5 MHz Serializer with DDR LVDS Parallel LVDS Interface
DS32EL0421 NSC-DS32EL0421 Datasheet
522Kb / 26P
   125 - 312.5 MHz Serializer with DDR LVDS Parallel LVDS Interface
logo
Texas Instruments
DS32EL0124 TI1-DS32EL0124_15 Datasheet
2Mb / 34P
[Old version datasheet]   DS32EL0124 , DS32ELX0124 125 MHz - 312.5 MHz FPGA-Link Deserializer with DDR LVDS Parallel Interface
logo
National Semiconductor ...
DS32EL0124 NSC-DS32EL0124 Datasheet
459Kb / 24P
   125 MHz - 312.5 MHz Deserializer with DDR LVDS Parallel Interface
DS32EL0124_0807 NSC-DS32EL0124_0807 Datasheet
490Kb / 26P
   125 MHz . 312.5 MHz Deserializer with DDR LVDS Parallel Interface
logo
Texas Instruments
DS92LV0421 TI1-DS92LV0421_15 Datasheet
1Mb / 48P
[Old version datasheet]   10 - 75 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
DS92LV0421 TI1-DS92LV0421_14 Datasheet
1Mb / 49P
[Old version datasheet]   10 - 75 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
logo
National Semiconductor ...
DS92LV0411 NSC-DS92LV0411 Datasheet
994Kb / 40P
   5 - 50 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com