Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962-9961001HXA Datasheet(PDF) 2 Page - Analog Devices

Part # 5962-9961001HXA
Description  Dual Channel, 12-Bit 105 MSPS IF Sampling A/D Converter with Analog Input Signal Conditioning
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

5962-9961001HXA Datasheet(HTML) 2 Page - Analog Devices

  5962-9961001HXA Datasheet HTML 1Page - Analog Devices 5962-9961001HXA Datasheet HTML 2Page - Analog Devices 5962-9961001HXA Datasheet HTML 3Page - Analog Devices 5962-9961001HXA Datasheet HTML 4Page - Analog Devices 5962-9961001HXA Datasheet HTML 5Page - Analog Devices 5962-9961001HXA Datasheet HTML 6Page - Analog Devices 5962-9961001HXA Datasheet HTML 7Page - Analog Devices 5962-9961001HXA Datasheet HTML 8Page - Analog Devices 5962-9961001HXA Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
REV. A
–2–
AD10200–SPECIFICATIONS1 (V
DD = 3.3 V, VCC = 5.0 V; ENCODE = 105 MSPS, unless otherwise noted)
Test
MIL
Parameter
Temp
Level
Subgroup
Min
Typ
Max
Unit
RESOLUTION
12
Bits
DC ACCURACY
Differential Nonlinearity
Full
IV
12
–0.99
±0.5
+0.99
LSB
Integral Nonlinearity
Full
IV
12
–3
±0.75
+3
LSB
No Missing Codes
Full
I
1, 2, 3
Guaranteed
Gain Error
2
Full
I
1, 2, 3
–9
±1+9% FS
Output Offset
Full
I
1, 2, 3
–12
+12
LSB
ANALOG INPUT
Input Voltage Range
25
°C
V
2.048
V p-p
Input Impedance
25
°CV
50
Input VSWR
3
Full
IV
12
1.1:1
1.25:1
Ratio
Analog Input Bandwidth, High
Full
IV
12
200
250
MHz
Analog Input Bandwidth, Low
Full
IV
12
1
MHz
ANALOG REFERENCE
Output Voltage
Full
I
1, 2, 3
2.4
2.5
2.6
V
Load Current
25
°CV
5
mA
Tempco
Full
V
50
ppm/
°C
SWITCHING PERFORMANCE
Maximum Conversion Rate
Full
I
4, 5, 6
105
MSPS
Minimum Conversion Rate
Full
IV
12
10
MSPS
Duty Cycle
Full
IV
12
45
50
55
%
Aperture Delay (tA)25
°C
V
1.0
ns
Aperture Uncertainty (Jitter)
25
°C
V
0.25
ps rms
Output Valid Time (tV)
4
Full
IV
12
3.0
5.3
ns
Output Propagation Delay (PD)
4
Full
IV
12
4.5
5.5
8.0
ns
Output Rise Time (tR)25
°C
V
12
3.5
ns
Output Fall Time (tF)25
°C
V
12
3.3
ns
DIGITAL INPUTS
Encode Input Common Mode
Full
IV
12
1.2
1.6
2.0
V
Differential Input (Enc,
Enc)
Full
IV
12
0.4
5.0
V
Logic “1” Voltage
Full
IV
12
2.0
V
Logic “0” Voltage
Full
IV
12
0.8
V
Input Resistance
Full
IV
12
358k
Input Capacitance
25
°C
V
4.5
pF
DIGITAL OUTPUTS
Logic “1” Voltage
4
Full
VI
1, 2, 3
3.1
3.3
V
Logic “0” Voltage4
Full
VI
1, 2, 3
0
0.2
V
Output Coding
Two’s Complement
POWER SUPPLY
5
Power Dissipation
6
Full
I
1, 2, 3
1800
2200
mW
Power Supply Rejection Ratio
Full
IV
12
±0.5
±5
mV/V
I (DVDD) Current
Full
I
1, 2, 3
25
40
mA
I (AVCC) Current
Full
I
1, 2, 3
340
410
mA
DYNAMIC PERFORMANCE
Signal-to-Noise Ratio (SNR)
7
(Without Harmonics)
fIN = 10 MHz
25
°C
V
67
dBFS
Full
V
66
dBFS
fIN = 41 MHz
25
°C
I
4
64
66.5
dBFS
Full
II
5, 6
62
65
dBFS
fIN = 71 MHz
25
°C
I
4
62.5
66.4
dBFS
Full
II
5, 6
61.5
64
dBFS
fIN = 121 MHz
25
°C
I
4
61
65
dBFS
Full
II
5, 6
61
64
dBFS


Similar Part No. - 5962-9961001HXA

ManufacturerPart #DatasheetDescription
logo
Analog Devices
5962-9961002HXA AD-5962-9961002HXA Datasheet
1Mb / 20P
   A/D Converter with Analog Input Signal Conditioning
5962-9961003HXA AD-5962-9961003HXA Datasheet
1Mb / 20P
   A/D Converter with Analog Input Signal Conditioning
More results

Similar Description - 5962-9961001HXA

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD10201 AD-AD10201_15 Datasheet
914Kb / 20P
   Dual-Channel, 12-Bit 105 MSPS IF Sampling A/D Converter
REV. 0
AD13280 AD-AD13280 Datasheet
1Mb / 20P
   Dual Channel, 12-Bit, 80 MSPS A/D Converter with Analog Input Signal Conditioning
REV. 0
AD10265 AD-AD10265 Datasheet
267Kb / 18P
   Dual Channel, 12-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
REV. 0
AD9433 AD-AD9433 Datasheet
1,001Kb / 24P
   12-Bit, 105 MSPS/125 MSPS IF Sampling A/D Converter
REV. 0
AD10242 AD-AD10242 Datasheet
251Kb / 16P
   Dual, 12-Bit, 40 MSPS MCM A/D Converter with Analog Input Signal Conditioning
REV. A
AD10200 AD-AD10200_15 Datasheet
1Mb / 20P
   Dual Channel, 12-Bit 105 MSPS IF Sampling
REV. A
AD13465 AD-AD13465 Datasheet
1Mb / 20P
   Dual Channel, 14-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
REV. 0
AD10465 AD-AD10465 Datasheet
2Mb / 20P
   Dual Channel, 14-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
REV. 0
AD13280 AD-AD13280_15 Datasheet
1Mb / 28P
   Dual-Channel, 12-Bit, 80 MSPS ADC with Analog Input Signal Conditioning
REV. C
AD10226 AD-AD10226 Datasheet
976Kb / 20P
   Dual-Channel, 12-Bit 125 MSPS IF Sampling A/D Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com