Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS36C280 Datasheet(PDF) 4 Page - Texas Instruments

Part # DS36C280
Description  DS36C280 Slew Rate Controlled CMOS EIA-RS-485 Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS36C280 Datasheet(HTML) 4 Page - Texas Instruments

  DS36C280 Datasheet HTML 1Page - Texas Instruments DS36C280 Datasheet HTML 2Page - Texas Instruments DS36C280 Datasheet HTML 3Page - Texas Instruments DS36C280 Datasheet HTML 4Page - Texas Instruments DS36C280 Datasheet HTML 5Page - Texas Instruments DS36C280 Datasheet HTML 6Page - Texas Instruments DS36C280 Datasheet HTML 7Page - Texas Instruments DS36C280 Datasheet HTML 8Page - Texas Instruments DS36C280 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
DS36C280
SNLS097C – JULY 2000 – REVISED FEBRUARY 2013
www.ti.com
Electrical Characteristics
(1)(2) (continued)
Over Supply Voltage and Operating Temperature ranges, unless otherwise specified
Symbol
Parameter
Conditions
Reference
Min
Typ
Max
Units
VIH
High Level Input Voltage
2.0
VCC
V
VIL
Low Level Input Voltage
GND
0.8
V
DE/RE*,
IIH
High Level Input Current
VIH = VCC
2
μA
DI
IIL
Low Level Input Current
VCC = 5.0V
−2
μA
VIL = 0V
VCC = +3.0V
−2
μA
SR = 0V
SR
−1
mA
ICCR
Power Supply Current
Driver OFF, Receiver ON
200
500
μA
VCC
(No Load)
ICCD
Driver ON, Receiver OFF
200
500
μA
Switching Characteristics
(1) (2) (3)
Over Supply Voltage and Operating Temperature ranges, unless otherwise specified
Symbol
Parameter
Conditions
Reference
Min
Typ
Max
Units
DRIVER CHARACTERISTICS
tPHLD
Differential Propagation
RL = 54Ω, CL = 100 pF
Figure 6, Figure 7
10
399
1000
ns
Delay High to Low
tPLHD
Differential Propagation
10
400
1000
ns
Delay Low to High
tSKD
Differential Skew
0
1
10
ns
|tPHLD − tPLHD|
tr
Rise Time
SR = Open
2870
ns
tf
Fall Time
3070
ns
tr
Rise Time
SR = 100 k
Ω
1590
ns
tf
Fall Time
1640
ns
tr
Rise Time
SR = Short
100
337
1000
ns
tf
Fall Time
100
348
1000
ns
tPHZ
Disable Time High to Z
CL = 15 pF
Figure 8, Figure 9
1100
2000
ns
tPLZ
Disable Time Low to Z
Figure 10, Figure 11
500
800
ns
tPZH
Enable Time Z to High
CL = 100 pF
Figure 8, Figure 9
300
500
ns
tPZL
Enable Time Z to Low
Figure 10, Figure 11
300
500
ns
RECEIVER CHARACTERISTICS
tPHL
Propagation Delay
CL = 15 pF
30
210
400
ns
High to Low
tPLH
Propagation Delay
Figure 13, Figure 14
30
190
400
ns
Low to High
tSK
Skew, |tPHL − tPLH|
0
20
50
ns
tPLZ
Output Disable Time
CL = 15 pF
50
150
ns
tPHZ
55
150
ns
Figure 15, Figure 16,
Figure 17
tPZL
Output Enable Time
40
150
ns
tPZH
45
150
ns
(1)
All typicals are given for: VCC = +5.0V, TA = + 25°C.
(2)
CL includes probe and jig capacitance.
(3)
SR = GND for all Switching Characteristics unless otherwise specified.
4
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: DS36C280


Similar Part No. - DS36C280

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS36C280 NSC-DS36C280 Datasheet
168Kb / 10P
   Slew Rate Controlled CMOS EIA-RS-485 Transceiver
DS36C280 NSC-DS36C280 Datasheet
563Kb / 9P
   Slew Rate Controlled CMOS EIA-RS-485 Transceiver
DS36C280M NSC-DS36C280M Datasheet
168Kb / 10P
   Slew Rate Controlled CMOS EIA-RS-485 Transceiver
DS36C280M NSC-DS36C280M Datasheet
563Kb / 9P
   Slew Rate Controlled CMOS EIA-RS-485 Transceiver
DS36C280N NSC-DS36C280N Datasheet
168Kb / 10P
   Slew Rate Controlled CMOS EIA-RS-485 Transceiver
More results

Similar Description - DS36C280

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS36C280 NSC-DS36C280_00 Datasheet
563Kb / 9P
   Slew Rate Controlled CMOS EIA-RS-485 Transceiver
DS36C280 NSC-DS36C280 Datasheet
168Kb / 10P
   Slew Rate Controlled CMOS EIA-RS-485 Transceiver
logo
Analog Devices
ADM488 AD-ADM488_15 Datasheet
386Kb / 16P
   Slew Rate Limited, EIA RS-485 Transceivers
Rev. D
ADM489 AD-ADM489_15 Datasheet
386Kb / 16P
   Slew Rate Limited, EIA RS-485 Transceivers
Rev. D
ADM483E AD-ADM483E Datasheet
324Kb / 12P
   -15 kV ESD Protected, EMC Compliant Slew Rate Limited, EIA RS-485 Transceiver
REV. 0
ADM3485E AD-ADM3485E_15 Datasheet
303Kb / 16P
   EIA RS-485/RS-422 Transceiver
Rev. D
ADM489ARZ-REEL7 AD-ADM489ARZ-REEL7 Datasheet
386Kb / 16P
   Full-Duplex, Low Power, Slew Rate Limited, EIA RS-485 Transceivers
REV. D
ADM488 AD-ADM488 Datasheet
212Kb / 12P
   Full-Duplex, Low Power, Slew Rate Limited, EIA RS-485 Transceivers
REV. 0
ADM488A AD-ADM488A_V01 Datasheet
304Kb / 16P
   Full-Duplex, Low Power, Slew Rate Limited, EIA RS-485 Transceivers
Rev. B
ADM488A AD-ADM488A Datasheet
287Kb / 16P
   Full-Duplex, Low Power, Slew Rate Limited, EIA RS-485 Transceivers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com