Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMP2038USS Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMP2038USS
Description  20V P-CHANNEL ENHANCEMENT MODE MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP2038USS Datasheet(HTML) 1 Page - Diodes Incorporated

  DMP2038USS Datasheet HTML 1Page - Diodes Incorporated DMP2038USS Datasheet HTML 2Page - Diodes Incorporated DMP2038USS Datasheet HTML 3Page - Diodes Incorporated DMP2038USS Datasheet HTML 4Page - Diodes Incorporated DMP2038USS Datasheet HTML 5Page - Diodes Incorporated DMP2038USS Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DMP2038USS
Document number: DS36919 Rev. 2 - 2
1 of 6
www.diodes.com
April 2014
© Diodes Incorporated
DMP2038USS
 
D  
Top View
SO-8
D
S
S
G
D
D
D
Top View
Pin-Out
Equivalent Circuit
S  
G  
20V P-CHANNEL ENHANCEMENT MODE MOSFET
Product Summary
V(BR)DSS
RDS(ON) max
ID max
TA = +25°C
-20V
38mΩ @ VGS = -4.5V
-6.5A
56mΩ @ VGS = -2.5V
-5.0A
Description and Applications
This MOSFET has been designed to minimize the on-state
resistance
(RDS(ON)) and
yet
maintain
superior
switching
performance, making it ideal for high efficiency power management
applications.
Backlighting
Power Management Functions
DC-DC Converters
Features and Benefits
Low On-Resistance
Low Gate Threshold Voltage
Low Input Capacitance
Fast Switching Speed
Low Input/Output Leakage
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 standards for High Reliability
Mechanical Data
Case: SO-8
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals Connections: See Diagram
Terminals: Finish - Matte Tin annealed over Copper lead
frame. Solderable per MIL-STD-202, Method 208
Weight: 0.072g (approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
DMP2038USS-13
SO-8
2500/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Chengdu A/T Site
Shanghai A/T Site
= Manufacturer’s Marking
P2038US = Product Type Marking Code
YYWW = Date Code Marking
YY or YY = Year (ex: 13 = 2013)
WW = Week (01 - 53)
YY = Date Code Marking for SAT (Shanghai Assembly/ Test site)
YY = Date Code Marking for CAT (Chengdu Assembly/ Test site)
e3


Similar Part No. - DMP2038USS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP2038USS DIODES-DMP2038USS Datasheet
568Kb / 6P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2038USS-13 DIODES-DMP2038USS-13 Datasheet
568Kb / 6P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2038USS DIODES-DMP2038USS_15 Datasheet
294Kb / 6P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2038USS DIODES-DMP2038USS_17 Datasheet
568Kb / 6P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMP2038USS

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXM64P02X ZETEX-ZXM64P02X Datasheet
205Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Leshan Radio Company
LP2301ALT1G LRC-LP2301ALT1G_15 Datasheet
1Mb / 5P
   20V P-Channel Enhancement-Mode MOSFET
logo
WILLAS ELECTRONIC CORP
SMG2301B WILLAS-SMG2301B Datasheet
1Mb / 6P
   20V P-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMG1013TQ DIODES-DMG1013TQ Datasheet
400Kb / 6P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJA63P02 PANJIT-PJA63P02 Datasheet
204Kb / 6P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2301 TSC-TSM2301 Datasheet
169Kb / 5P
   20V P-Channel Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXM62P02E6 ZETEX-ZXM62P02E6 Datasheet
203Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMP21D0UFB DIODES-DMP21D0UFB_17 Datasheet
376Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2006UFG DIODES-DMP2006UFG_17 Datasheet
396Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2035UVT DIODES-DMP2035UVT_16 Datasheet
519Kb / 6P
   -20V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2035UVTQ DIODES-DMP2035UVTQ Datasheet
484Kb / 6P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com