Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMP2240UWQ Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMP2240UWQ
Description  P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP2240UWQ Datasheet(HTML) 2 Page - Diodes Incorporated

  DMP2240UWQ Datasheet HTML 1Page - Diodes Incorporated DMP2240UWQ Datasheet HTML 2Page - Diodes Incorporated DMP2240UWQ Datasheet HTML 3Page - Diodes Incorporated DMP2240UWQ Datasheet HTML 4Page - Diodes Incorporated DMP2240UWQ Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DMP2240UWQ
Document number: DS37585 Rev. 1 - 2
2 of 5
www.diodes.com
November 2014
© Diodes Incorporated
DMP2240UWQ
Maximum Ratings (@TA = +25°C unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
-20
V
Gate-Source Voltage
VGSS
±12
V
Drain Current (Note 6)
TA = +25°C
TA = +70°C
ID
-1.5
-1.0
A
Pulsed Drain Current
IDM
-5
A
Thermal Characteristics
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 6)
PD
250
mW
Thermal Resistance, Junction to Ambient
RJA
500
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
-20
V
VGS = 0V, ID = -250A
Zero Gate Voltage Drain Current
TJ = +25°C
TJ = +125°C
IDSS
-1.0
-5.0
A
VDS = -20V, VGS = 0V
Gate-Source Leakage
IGSS
100
nA
VGS = 12V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(th)
-0.45
-1.0
V
VDS = VGS, ID = -250A
Static Drain-Source On-Resistance
RDS (ON)
92
134
180
150
200
240
m
VGS = -4.5V, ID = -2.0A
VGS = -2.5V, ID = -1.5A
VGS = -1.8V, ID = -0.5A
Forward Transconductance
gFS
3.1
S
VDS = -10V, ID = -810mA
Diode Forward Voltage (Note 7)
VSD
-0.9
V
VGS = 0V, IS = -0.5A
DYNAMIC CHARACTERISTICS
Input Capacitance
Ciss
320
pF
VDS = -16V, VGS = 0V
f = 1.0MHz
Output Capacitance
Coss
80
pF
Reverse Transfer Capacitance
Crss
60
pF
Turn-On Delay Time
tD(on)

12.5

ns
VDS = -10V, VGS = -4.5V,
RL = 10Ω, RG = 1.0Ω
Turn-On Rise Time
tr

10.3

ns
Turn-Off Delay Time
tD(off)

46.5

ns
Turn-Off Fall Time
tf

22.2

ns
Notes:
6. Device mounted on FR-4 substrate PC board, 2oz. Copper, with minimum recommended pad layout.
7. Short duration pulse test used to minimize self-heating effect.
V
= -3.0V
GS
V
= -2.0V
GS
V
= -1.8V
GS
V
= -1.6V
GS
V
= -1.4V
GS
V
= -1.2V
GS
V
= -1.0V
GS
V
= -10V
DS
T = 125°C
A
T = 25°C
A
T = -55°C
A


Similar Part No. - DMP2240UWQ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP2240UWQ DIODES-DMP2240UWQ_15 Datasheet
488Kb / 5P
   P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
More results

Similar Description - DMP2240UWQ

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD419 AOSMD-AOD419 Datasheet
119Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM4435A CET-CEM4435A Datasheet
106Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CES2321 CET-CES2321 Datasheet
108Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CED2303 CET-CED2303 Datasheet
140Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CED3423 CET-CED3423 Datasheet
258Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
BSS84W DIODES-BSS84W_1 Datasheet
100Kb / 4P
   P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30205 Rev. 9 - 2
logo
Alpha & Omega Semicondu...
AO6403 AOSMD-AO6403 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AO6419 AOSMD-AO6419 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AO7413 AOSMD-AO7413 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AOU403 AOSMD-AOU403 Datasheet
72Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com