Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMP3017SFK-7 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMP3017SFK-7
Description  P-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP3017SFK-7 Datasheet(HTML) 2 Page - Diodes Incorporated

  DMP3017SFK-7 Datasheet HTML 1Page - Diodes Incorporated DMP3017SFK-7 Datasheet HTML 2Page - Diodes Incorporated DMP3017SFK-7 Datasheet HTML 3Page - Diodes Incorporated DMP3017SFK-7 Datasheet HTML 4Page - Diodes Incorporated DMP3017SFK-7 Datasheet HTML 5Page - Diodes Incorporated DMP3017SFK-7 Datasheet HTML 6Page - Diodes Incorporated DMP3017SFK-7 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DMP3017SFK
Document number: DS37310 Rev. 4 - 2
2 of 7
www.diodes.com
May 2015
© Diodes Incorporated
DMP3017SFK
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
-30
V
Gate-Source Voltage
VGSS
±25
V
Continuous Drain Current (Note 6) VGS = -10V
Steady
State
TA = +25°C
TA = +70°C
ID
-10.4
-8.3
A
Continuous Drain Current (Note 6) VGS = -4.5V
Steady
State
TA = +25°C
TA = +70°C
ID
-7.8
-6.2
A
Maximum Continuous Body Diode Forward Current (Note 6)
IS
-3
A
Pulsed Drain Current (10µs pulse, duty cycle = 1%)
IDM
-80
A
Avalanche Current (Note 7)
IAS
-14
A
Avalanche Energy (Note 7)
EAS
104
mJ
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 5)
PD
1
W
Thermal Resistance, Junction to Ambient (Note 5)
RJA
123
°C/W
Total Power Dissipation (Note 6)
PD
2.2
W
Thermal Resistance, Junction to Ambient (Note 6)
RJA
55
°C/W
Total Power Dissipation (Note 6)
TC = +25°C
PD
17
W
Thermal Resistance, Junction to Case (Note 6)
RJC
7.2
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 8)
Drain-Source Breakdown Voltage
BVDSS
-30
V
VGS = 0V, ID = -10mA
Zero Gate Voltage Drain Current TJ = +25°C
IDSS
-1
µA
VDS = -24V, VGS = 0V
Zero Gate Voltage Drain Current TJ = +150°C (Note 9)
-100
Gate-Source Leakage
IGSS
±10
µA
VGS = ±25V, VDS = 0V
ON CHARACTERISTICS (Note 8)
Gate Threshold Voltage
VGS(th)
-1
-1.6
-2.5
V
VDS = VGS, ID = -250μA
Static Drain-Source On-Resistance
RDS(ON)
9.5
14
m
VGS = -10V, ID = -9.5A
15
25
VGS = -4.5V, ID = -6.9A
Diode Forward Voltage
VSD
-0.7
-1.2
V
VGS = 0V, IS = -1A
On State Drain Current (Note 9)
ID(ON)
-20
A
VDS
≦-5V, VGS = -10V
DYNAMIC CHARACTERISTICS (Note 9)
Input Capacitance
Ciss
2207
4414
pF
VDS = -15V, VGS = 0V,
f = 1MHz
Output Capacitance
Coss
390
780
Reverse Transfer Capacitance
Crss
343
686
Gate Resistance
Rg
8.4
20
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge (VGS = -10V)
Qg
42.7
90
nC
VDS = -15V, ID = -9.5A
Total Gate Charge (VGS = -4.5V)
Qg
21.6
45
Gate-Source Charge
Qgs
7.9
16
Gate-Drain Charge
Qgd
10
20
Turn-On Delay Time
tD(on)
7.35
15
ns
VDD = -15V, VGS = -10V,
RGEN = 6Ω, ID = -9.5A
Turn-On Rise Time
tr
16.4
30
Turn-Off Delay Time
tD(off)
67.2
110
Turn-Off Fall Time
tf
37.5
60
Reverse Recovery Time
trr
18.6
35
ns
IS = -9.5A, di/dt = 100A/μs
Reverse Recovery Charge
Qrr
8.6
17.5
nC
Notes:
5. Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.
6. Device mounted on FR-4 substrate PC board, 2oz copper, with thermal vias to bottom layer 1-inch square copper plate.
7. UIS in production with L = 1mH, TJ = +25°C.
8. Short duration pulse test used to minimize self-heating effect.
9. Guaranteed by design. Not subject to production testing.


Similar Part No. - DMP3017SFK-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP3017SFK-7 DIODES-DMP3017SFK-7 Datasheet
621Kb / 7P
   P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMP3017SFK-7

ManufacturerPart #DatasheetDescription
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095P ANPEC-APM3095P Datasheet
140Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095PU ANPEC-APM3095PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM3195PU ANPEC-APM3195PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4425K ANPEC-APM4425K Datasheet
119Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4435K ANPEC-APM4435K Datasheet
191Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com