Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMP3036SFG-13 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMP3036SFG-13
Description  30V P-CHANNEL ENHANCEMENT MODE MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP3036SFG-13 Datasheet(HTML) 3 Page - Diodes Incorporated

  DMP3036SFG-13 Datasheet HTML 1Page - Diodes Incorporated DMP3036SFG-13 Datasheet HTML 2Page - Diodes Incorporated DMP3036SFG-13 Datasheet HTML 3Page - Diodes Incorporated DMP3036SFG-13 Datasheet HTML 4Page - Diodes Incorporated DMP3036SFG-13 Datasheet HTML 5Page - Diodes Incorporated DMP3036SFG-13 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
POWERDI is a registered trademark of Diodes Incorporated
DMP3036SFG
Document number: DS37038 Rev. 4 - 2
3 of 6
www.diodes.com
January 2015
© Diodes Incorporated
DMP3036SFG
-V
, DRAIN -SOURCE VOLTAGE (V)
Figure 1 Typical Output Characteristics
DS
0.0
5.0
10.0
15.0
20.0
25.0
30.0
0
1
2
3
4
5
V
= -2.0V
GS
V
= -3.0V
GS
V
= -3.5V
GS
V
= -4.0V
GS
V
= -10V
GS
V
= -5.0V
GS
V
= -4.5V
GS
V
= -2.5V
GS
V
, GATE-SOURCE VOLTAGE (V)
GS
Figure 2 Typical Transfer Characteristics
0
5
10
15
20
25
30
0
1
2
3
4
5
T = 150 C
A
T = 125 C
A
T = 85 C
A
T = 25 C
A
T = -55 C
A
V
= -5.0V
DS
I , DRAIN SOURCE CURRENT (A)
Figure 3 Typical On-Resistance vs.
Drain Current and Gate Voltage
D
0
0.002
0.004
0.006
0.008
0.01
0.012
0.014
0.016
0.018
0.02
0.022
0.024
0.026
0.028
0.03
0
5
10
15
20
25
30
V
= -5.0V
GS
V
= -10V
GS
V
= -20V
GS
I , DRAIN SOURCE CURRENT (A)
Figure 4 Typical On-Resistance vs.
Drain Current and Temperature
D
0
0.005
0.01
0.015
0.02
0.025
0.03
0.035
0.04
0
5
10
15
20
25
30
T = -55 C
A
T = 25 C
A
T = 85 C
A
T = 125 C
A
T = 150 C
A
V
= -4.5V
GS
T , JUNCTION TEMPERATURE ( C)
J
Figure 5 On-Resistance Variation with Temperature
0.6
0.8
1
1.2
1.4
1.6
-50
-25
0
25
50
75
100
125
150
V
= -5V
I = -3A
GS
D
V
= -20V
I = -10A
GS
D
V
= -10V
I = -5A
GS
D
T , JUNCTION TEMPERATURE ( C)
J
Figure 6 On-Resistance Variation with Temperature
0
0.005
0.01
0.015
0.02
0.025
0.03
-50
-25
0
25
50
75
100
125
150
V
= -5V
I = -3A
GS
D
V
= -20V
I = -10A
GS
D
V
= -10V
I = -5A
GS
D


Similar Part No. - DMP3036SFG-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP3036SFG-13 DIODES-DMP3036SFG-13 Datasheet
454Kb / 6P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMP3036SFG-13 DIODES-DMP3036SFG-13 Datasheet
483Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMP3036SFG-13

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
IRF7316 TECHPUBLIC-IRF7316 Datasheet
2Mb / 5P
   -30V PP-Channel Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X_05 Datasheet
331Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM4835 TSC-TSM4835 Datasheet
172Kb / 5P
   30V P-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTP452M3 CYSTEKEC-MTP452M3 Datasheet
285Kb / 8P
   30V P-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP32D4S DIODES-DMP32D4S_15 Datasheet
335Kb / 6P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
TY Semiconductor Co., L...
DMG3401LSN TYSEMI-DMG3401LSN Datasheet
100Kb / 2P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Formosa MS
FMS2303 FORMOSA-FMS2303 Datasheet
1Mb / 8P
   30V P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXMP3A16N8 DIODES-ZXMP3A16N8 Datasheet
159Kb / 8P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X Datasheet
205Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJA87P03 PANJIT-PJA87P03 Datasheet
2Mb / 6P
   30V P-Channel ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMP3008SFGQ DIODES-DMP3008SFGQ Datasheet
543Kb / 8P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com