Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMP3068L-7 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMP3068L-7
Description  30V P-CHANNEL ENHANCEMENT MODE MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP3068L-7 Datasheet(HTML) 2 Page - Diodes Incorporated

  DMP3068L-7 Datasheet HTML 1Page - Diodes Incorporated DMP3068L-7 Datasheet HTML 2Page - Diodes Incorporated DMP3068L-7 Datasheet HTML 3Page - Diodes Incorporated DMP3068L-7 Datasheet HTML 4Page - Diodes Incorporated DMP3068L-7 Datasheet HTML 5Page - Diodes Incorporated DMP3068L-7 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DMP3068L
Document number: DS37536 Rev. 2 - 2
2 of 6
www.diodes.com
January 2015
© Diodes Incorporated
DMP3068L
Maximum Ratings (@TA = +25°C unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
-30
V
Gate-Source Voltage
VGSS
±
12
V
Drain Current (Note 6) Vgs= -10V
Steady
State
TA = +25°C
TA = +70°C
ID
-3.3
-2.6
A
t<10s
TA = +25°C
TA = +70°C
ID
-3.9
-3.2
A
Pulsed Drain Current (Pulse width ≤10µS, Duty Cycle ≤1%)
IDM
-18
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Total Power Dissipation (Note 5)
PD
0.7
W
Thermal Resistance, Junction to Ambient (Note 5)
Steady State
RθJA
182
°C/W
t<10s
133
Total Power Dissipation (Note 6)
PD
1.2
W
Thermal Resistance, Junction to Ambient (Note 6)
Steady State
RθJA
103
°C/W
t<10s
75
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
-30
V
VGS = 0V, ID = -250µA
Zero Gate Voltage Drain Current
IDSS
-1
µA
VDS = -30V, VGS = 0V
Gate-Source Leakage
IGSS
±
100
nA
VGS = ±12V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(th)
-0.5
-1.3
V
VDS = VGS, ID = -250µA
Static Drain-Source On-Resistance
RDS (ON)
57
64
80
107
72
85
120
165
m
VGS = -10V, ID = -4.2A
VGS = -4.5V, ID = -4.0A
VGS = -2.5V, ID = -2.0A
VGS = -1.8V, ID = -1.0A
Diode Forward Voltage
VSD
-1.2
V
VGS = 0V, IS = -1.0A
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
Ciss
708
pF
VDS = -15V, VGS = 0V, f = 1.0MHz
Output Capacitance
Coss
57
pF
Reverse Transfer Capacitance
Crss
47
pF
Gate Resistance
RG
14
VDS = 0V, VGS = 0V, f = 1.0MHz
Total Gate Charge (VGS = -4.5V)
QG
7.3
nC
VDS = -15V, ID = -4A
Total Gate Charge (VGS = -10V)
QG
15.9
nC
VDS = -15V, ID = -4A
Gate-Source Charge
QGS
1.2
Gate-Drain Charge
QGD
1.7
Turn-On Delay Time
td(on)
3.5
ns
VDS = -15V, VGS = -10V,
ID = -4A, RG = 6.0
Rise Time
tr
15.8
Turn-Off Delay Time
td(off)
70.3
Fall Time
tf
33.9
Notes:
5. Device mounted on FR-4 PC board, with minimum recommended pad layout, single sided.
6. Device mounted on FR-4 substrate PC board, 2oz copper, with thermal bias to bottom layer 1in. square copper plate.
7. Short duration pulse test used to minimize self-heating effect.
8. Guaranteed by design. Not subject to production testing.


Similar Part No. - DMP3068L-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP3068L-7 DIODES-DMP3068L-7 Datasheet
348Kb / 6P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMP3068L-7

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
IRF7316 TECHPUBLIC-IRF7316 Datasheet
2Mb / 5P
   -30V PP-Channel Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X_05 Datasheet
331Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM4835 TSC-TSM4835 Datasheet
172Kb / 5P
   30V P-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTP452M3 CYSTEKEC-MTP452M3 Datasheet
285Kb / 8P
   30V P-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP32D4S DIODES-DMP32D4S_15 Datasheet
335Kb / 6P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
TY Semiconductor Co., L...
DMG3401LSN TYSEMI-DMG3401LSN Datasheet
100Kb / 2P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Formosa MS
FMS2303 FORMOSA-FMS2303 Datasheet
1Mb / 8P
   30V P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXMP3A16N8 DIODES-ZXMP3A16N8 Datasheet
159Kb / 8P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X Datasheet
205Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJA87P03 PANJIT-PJA87P03 Datasheet
2Mb / 6P
   30V P-Channel ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMP3008SFGQ DIODES-DMP3008SFGQ Datasheet
543Kb / 8P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com