Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG3257BRQ Datasheet(PDF) 6 Page - Analog Devices

Part # ADG3257BRQ
Description  High Speed, 3.3 V/5 V Quad 2:1 Mux/Demux (4-Bit, 1 of 2) Bus Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG3257BRQ Datasheet(HTML) 6 Page - Analog Devices

  ADG3257BRQ Datasheet HTML 1Page - Analog Devices ADG3257BRQ Datasheet HTML 2Page - Analog Devices ADG3257BRQ Datasheet HTML 3Page - Analog Devices ADG3257BRQ Datasheet HTML 4Page - Analog Devices ADG3257BRQ Datasheet HTML 5Page - Analog Devices ADG3257BRQ Datasheet HTML 6Page - Analog Devices ADG3257BRQ Datasheet HTML 7Page - Analog Devices ADG3257BRQ Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
REV. C
ADG3257
–6–
D.U.T.
PULSE1
GENERATOR
S1
VCC
2
VCC
OPEN
GND
CL
2
VIN
RT
3
VOUT
RL
RL
NOTES
1PULSE GENERATOR FOR ALL PULSES: tF < 2.5ns, tR < 2.5ns.
2CL = INCLUDES BOARD, STRAY, AND LOAD CAPACITANCES.
3RT IS THE TERMINATION RESISTOR; SHOULD BE EQUAL TO ZOUT
OF THE PULSE GENERATOR.
Figure 1. Load Circuit
SWITCH INPUT
OUTPUT
VIH
VT
0V
VOH
VT
VOL
tPLH
tPHL
Figure 2. Propagation Delay
CONTROL INPUTS
VIH
VT
0V
VOH
tPZL
VOH – V
0V
VOL
VOL + V
VCC
VT
0V
VT
VCC
OUTPUT
tPLZ
tPHZ
tPZH
S1 @ 2 VCC
LOW
S1 @ 2 VCC
OUTPUT
ENABLE
DISABLE
Figure 3. Select, Enable, and Disable Times
Table II. Switch S1 Condition
Test
S1
tPLH, tPHL
OPEN
tPLZ, tPZL
2
× VCC
tPHZ, tPZH
GND
tSEL
OPEN
Table III. Test Conditions
Symbol
VCC = 5 V
10%
VCC = 3.3 V
10%
Unit
RL
500
500
V
300
300
mV
CL
50
50
pF
APPLICATIONS
Mixed Voltage Operation, Level Translation
Bus switches can be used to provide a solution for mixed voltage
systems where interfacing bidirectionally between 5 V and 3 V
devices is required. To interface between 5 V and 3.3 V buses,
an external diode is placed in series with the 5 V power supply
as shown in Figure 4.
VCC = 5V
BE
3.3V TO 5V
3.3V TO 3.3V
5V MEMORY
5V I/O
3.3V CPU/DSP/
MICROPROCESSOR/
MEMORY
Figure 4. Level Translation Between 5 V and 3.3 V Devices
The diode drops the internal gate voltage down to 4.3 V.
The bus switch limits the voltage present on the output to
VCC – external diode drop = VTH.
Therefore, assuming a diode drop of 0.7 V and a VTH of 1 V,
the output voltage would be limited to 3.3 V with a logic high.
VIN
3.3V
VOUT
5V SUPPLY
0V
5V
SWITCH INPUT
Figure 5. Input Voltage to Output Voltage
Similarly, the device could be used to translate bidirectionally
between 3.3 V to 2.5 V systems. In this case, there is no need
for an external diode. The internal VTH drop is 1 V, so with a
VCC = 3.3 V the bus switch will limit the output voltage to
VCC – 1 V = 2.3 V.


Similar Part No. - ADG3257BRQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG3257BRQ AD-ADG3257BRQ Datasheet
420Kb / 12P
   High Speed, 3.3 V/5 V Quad 2:1 Mux/Demux (4-Bit, 1 of 2) Bus Switch
Rev. E
ADG3257BRQ AD-ADG3257BRQ Datasheet
420Kb / 12P
   High Speed, 3.3 V/5 V Quad 2:1 Mux/Demux (4-Bit, 1 of 2) Bus Switch
Rev. E
ADG3257BRQ-REEL AD-ADG3257BRQ-REEL Datasheet
420Kb / 12P
   High Speed, 3.3 V/5 V Quad 2:1 Mux/Demux (4-Bit, 1 of 2) Bus Switch
Rev. E
ADG3257BRQ-REEL AD-ADG3257BRQ-REEL Datasheet
420Kb / 12P
   High Speed, 3.3 V/5 V Quad 2:1 Mux/Demux (4-Bit, 1 of 2) Bus Switch
Rev. E
ADG3257BRQ-REEL7 AD-ADG3257BRQ-REEL7 Datasheet
420Kb / 12P
   High Speed, 3.3 V/5 V Quad 2:1 Mux/Demux (4-Bit, 1 of 2) Bus Switch
Rev. E
More results

Similar Description - ADG3257BRQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG3257BRQ-REEL AD-ADG3257BRQ-REEL Datasheet
420Kb / 12P
   High Speed, 3.3 V/5 V Quad 2:1 Mux/Demux (4-Bit, 1 of 2) Bus Switch
Rev. E
ADG3257 AD-ADG3257_V01 Datasheet
420Kb / 12P
   High Speed, 3.3 V/5 V Quad 2:1 Mux/Demux (4-Bit, 1 of 2) Bus Switch
Rev. E
ADG3257 AD-ADG3257_15 Datasheet
420Kb / 12P
   High Speed, 3.3 V/5 V Quad 2 1 Mux/Demux
Rev. E
logo
Unisonic Technologies
US5C3257 UTC-US5C3257 Datasheet
139Kb / 6P
   QUAD 2:1 MUX/DEMUX BUS SWITCH
logo
Pericom Semiconductor C...
PI5C3257QE PERICOM-PI5C3257QE Datasheet
694Kb / 6P
   Quad 2:1 Mux/DeMux Bus Switch
logo
Unisonic Technologies
US5C3257 UTC-US5C3257_15 Datasheet
139Kb / 6P
   QUAD 2:1 MUX/DEMUX BUS SWITCH
logo
Integrated Device Techn...
IDT74FST3257 IDT-IDT74FST3257 Datasheet
146Kb / 5P
   QUAD 2:1 MUX/DEMUX BUS SWITCH
logo
Pericom Semiconductor C...
PI3B3257 PERICOM-PI3B3257 Datasheet
192Kb / 5P
   3.3V, Quad 2:1 Mux/Demux Bus Switch
logo
ON Semiconductor
NL3HS3124A ONSEMI-NL3HS3124A Datasheet
120Kb / 7P
   3.3 V, 2 Channel, 2:1 Differential Mux/Demux
December, 2016 ??Rev. 1
logo
Pericom Semiconductor C...
PI5C3303 PERICOM-PI5C3303 Datasheet
55Kb / 3P
   2:1 Mux/Demux Bus Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com