Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74FCT163H244CPVCT Datasheet(PDF) 3 Page - Texas Instruments

Part # 74FCT163H244CPVCT
Description  16-Bit Buffers/Line Drivers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74FCT163H244CPVCT Datasheet(HTML) 3 Page - Texas Instruments

  74FCT163H244CPVCT Datasheet HTML 1Page - Texas Instruments 74FCT163H244CPVCT Datasheet HTML 2Page - Texas Instruments 74FCT163H244CPVCT Datasheet HTML 3Page - Texas Instruments 74FCT163H244CPVCT Datasheet HTML 4Page - Texas Instruments 74FCT163H244CPVCT Datasheet HTML 5Page - Texas Instruments 74FCT163H244CPVCT Datasheet HTML 6Page - Texas Instruments 74FCT163H244CPVCT Datasheet HTML 7Page - Texas Instruments 74FCT163H244CPVCT Datasheet HTML 8Page - Texas Instruments 74FCT163H244CPVCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CY74FCT163244
CY74FCT163H244
3
Electrical Characteristics For Bus Hold Devices Over the Operating Range VCC=2.7V to 3.6V
Parameter
Description
Test Conditions
Min.
Typ.[5]
Max.
Unit
VIH
Input HIGH Voltage
All Inputs
2.0
VCC
V
VIL
Input LOW Voltage
0.8
V
VH
Input Hysteresis[6]
100
mV
VIK
Input Clamp Diode Voltage
VCC=Min., IIN=–18 mA
–0.7
–1.2
V
IIH
Input HIGH Current
VCC=Max., VI=VCC
±100
µA
IIL
Input LOW Current
±100
µA
IBBH
IBBL
Bus Hold Sustain Current on Bus Hold Input[9] VCC=Min.
VI=2.0V
–50
µA
VI=0.8V
+50
µA
IBHHO
IBHLO
Bus Hold Overdrive Current on Bus Hold In-
put[9]
VCC=Max., VI=1.5V
±500
µA
IOZH
High Impedance Output Current
(Three-State Output pins)
VCC=Max., VOUT=VCC
±1
µA
IOZL
High Impedance Output Current
(Three-State Output pins)
VCC=Max., VOUT=GND
±1
µA
IOS
Short Circuit Current[7]
VCC=Max., VOUT=GND
–60
–135
–240
mA
IOFF
Power-Off Disable
VCC=0V, VOUT≤4.5V
±100
µA
ICC
Quiescent Power Supply Current
VIN≤0.2V,
VIN>VCC–0.2V
VCC=Max.
+40
µA
ICC
Quiescent Power supply Current
(TTL inputs HIGH)
VIN=VCC–0.6V
[8]
VCC=Max.
+350
µA
Electrical Characteristics For Balanced Drive Devices Over the Operating Range VCC=2.7V to 3.6V
Parameter
Description
Test Conditions
Min.
Typ.[5]
Max.
Unit
IODL
Output LOW Dynamic Current[7]
VCC=3.3V, VIN=VIH
or VIL, VOUT=1.5V
45
180
mA
IODH
Output HIGH Dynamic Current[7]
VCC=3.3V, VIN=VIH
or VIL, VOUT=1.5V
–45
–180
mA
VOH
Output HIGH Voltage
VCC=Min., IOH= –0.1 mA
VCC–0.2
V
VCC=3.0V, IOH= –8 mA
2.4[10]
3.0
V
VCC=3.0V, IOH= –24 mA
2.0
3.0
V
VOL
Output LOW Voltage
VCC=Min., IOL= 0.1mA
0.2
V
VCC=Min., IOL= 24 mA
0.3
0.55
Notes:
9.
Pins with bus hold are described in Pin Description.
10. VOH = VCC – 0.6V at rated current.


Similar Part No. - 74FCT163H244CPVCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74FCT163H244CPVCT TI-74FCT163H244CPVCT Datasheet
63Kb / 7P
[Old version datasheet]   16-Bit Buffers/Line Drivers
More results

Similar Description - 74FCT163H244CPVCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT163244 TI-CY74FCT163244 Datasheet
63Kb / 7P
[Old version datasheet]   16-Bit Buffers/Line Drivers
CY74FCT16244T TI-CY74FCT16244T Datasheet
64Kb / 8P
[Old version datasheet]   16-Bit Buffers/Line Drivers
CY74FCT16240T TI-CY74FCT16240T Datasheet
127Kb / 11P
[Old version datasheet]   16-Bit Buffers/Line Drivers
CY74FCT16240T TI1-CY74FCT16240T_15 Datasheet
476Kb / 13P
[Old version datasheet]   16-Bit Buffers/Line Drivers
CY74FCT16244T TI1-CY74FCT16244T_15 Datasheet
704Kb / 15P
[Old version datasheet]   16-Bit Buffers/Line Drivers
CY74FCT16827T TI-CY74FCT16827T Datasheet
62Kb / 7P
[Old version datasheet]   20-Bit Buffers/Line Drivers
CY5474FCT540T TI-CY5474FCT540T Datasheet
82Kb / 8P
[Old version datasheet]   8-Bit Buffers/Line Drivers
CY74FCT2240T TI-CY74FCT2240T Datasheet
57Kb / 6P
[Old version datasheet]   8-Bit Buffers/Line Drivers
logo
Fairchild Semiconductor
74F827 FAIRCHILD-74F827 Datasheet
66Kb / 7P
   10-Bit Buffers/Line Drivers
logo
National Semiconductor ...
54F827SDM NSC-54F827SDM Datasheet
164Kb / 8P
   10-Bit Buffers/Line Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com