Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74FCT163H245CPACT Datasheet(PDF) 1 Page - Texas Instruments

Part # 74FCT163H245CPACT
Description  16-Bit Transceivers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74FCT163H245CPACT Datasheet(HTML) 1 Page - Texas Instruments

  74FCT163H245CPACT Datasheet HTML 1Page - Texas Instruments 74FCT163H245CPACT Datasheet HTML 2Page - Texas Instruments 74FCT163H245CPACT Datasheet HTML 3Page - Texas Instruments 74FCT163H245CPACT Datasheet HTML 4Page - Texas Instruments 74FCT163H245CPACT Datasheet HTML 5Page - Texas Instruments 74FCT163H245CPACT Datasheet HTML 6Page - Texas Instruments 74FCT163H245CPACT Datasheet HTML 7Page - Texas Instruments 74FCT163H245CPACT Datasheet HTML 8Page - Texas Instruments 74FCT163H245CPACT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
16-Bit Transceivers
CY74FCT163245
CY74FCT163H245
SCCS051 - February 1997 - Revised March 2000
Data sheet acquired from Cypress Semiconductor Corporation.
Data sheet modified to remove devices not offered.
Copyright
© 2000, Texas Instruments Incorporated
Features
• Low power, pin-compatible replacement for LCX and
LPT families
• 5V tolerant inputs and outputs
• 24 mA balanced drive outputs
• Power-off disable outputs permits live insertion
• Edge-rate control circuitry for reduced noise
• FCT-C speed at 4.1 ns
• Latch-up performance exceeds JEDEC standard no. 17
• Typical output skew < 250ps
• Industrial temperature range of –40˚C to +85˚C
• TSSOP (19.6-mil pitch) or SSOP (25-mil pitch)
• Typical
Volp (ground bounce) performance exceeds Mil
Std 883D
•VCC = 2.7V to 3.6V
• ESD (HBM) > 2000V
CY74FCT163H245
• Bus hold on data inputs
• Eliminates the need for external pull-up or pull-down
resistors
• Devices with bus hold are not recommended for trans-
lating rail-to-rail CMOS signals to 3.3V logic levels
Functional Description
These 16-bit transceivers are designed for use in bidirectional
synchronous communication between two buses, where high
speed and low power are required. Direction of data flow is
controlled by (DIR), the Output Enable (OE) transfers data
when LOW and isolates the buses when HIGH. The outputs
are 24-mA balanced output drivers with current limiting
resistors to reduce the need for external terminating resistors
and provide for minimal undershoot and reduced ground
bounce..
The CY74FCT163H245 has “bus hold” on the data inputs,
which retains the input’s last state whenever the input goes to
high impedance. This eliminates the need for pull-up/down
resistors and prevents floating inputs.
The CY74FCT163245 is designed with inputs and outputs
capable of being driven by 5.0V buses, allowing its use in
mixed voltage systems as a translator. The outputs are also
designed with a power off disable feature enabling its use in
applications requiring live insertion.
GND
Logic Block Diagrams CY74FCT163245, CY74FCT163H245
Pin Configuration
1
2
3
4
5
6
7
8
9
10
11
12
33
32
31
30
29
25
26
27
28
36
35
1DIR
34
SSOP/TSSOP
Top View
13
14
15
16
17
18
19
20
21
22
23
24
45
44
43
42
41
37
38
39
40
48
47
46
1B1
1B2
1B3
1B4
1A1
1A2
1A3
1A4
1OE
GND
GND
VCC
1B7
1B8
1B5
1B6
1A5
1A6
1A7
1A8
VCC
GND
GND
2B3
2B4
2B1
2B2
2A1
2A2
2A3
2A4
GND
GND
VCC
2B7
2B8
2B5
2B6
2A5
2A6
2A7
2A8
VCC
GND
2DIR
2OE
1A1
1A2
1A3
1A4
1A5
1A6
1A7
1OE
1B1
1B2
1B3
1B4
1B5
1B6
1B7
1DIR
1A8
1B8
2A1
2A2
2A3
2A4
2A5
2A6
2A7
2OE
2B1
2B2
2B3
2B4
2B5
2B6
2B7
2DIR
2A8
2B8
163245
163H245


Similar Part No. - 74FCT163H245CPACT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74FCT163H245CPACT TI-74FCT163H245CPACT Datasheet
67Kb / 7P
[Old version datasheet]   16-Bit Transceivers
More results

Similar Description - 74FCT163H245CPACT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT16245T TI-CY74FCT16245T_01 Datasheet
317Kb / 17P
[Old version datasheet]   16-Bit Transceivers
CY74FCT163245 TI-CY74FCT163245 Datasheet
67Kb / 7P
[Old version datasheet]   16-Bit Transceivers
CY74FCT16952T TI-CY74FCT16952T Datasheet
68Kb / 8P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT163952 TI-CY74FCT163952 Datasheet
65Kb / 6P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT16652T TI-CY74FCT16652T Datasheet
315Kb / 16P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT16646T TI-CY74FCT16646T_08 Datasheet
315Kb / 15P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT16543T TI-CY74FCT16543T Datasheet
70Kb / 8P
[Old version datasheet]   16-Bit Latched Transceivers
CY74FCT16543T TI1-CY74FCT16543T_15 Datasheet
1,008Kb / 22P
[Old version datasheet]   16-Bit Latched Transceivers
74FCT16652CT TI-74FCT16652CT Datasheet
710Kb / 17P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT16646T TI-CY74FCT16646T Datasheet
75Kb / 9P
[Old version datasheet]   16-Bit Registered Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com