Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDC1004QDGSRQ1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # FDC1004QDGSRQ1
Description  4-Channel Capacitance-to-Digital Converter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

FDC1004QDGSRQ1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button FDC1004QDGSRQ1 Datasheet HTML 2Page - Texas Instruments FDC1004QDGSRQ1 Datasheet HTML 3Page - Texas Instruments FDC1004QDGSRQ1 Datasheet HTML 4Page - Texas Instruments FDC1004QDGSRQ1 Datasheet HTML 5Page - Texas Instruments FDC1004QDGSRQ1 Datasheet HTML 6Page - Texas Instruments FDC1004QDGSRQ1 Datasheet HTML 7Page - Texas Instruments FDC1004QDGSRQ1 Datasheet HTML 8Page - Texas Instruments FDC1004QDGSRQ1 Datasheet HTML 9Page - Texas Instruments FDC1004QDGSRQ1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
SCL
tHD;STA
tLOW
tr
tHD;DAT
tHIGH
tf
tSU;DAT
tSU;STA
tSU;STO
tf
START
REPEATED
START
STOP
tHD;STA
START
tSP
tr
tBUF
SDA
FDC1004Q
SNOSCZ4 – APRIL 2015
www.ti.com
7.7 I
2C Interface Timing
Over recommended operating free-air temperature range, VDD = 3.3 V, for TA = TJ = 25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fSCL
Clock frequency(1)
10
400
kHz
tLOW
Clock low time(1)
1.3
µs
tHIGH
Clock high time(1)
0.6
µs
tHD;STA
Hold time (repeated) START
After this period, the first clock pulse
0.6
µs
condition(1)
is generated
tSU;STA
Set-up time for a repeated START
0.6
µs
condition(1)
tHD;DAT
Data hold time(1)(2)
0
ns
tSU;DAT
Data setup time(1)
100
ns
tf
SDA fall time(1)
IL
≤ 3mA; CL ≤ 400pF
300
ns
tSU;STO
Set-up time for STOP condition (1)
0.6
µs
tBUF
Bus free time between a STOP and
1.3
µs
START condition(1)
tVD;DAT
Data valid time(1)
0.9
ns
tVD;ACK
Data valid acknowledge time(1)
0.9
ns
tSP
Pulse width of spikes that must be
50
ns
suppressed by the input filter(1)
(1)
This parameter is specified by design and/or characterization and is not tested in production.
(2)
The FDC1004Q provides an internal 300 ns minimum hold time to bridge the undefined region of the falling edge of SCL.
Figure 1. I2C Timing
6
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: FDC1004Q


Similar Part No. - FDC1004QDGSRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
FDC1004 TI1-FDC1004 Datasheet
1Mb / 33P
[Old version datasheet]   4-Channel Capacitance-to-Digital Converter
FDC1004DGSR TI1-FDC1004DGSR Datasheet
1Mb / 33P
[Old version datasheet]   4-Channel Capacitance-to-Digital Converter
FDC1004DGST TI1-FDC1004DGST Datasheet
1Mb / 33P
[Old version datasheet]   4-Channel Capacitance-to-Digital Converter
FDC1004DSCJ TI1-FDC1004DSCJ Datasheet
1Mb / 33P
[Old version datasheet]   4-Channel Capacitance-to-Digital Converter
FDC1004DSCR TI1-FDC1004DSCR Datasheet
1Mb / 33P
[Old version datasheet]   4-Channel Capacitance-to-Digital Converter
More results

Similar Description - FDC1004QDGSRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
FDC1004 TI1-FDC1004 Datasheet
1Mb / 33P
[Old version datasheet]   4-Channel Capacitance-to-Digital Converter
logo
Quantum Research Group
QT300 QUANTUM-QT300_03 Datasheet
296Kb / 12P
   CAPACITANCE TO DIGITAL CONVERTER
QT300 QUANTUM-QT300 Datasheet
380Kb / 14P
   CAPACITANCE TO DIGITAL CONVERTER
logo
ams AG
TDC-GPX2 AMSCO-TDC-GPX2 Datasheet
1Mb / 77P
   4-Channel Time-to-Digital Converter
logo
Analog Devices
AD7152 AD-AD7152 Datasheet
481Kb / 24P
   12-Bit Capacitance-to-Digital Converter
REV. 0
AD7152 AD-AD7152_17 Datasheet
459Kb / 24P
   12-Bit Capacitance-to-Digital Converter
AD7747 AD-AD7747_17 Datasheet
455Kb / 29P
   24-Bit Capacitance-to-Digital Converter
logo
ON Semiconductor
LC717A10AJ ONSEMI-LC717A10AJ_17 Datasheet
145Kb / 13P
   Capacitance-Digital-Converter
November, 2017 ??Rev. 2
LC717A10AR ONSEMI-LC717A10AR_17 Datasheet
139Kb / 13P
   Capacitance-Digital-Converter
October, 2017 ??Rev. 1
LC717A10PJ ONSEMI-LC717A10PJ_17 Datasheet
154Kb / 14P
   Capacitance-Digital-Converter
November, 2017 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com