Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDC1004-Q1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # FDC1004-Q1
Description  4-Channel Capacitance-to-Digital Converter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

FDC1004-Q1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button FDC1004-Q1 Datasheet HTML 7Page - Texas Instruments FDC1004-Q1 Datasheet HTML 8Page - Texas Instruments FDC1004-Q1 Datasheet HTML 9Page - Texas Instruments FDC1004-Q1 Datasheet HTML 10Page - Texas Instruments FDC1004-Q1 Datasheet HTML 11Page - Texas Instruments FDC1004-Q1 Datasheet HTML 12Page - Texas Instruments FDC1004-Q1 Datasheet HTML 13Page - Texas Instruments FDC1004-Q1 Datasheet HTML 14Page - Texas Instruments FDC1004-Q1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
S1
S2
S3
S4
Capacitance to
Digital Converter
I
2C
FDC1004Q
SDA
SCL
VDD
GND
Offset and Gain
Calibration
Configuration and Data Registers
CAPDAC
M
U
X
Excitation
M
U
X
CIN1
CIN2
CIN3
CIN4
SHLD2
SHLD1
CHA
CHB
S1
S2
S3
S4
Capacitance to
Digital Converter
I
2C
FDC1004Q
SDA
SCL
VDD
GND
Offset and Gain
Calibration
Configuration and Data Registers
CAPDAC
M
U
X
Excitation
M
U
X
CIN1
CIN2
CIN3
CIN4
SHLD2
SHLD1
CHA
CHB
FDC1004Q
www.ti.com
SNOSCZ4 – APRIL 2015
Device Functional Modes (continued)
Figure 10. Single-Ended Configuration with CAPDAC Disabled
Figure 11. Single-Ended Configuration with CAPDAC Enabled
8.4.2 Differential Measurement
When the FDC1004Q is used for interfacing to a differential capacitive sensor, each of the two input
capacitances must be less than 115 pF. In this configuration the CAPDAC is disabled. The absolute value of the
difference between the two input capacitances should be kept below 15 pF to avoid introducing errors in the
measurement. In differential measurements, SHLD1 is assigned to CHn and SHLD2 is assigned to CHm, where
n < m. For instance in the measurement CIN1 – CIN2, where CHA = CIN1 and CHB = CIN2 (see Table 4),
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: FDC1004Q


Similar Part No. - FDC1004-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
FDC1004 TI1-FDC1004 Datasheet
1Mb / 33P
[Old version datasheet]   4-Channel Capacitance-to-Digital Converter
FDC1004DGSR TI1-FDC1004DGSR Datasheet
1Mb / 33P
[Old version datasheet]   4-Channel Capacitance-to-Digital Converter
FDC1004DGST TI1-FDC1004DGST Datasheet
1Mb / 33P
[Old version datasheet]   4-Channel Capacitance-to-Digital Converter
FDC1004DSCJ TI1-FDC1004DSCJ Datasheet
1Mb / 33P
[Old version datasheet]   4-Channel Capacitance-to-Digital Converter
FDC1004DSCR TI1-FDC1004DSCR Datasheet
1Mb / 33P
[Old version datasheet]   4-Channel Capacitance-to-Digital Converter
More results

Similar Description - FDC1004-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
FDC1004 TI1-FDC1004 Datasheet
1Mb / 33P
[Old version datasheet]   4-Channel Capacitance-to-Digital Converter
logo
Quantum Research Group
QT300 QUANTUM-QT300_03 Datasheet
296Kb / 12P
   CAPACITANCE TO DIGITAL CONVERTER
QT300 QUANTUM-QT300 Datasheet
380Kb / 14P
   CAPACITANCE TO DIGITAL CONVERTER
logo
ams AG
TDC-GPX2 AMSCO-TDC-GPX2 Datasheet
1Mb / 77P
   4-Channel Time-to-Digital Converter
logo
Analog Devices
AD7152 AD-AD7152 Datasheet
481Kb / 24P
   12-Bit Capacitance-to-Digital Converter
REV. 0
AD7152 AD-AD7152_17 Datasheet
459Kb / 24P
   12-Bit Capacitance-to-Digital Converter
AD7747 AD-AD7747_17 Datasheet
455Kb / 29P
   24-Bit Capacitance-to-Digital Converter
logo
ON Semiconductor
LC717A10AJ ONSEMI-LC717A10AJ_17 Datasheet
145Kb / 13P
   Capacitance-Digital-Converter
November, 2017 ??Rev. 2
LC717A10AR ONSEMI-LC717A10AR_17 Datasheet
139Kb / 13P
   Capacitance-Digital-Converter
October, 2017 ??Rev. 1
LC717A10PJ ONSEMI-LC717A10PJ_17 Datasheet
154Kb / 14P
   Capacitance-Digital-Converter
November, 2017 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com