Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM6319 Datasheet(PDF) 9 Page - Analog Devices

Part # ADM6319
Description  Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM6319 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADM6319 Datasheet HTML 3Page - Analog Devices ADM6319 Datasheet HTML 4Page - Analog Devices ADM6319 Datasheet HTML 5Page - Analog Devices ADM6319 Datasheet HTML 6Page - Analog Devices ADM6319 Datasheet HTML 7Page - Analog Devices ADM6319 Datasheet HTML 8Page - Analog Devices ADM6319 Datasheet HTML 9Page - Analog Devices ADM6319 Datasheet HTML 10Page - Analog Devices ADM6319 Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
ADM6316/ADM6317/ADM6318/ADM6319/ADM6320/ADM6321/ADM6322
Rev.PrC | Page 9 of 11
Table 5. Reset Threshold Options
Table 6. Reset Timeout Options
Suffix
Min
Typ
Max
Unit
A
1
1.6
2
ms
B
20
30
40
ms
C
140
200
280
ms
D
1.12
1.60
2.24
s
Table 7. Watchdog Timer Operations
Suffix
Min
Typ
Max
Unit
W
4.3
6.3
9.3
ms
X
71
102
153
ms
Y
1.12
1.6
2.24
s
Z
17.9
25.6
38.4
s
Table 8. Standard Models
TA = +25°C
TA = −40°C to +85°C
Part No.
Min
Typ
Max
Min
Max
ADM63 _ _ _ 50
4.925
5.000
5.075
4.875
5.125
ADM63 _ _ _ 49
4.827
4.900
4.974
4.778
5.023
ADM63 _ _ _ 48
4.728
4.800
4.872
4.680
4.920
ADM63 _ _ _ 47
4.630
4.700
4.771
4.583
4.818
ADM63 _ _ _ 46
4.561
4.630
4.699
4.514
4.746
ADM63 _ _ _ 45
4.433
4.500
4.568
4.388
4.613
ADM63 _ _ _ 44
4.314
4.390
4.446
4.270
4.490
ADM63 _ _ _ 43
4.236
4.300
4.365
4.193
4.408
ADM63 _ _ _ 42
4.137
4.200
4.263
4.095
4.305
ADM63 _ _ _ 41
4.039
4.100
4.162
3.998
4.203
ADM63 _ _ _ 40
3.940
4.00
4.060
3.900
4.100
ADM63 _ _ _ 39
3.842
3.900
3.959
3.803
3.998
ADM63 _ _ _ 38
3.743
3.800
3.857
3.705
3.895
ADM63 _ _ _ 37
3.645
3.700
3.756
3.608
3.793
ADM63 _ _ _ 36
3.546
3.600
3.654
3.510
3.690
ADM63 _ _ _ 35
3.448
3.500
3.553
3.413
3.588
ADM63 _ _ _ 34
3.349
3.400
3.451
3.315
3.485
ADM63 _ _ _ 33
3.251
3.300
3.350
3.218
3.383
ADM63 _ _ _ 32
3.152
3.200
3.248
3.120
3.280
ADM63 _ _ _ 31
3.034
3.080
3.126
3.003
3.157
ADM63 _ _ _ 30
2.955
3.000
3.045
2.925
3.075
ADM63 _ _ _ 29
2.886
2.930
2.974
2.857
3.000
ADM63 _ _ _ 28
2.758
2.800
2.842
2.730
2.870
ADM63 _ _ _ 27
2.660
2.700
2.741
2.633
2.768
ADM63 _ _ _ 26
2.591
2.630
2.669
2.564
2.696
ADM63 _ _ _ 25
2.463
2.500
2.538
2.438
2.563
Model
Reset Threshold (V)
Minimum Reset Timeout (ms)
Typical Watchdog Timeout (s)
ADM6316CY29ARJ
2.93
140
1.6
ADM6316CY46ARJ
4.63
140
1.6
ADM6318CY46ARJ
4.63
140
1.6
ADM6319C46ARJ
4.63
140
1.6
ADM6320CY29ARJ
2.93
140
1.6
ADM6320CY46ARJ
4.63
140
1.6
ADM6321CY46ARJ
4.63
140
1.6
ADM6322C46ARJ
4.63
140
1.6
PRELIMINARY TECHNICAL DATA


Similar Part No. - ADM6319

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM6319 AD-ADM6319 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6319 AD-ADM6319 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog
Rev. F
ADM6319 AD-ADM6319 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6319 AD-ADM6319 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6319 AD-ADM6319 Datasheet
372Kb / 14P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. J
More results

Similar Description - ADM6319

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM6316 AD-ADM6316_15 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM8316WBX30ARJZR7 AD-ADM8316WBX30ARJZR7 Datasheet
314Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
REV. 0
ADM8321WAY30ARJZR7 AD-ADM8321WAY30ARJZR7 Datasheet
314Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
REV. 0
ADM6320 AD-ADM6320_15 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6320CY29ARJZ-R7 AD-ADM6320CY29ARJZ-R7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6319C46ARJZ-RL7 AD-ADM6319C46ARJZ-RL7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6320CZ29ARJZ-R7 AD-ADM6320CZ29ARJZ-R7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6317 AD-ADM6317_15 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6319 AD-ADM6319_15 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6321 AD-ADM6321_15 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com