Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDC2112QDNTTQ1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # FDC2112QDNTTQ1
Description  Multi-Channel 12-Bit or 28-Bit Capacitance-to-Digital Converter
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

FDC2112QDNTTQ1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button FDC2112QDNTTQ1 Datasheet HTML 7Page - Texas Instruments FDC2112QDNTTQ1 Datasheet HTML 8Page - Texas Instruments FDC2112QDNTTQ1 Datasheet HTML 9Page - Texas Instruments FDC2112QDNTTQ1 Datasheet HTML 10Page - Texas Instruments FDC2112QDNTTQ1 Datasheet HTML 11Page - Texas Instruments FDC2112QDNTTQ1 Datasheet HTML 12Page - Texas Instruments FDC2112QDNTTQ1 Datasheet HTML 13Page - Texas Instruments FDC2112QDNTTQ1 Datasheet HTML 14Page - Texas Instruments FDC2112QDNTTQ1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 60 page
background image
IN0A
IN0B
IN3A
IN3B
FDC2114 / FDC2214
VDD
GND
SCL
SDA
Int. Osc.
ADDR
INTB
SD
GND
MCU
VDD
3.3 V
3.3 V
GPIO
GPIO
0.1 F 1 F
Core
I
2C
I
2C
peripheral
3.3 V
L
Cap
Sensor 0
CLKIN
40 MHz
C
L
Cap
Sensor 3
C
Resonant
circuit driver
Resonant
circuit driver
Copyright © 2016, Texas Instruments Incorporated
11
FDC2112-Q1, FDC2114-Q1, FDC2212-Q1, FDC2214-Q1
www.ti.com
SNOSCZ9 – MAY 2016
Product Folder Links: FDC2112-Q1 FDC2114-Q1 FDC2212-Q1 FDC2214-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Functional Block Diagrams (continued)
Figure 11. Block Diagram for the FDC2114 and FDC2214
The FDC is composed of front-end resonant circuit drivers, followed by a multiplexer that sequences through the
active channels, connecting them to the core that measures and digitizes the sensor frequency (fSENSOR). The
core uses a reference frequency (fREF) to measure the sensor frequency. fREF is derived from either an internal
reference clock (oscillator), or an externally supplied clock. The digitized output for each channel is proportional
to the ratio of fSENSOR/fREF. The I2C interface is used to support device configuration and to transmit the digitized
frequency values to a host processor. The FDC can be placed in shutdown mode, saving current, using the SD
pin. The INTB pin may be configured to notify the host of changes in system status.
7.3 Feature Description
7.3.1 Clocking Architecture
Figure 12 shows the clock dividers and multiplexers of the FDC.


Similar Part No. - FDC2112QDNTTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
FDC2112QDNTTQ1 TI1-FDC2112QDNTTQ1 Datasheet
1Mb / 58P
[Old version datasheet]   Capacitance-to-Digital Converter (FDC) for Capacitive Sensing
FDC2112QDNTTQ1 TI1-FDC2112QDNTTQ1 Datasheet
1Mb / 61P
[Old version datasheet]   EMI-Resistant 28-Bit,12-Bit Capacitance-to-Digital Converter
More results

Similar Description - FDC2112QDNTTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
FDC2212 TI1-FDC2212_16 Datasheet
1Mb / 61P
[Old version datasheet]   EMI-Resistant 28-Bit,12-Bit Capacitance-to-Digital Converter
logo
Analog Devices
AD7152 AD-AD7152 Datasheet
481Kb / 24P
   12-Bit Capacitance-to-Digital Converter
REV. 0
AD7152 AD-AD7152_17 Datasheet
459Kb / 24P
   12-Bit Capacitance-to-Digital Converter
logo
Texas Instruments
LDC1612-Q1 TI1-LDC1612-Q1 Datasheet
1Mb / 60P
[Old version datasheet]   Multi-Channel 28-Bit Inductance to Digital Converter (LDC)
LDC1312-Q1 TI1-LDC1312-Q1 Datasheet
1Mb / 56P
[Old version datasheet]   Multi-Channel 12-Bit Inductance to Digital Converter (LDC)
logo
Analog Devices
AD7747 AD-AD7747_17 Datasheet
455Kb / 29P
   24-Bit Capacitance-to-Digital Converter
logo
Texas Instruments
LDC1612-Q1 TI1-LDC1612-Q1_16 Datasheet
1Mb / 62P
[Old version datasheet]   Multi-Channel 28-Bit Inductance to Digital Converter (LDC) for Inductive Sensing
LDC1612 TI1-LDC1612 Datasheet
1Mb / 58P
[Old version datasheet]   Multi-Channel 28-Bit Inductance to Digital Converter (LDC) for Inductive Sensing
logo
DATEL, Inc.
5962-8850801XA DATEL-5962-8850801XA Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
logo
Rohm
BA9221 ROHM-BA9221 Datasheet
279Kb / 7P
   Digital-to-analog converter, 12 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com