Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD3SS214I Datasheet(PDF) 11 Page - Texas Instruments

Part # HD3SS214I
Description  8.1 Gbps DisplayPort 1.3 2:1/1:2 Differential Switch
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HD3SS214I Datasheet(HTML) 11 Page - Texas Instruments

Back Button HD3SS214I Datasheet HTML 7Page - Texas Instruments HD3SS214I Datasheet HTML 8Page - Texas Instruments HD3SS214I Datasheet HTML 9Page - Texas Instruments HD3SS214I Datasheet HTML 10Page - Texas Instruments HD3SS214I Datasheet HTML 11Page - Texas Instruments HD3SS214I Datasheet HTML 12Page - Texas Instruments HD3SS214I Datasheet HTML 13Page - Texas Instruments HD3SS214I Datasheet HTML 14Page - Texas Instruments HD3SS214I Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
11
HD3SS214
www.ti.com
SLAS907A – DECEMBER 2015 – REVISED JULY 2016
Product Folder Links: HD3SS214
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The HD3SS214 is a 1:2/2:1 DP switch that supports 8.1 Gbps data rates and DP++. This switch is bi-directional,
so it can be used to switch two inputs to one output or one input to one of two outputs. In addition to main link
switching, this switch also supports AUX and DDC switching, which simplifies DP++ implementation. 3.3 V is
used to supply power to the switch.
8.2 Typical Application
8.2.1 Dual GPU With Docking Station Support
Many consumer devices require multiple video sources to be routed to multiple output sinks. One example of
these devices is a dual-GPU laptop with docking station support. The laptop has two video sources that can be
chosen: one low-power integrated GPU and one high-power discrete GPU. The video stream from one of these
sources needs to be routed to one of two outputs: the docking station port or the laptop DisplayPort video port. In
order to support this functionality, a high data rate, multi-input/multi-output switch system is required.
Figure 4. Dual GPU with Docking Station Support
8.2.2 Design Requirements
For this design example, use the parameters shown in Table 2.
Table 2. Design Parameters
PARAMETER
VALUE
VDD
3.3 V
Source
DP x1
Sink
DP x2
AUX_SEL Level
M
DP++ Support
No


Similar Part No. - HD3SS214I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HD3SS214I TI-HD3SS214I Datasheet
1Mb / 32P
[Old version datasheet]   HD3SS214 8.1 Gbps DisplayPort 1.4 2:1/1:2 Differential Switch
HD3SS214IZQER TI-HD3SS214IZQER Datasheet
1Mb / 32P
[Old version datasheet]   HD3SS214 8.1 Gbps DisplayPort 1.4 2:1/1:2 Differential Switch
HD3SS214IZXHR TI-HD3SS214IZXHR Datasheet
1Mb / 32P
[Old version datasheet]   HD3SS214 8.1 Gbps DisplayPort 1.4 2:1/1:2 Differential Switch
More results

Similar Description - HD3SS214I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HD3SS214 TI1-HD3SS214 Datasheet
1Mb / 25P
[Old version datasheet]   8.1 Gbps DisplayPort 1.3 2:1/1:2 Differential Switch
HD3SS214 TI-HD3SS214_V01 Datasheet
1Mb / 32P
[Old version datasheet]   HD3SS214 8.1 Gbps DisplayPort 1.4 2:1/1:2 Differential Switch
HD3SS215 TI1-HD3SS215 Datasheet
1Mb / 32P
[Old version datasheet]   6.0 Gbps HDMI DisplayPort 2:1/1:2 Differential Switch
HD3SS215 TI-HD3SS215_V01 Datasheet
2Mb / 39P
[Old version datasheet]   HD3SS215 6.0 Gbps HDMI DisplayPort 2:1/1:2 Differential Switch
HD3SS215 TI1-HD3SS215_15 Datasheet
1Mb / 31P
[Old version datasheet]   HD3SS215 6.0 Gbps HDMI DisplayPort 2:1/1:2 Differential Switch
HD3SS213 TI-HD3SS213 Datasheet
2Mb / 29P
[Old version datasheet]   HD3SS213 5.4-Gbps DisplayPort 1.2a 2:1 and 1:2 Differential Switch
HD3SS213 TI1-HD3SS213_14 Datasheet
258Kb / 15P
[Old version datasheet]   5.4Gbps DisplayPort 1.2a 2:1/1:2 Differential Switch
HD3SS213ZQER TI1-HD3SS213ZQER Datasheet
257Kb / 14P
[Old version datasheet]   5.4Gbps DisplayPort 1.2a 2:1/1:2 Differential Switch
SN75DP128 TI-SN75DP128 Datasheet
674Kb / 25P
[Old version datasheet]   DisplayPort 1:2 Switch
SN75DP128A TI-SN75DP128A Datasheet
739Kb / 26P
[Old version datasheet]   DisplayPort 1:2 Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com