Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD75232PW Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # GD75232PW
Description  MULTIPLE RS-232 DRIVERS AND RECEIVERS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

GD75232PW Datasheet(HTML) 3 Page - Texas Instruments

  GD75232PW Datasheet HTML 1Page - Texas Instruments GD75232PW Datasheet HTML 2Page - Texas Instruments GD75232PW Datasheet HTML 3Page - Texas Instruments GD75232PW Datasheet HTML 4Page - Texas Instruments GD75232PW Datasheet HTML 5Page - Texas Instruments GD75232PW Datasheet HTML 6Page - Texas Instruments GD75232PW Datasheet HTML 7Page - Texas Instruments GD75232PW Datasheet HTML 8Page - Texas Instruments GD75232PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
GD65232, GD75232
MULTIPLE RS232 DRIVERS AND RECEIVERS
SLLS206J − MAY 1995 − REVISED NOVEMBER 2004
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
schematic (each receiver)
Input
RAx
10 k
3.8 k
9 k
5 k
1.66 k
GND
Output
RYx
VCC
To Other Receivers
Resistor values shown are nominal.
2 k
To Other Receivers
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage (see Note 1): VCC
10 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VDD
15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VSS
−15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI: Driver
−15 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Receiver
−30 V to 30 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Driver output voltage range, VO
−15 V to 15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Receiver low-level output current, IOL
20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Notes 2 and 3): DB package
70
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . .
DW package
58
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . .
N package
69
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
PW package
83
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . .
Operating virtual junction temperature, TJ
150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltages are with respect to the network ground terminal.
2. Maximum power dissipation is a function of TJ(max), qJA, and TA. The maximum allowable power dissipation at any allowable
ambient temperature is PD = (TJ(max) − TA)/qJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
3. The package thermal impedance is calculated in accordance with JESD 51-7.


Similar Part No. - GD75232PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
GD75232PW TI-GD75232PW Datasheet
400Kb / 18P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
GD75232PWR TI-GD75232PWR Datasheet
400Kb / 18P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
More results

Similar Description - GD75232PW

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
75232 UTC-75232 Datasheet
300Kb / 10P
   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Texas Instruments
GD75323 TI-GD75323 Datasheet
158Kb / 11P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75185 TI-SN75185_06 Datasheet
357Kb / 19P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
STMicroelectronics
ST75185 STMICROELECTRONICS-ST75185 Datasheet
478Kb / 18P
   MULTIPLE RS-232 DRIVERS AND RECEIVERS
ST75185 STMICROELECTRONICS-ST75185_06 Datasheet
376Kb / 21P
   Multiple RS-232 drivers and receivers
logo
Texas Instruments
SN75185 TI-SN75185_07 Datasheet
547Kb / 21P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Unisonic Technologies
75323 UTC-75323_15 Datasheet
383Kb / 12P
   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Texas Instruments
GD75323 TI1-GD75323_16 Datasheet
1Mb / 19P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75196 TI-SN75196 Datasheet
189Kb / 12P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Holtek Semiconductor In...
HT6571 HOLTEK-HT6571 Datasheet
483Kb / 8P
   Multiple RS-232 Drivers and Receivers
logo
STMicroelectronics
ST75285 STMICROELECTRONICS-ST75285 Datasheet
300Kb / 13P
   MULTIPLE RS-232 DRIVERS AND RECEIVERS
December 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com