Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDC2214QRGHTQ1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # FDC2214QRGHTQ1
Description  EMI-Resistant 28-Bit,12-Bit Capacitance-to-Digital Converter
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

FDC2214QRGHTQ1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button FDC2214QRGHTQ1 Datasheet HTML 3Page - Texas Instruments FDC2214QRGHTQ1 Datasheet HTML 4Page - Texas Instruments FDC2214QRGHTQ1 Datasheet HTML 5Page - Texas Instruments FDC2214QRGHTQ1 Datasheet HTML 6Page - Texas Instruments FDC2214QRGHTQ1 Datasheet HTML 7Page - Texas Instruments FDC2214QRGHTQ1 Datasheet HTML 8Page - Texas Instruments FDC2214QRGHTQ1 Datasheet HTML 9Page - Texas Instruments FDC2214QRGHTQ1 Datasheet HTML 10Page - Texas Instruments FDC2214QRGHTQ1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 61 page
background image
SCL
SDA
tHD;STA
tLOW
tr
tHD;DAT
tHIGH
tf
tSU;DAT
tSU;STA
tSU;STO
tf
START
REPEATED
START
STOP
tHD;STA
START
tSP
tr
tBUF
FDC2212, FDC2214, FDC2112, FDC2114
www.ti.com
SNOSCZ5A – JUNE 2015 – REVISED JUNE 2015
Electrical Characteristics (continued)
Unless otherwise specified, all limits ensured for TA = 25°C, VDD = 3.3 V
(1)
PARAMETER
TEST CONDITIONS(2)
MIN(3)
TYP(4)
MAX(3)
UNIT
VCLKIN_HI
CLKIN high voltage threshold
0.7*VDD
V
fINTCLK
Internal master clock frequency
35
43.4
55
MHz
range
TCf_int_μ
Internal master clock temperature
–13
ppm/°C
coefficient mean
8.6 Timing Requirements
MIN
NOM
MAX
UNIT
tSDWAKEUP
Wake-up time from SD high-low transition to I2C readback
2
ms
tSLEEPWAKEUP Wake-up time from sleep mode
0.05
ms
tWD-TIMEOUT
Sensor recovery time (after watchdog timeout)
5.2
ms
I2C TIMING CHARACTERISTICS
fSCL
Clock frequency
10
400
kHz
tLOW
Clock low time
1.3
μs
tHIGH
Clock high time
0.6
μs
Hold time (repeated) START condition: after this period, the first clock
tHD;STA
0.6
μs
pulse is generated
tSU;STA
Setup time for a repeated START condition
0.6
μs
tHD;DAT
Data hold time
0
μs
tSU;DAT
Data setup time
100
ns
tSU;STO
Setup time for STOP condition
0.6
μs
tBUF
Bus free time between a STOP and START condition
1.3
μs
tVD;DAT
Data valid time
0.9
μs
tVD;ACK
Data valid acknowledge time
0.9
μs
tSP
Pulse width of spikes that must be suppressed by the input filter(1)
50
ns
(1)
This parameter is specified by design and/or characterization and is not tested in production.
Figure 1. I2C Timing
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: FDC2212 FDC2214 FDC2112 FDC2114


Similar Part No. - FDC2214QRGHTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
FDC2214QRGHTQ1 TI1-FDC2214QRGHTQ1 Datasheet
1Mb / 58P
[Old version datasheet]   Capacitance-to-Digital Converter (FDC) for Capacitive Sensing
FDC2214QRGHTQ1 TI1-FDC2214QRGHTQ1 Datasheet
1Mb / 60P
[Old version datasheet]   Multi-Channel 12-Bit or 28-Bit Capacitance-to-Digital Converter
More results

Similar Description - FDC2214QRGHTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
FDC2112-Q1 TI1-FDC2112-Q1_16 Datasheet
1Mb / 60P
[Old version datasheet]   Multi-Channel 12-Bit or 28-Bit Capacitance-to-Digital Converter
logo
Analog Devices
AD7152 AD-AD7152 Datasheet
481Kb / 24P
   12-Bit Capacitance-to-Digital Converter
REV. 0
AD7152 AD-AD7152_17 Datasheet
459Kb / 24P
   12-Bit Capacitance-to-Digital Converter
AD7747 AD-AD7747_17 Datasheet
455Kb / 29P
   24-Bit Capacitance-to-Digital Converter
logo
DATEL, Inc.
5962-8850801XA DATEL-5962-8850801XA Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
logo
Rohm
BA9221 ROHM-BA9221 Datasheet
279Kb / 7P
   Digital-to-analog converter, 12 bit
logo
DATEL, Inc.
5962-8952801XA DATEL-5962-8952801XA Datasheet
148Kb / 1P
   12-Bit Digital to Analog Converter
5962-8952801XC DATEL-5962-8952801XC Datasheet
149Kb / 1P
   12-Bit Digital to Analog Converter
5962-8850802XC DATEL-5962-8850802XC Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
5962-8850801XC DATEL-5962-8850801XC Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com