Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD3SS215IZQET Datasheet(PDF) 10 Page - Texas Instruments

Part # HD3SS215IZQET
Description  6.0 Gbps HDMI DisplayPort 2:1/1:2 Differential Switch
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HD3SS215IZQET Datasheet(HTML) 10 Page - Texas Instruments

Back Button HD3SS215IZQET Datasheet HTML 6Page - Texas Instruments HD3SS215IZQET Datasheet HTML 7Page - Texas Instruments HD3SS215IZQET Datasheet HTML 8Page - Texas Instruments HD3SS215IZQET Datasheet HTML 9Page - Texas Instruments HD3SS215IZQET Datasheet HTML 10Page - Texas Instruments HD3SS215IZQET Datasheet HTML 11Page - Texas Instruments HD3SS215IZQET Datasheet HTML 12Page - Texas Instruments HD3SS215IZQET Datasheet HTML 13Page - Texas Instruments HD3SS215IZQET Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
50%
50%
50%
50%
tP1
tP2
DCx(p)
DAx/DBx(p)
DCx(n)
DAx/DBx(n)
SEL
Vcc
DAx/DBx(p)
DAx/DBx(n)
DCx(p)
DCx(n)
50%
tSK(O)
DCy(p)
DCy(n)
DCx(p)
DCx(n)
t3
t4
t1
t2
RLoad = 50
RLoad = 50
Rsc = 50
Rsc = 50
t
= Max(t , t )
t
= Difference between t
for any
two pairs of outputs
t
= 0.5 X (t
t ) + (t
t )
PD
p1
p2
SK(O)
PD
SK(b-b)
4
3
1
2
|
|
HD3SS215, HD3SS215I
SLAS971D – MAY 2014 – REVISED OCTOBER 2015
www.ti.com
Timing Diagrams (continued)
Figure 2. Propagation Delay and Skew
10
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: HD3SS215


Similar Part No. - HD3SS215IZQET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HD3SS215IZQET TI-HD3SS215IZQET Datasheet
2Mb / 39P
[Old version datasheet]   HD3SS215 6.0 Gbps HDMI DisplayPort 2:1/1:2 Differential Switch
More results

Similar Description - HD3SS215IZQET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HD3SS215 TI-HD3SS215_V01 Datasheet
2Mb / 39P
[Old version datasheet]   HD3SS215 6.0 Gbps HDMI DisplayPort 2:1/1:2 Differential Switch
HD3SS215 TI1-HD3SS215_15 Datasheet
1Mb / 31P
[Old version datasheet]   HD3SS215 6.0 Gbps HDMI DisplayPort 2:1/1:2 Differential Switch
HD3SS214 TI1-HD3SS214_16 Datasheet
1Mb / 25P
[Old version datasheet]   8.1 Gbps DisplayPort 1.3 2:1/1:2 Differential Switch
HD3SS214 TI1-HD3SS214 Datasheet
1Mb / 25P
[Old version datasheet]   8.1 Gbps DisplayPort 1.3 2:1/1:2 Differential Switch
HD3SS214 TI-HD3SS214_V01 Datasheet
1Mb / 32P
[Old version datasheet]   HD3SS214 8.1 Gbps DisplayPort 1.4 2:1/1:2 Differential Switch
HD3SS213 TI-HD3SS213 Datasheet
2Mb / 29P
[Old version datasheet]   HD3SS213 5.4-Gbps DisplayPort 1.2a 2:1 and 1:2 Differential Switch
HD3SS213 TI1-HD3SS213_14 Datasheet
258Kb / 15P
[Old version datasheet]   5.4Gbps DisplayPort 1.2a 2:1/1:2 Differential Switch
HD3SS213ZQER TI1-HD3SS213ZQER Datasheet
257Kb / 14P
[Old version datasheet]   5.4Gbps DisplayPort 1.2a 2:1/1:2 Differential Switch
SN75DP128 TI-SN75DP128 Datasheet
674Kb / 25P
[Old version datasheet]   DisplayPort 1:2 Switch
SN75DP128A TI-SN75DP128A Datasheet
739Kb / 26P
[Old version datasheet]   DisplayPort 1:2 Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com