Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD3SS3212I Datasheet(PDF) 3 Page - Texas Instruments

Part # HD3SS3212I
Description  Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HD3SS3212I Datasheet(HTML) 3 Page - Texas Instruments

  HD3SS3212I Datasheet HTML 1Page - Texas Instruments HD3SS3212I Datasheet HTML 2Page - Texas Instruments HD3SS3212I Datasheet HTML 3Page - Texas Instruments HD3SS3212I Datasheet HTML 4Page - Texas Instruments HD3SS3212I Datasheet HTML 5Page - Texas Instruments HD3SS3212I Datasheet HTML 6Page - Texas Instruments HD3SS3212I Datasheet HTML 7Page - Texas Instruments HD3SS3212I Datasheet HTML 8Page - Texas Instruments HD3SS3212I Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
GND
A0p 3
4
5
6
2
B0n
C0n
C0p
B0p
18
17
16
15
19
SEL
20
OEn
1
A0n
VCC
B1n
C1n
C1p
B1p
A1p
A1n
7
8
9
14
13
12
3
HD3SS3212, HD3SS3212I
www.ti.com
SLASE74E – MAY 2015 – REVISED MAY 2016
Product Folder Links: HD3SS3212 HD3SS3212I
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
(1)
For the most current package and ordering information, see Mechanical, Packaging, and Orderable Information.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
5 Device Comparison Table
OPERATING TEMPERATURE (°C)
PACKAGE(1)(2)
ORDERABLE PART NUMBER
0 to 70
RKS
20 pins
HD3SS3212RKSR
–40 to 85
RKS
20 pins
HD3SS3212IRKSR
(1)
The high-speed data ports incorporate 20-k
Ω pulldown resistors that are switched in when a port is not selected and switched out when
the port is selected.
6 Pin Configuration and Functions
RKS Package
20-Pin VQFN
Top View
Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
VCC
6
P
3.3-V power
OEn
2
I
Active-low chip enable
L: Normal operation
H: Shutdown
A0p
3
I/O
Port A, channel 0, high-speed positive signal
A0n
4
I/O
Port A, channel 0, high-speed negative signal
GND
5, 11, 20
G
Ground
A1p
7
I/O
Port A, channel 1, high-speed positive signal
A1n
8
I/O
Port A, channel 1, high-speed negative signal
SEL
9
I
Port select pin. Internally tied to GND via 100-k
Ω resistor.
L: Port A to Port B
H: Port A to Port C
C1n
12
I/O
Port C, channel 1, high-speed negative signal (connector side)
C1p
13
I/O
Port C, channel 1, high-speed positive signal (connector side)
C0n
14
I/O
Port C, channel 0, high-speed negative signal (connector side)
C0p
15
I/O
Port C, channel 0, high-speed positive signal (connector side)
B1n
16
I/O
Port B, channel 1, high-speed negative signal (connector side)
B1p
17
I/O
Port B, channel 1, high-speed positive signal (connector side)
B0n
18
I/O
Port B, channel 0, high-speed negative signal (connector side)


Similar Part No. - HD3SS3212I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HD3SS3212IRKSR TI1-HD3SS3212IRKSR Datasheet
1Mb / 26P
[Old version datasheet]   Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
HD3SS3212IRKST TI1-HD3SS3212IRKST Datasheet
1Mb / 26P
[Old version datasheet]   Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
More results

Similar Description - HD3SS3212I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HD3SS3212 TI1-HD3SS3212_16 Datasheet
1Mb / 26P
[Old version datasheet]   Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
HD3SS3202 TI1-HD3SS3202 Datasheet
1Mb / 25P
[Old version datasheet]   Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
HD3SS3212 TI-HD3SS3212_15 Datasheet
1Mb / 25P
[Old version datasheet]   HD3SS3212x Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
TMUXHS4212 TI1-TMUXHS4212 Datasheet
4Mb / 26P
[Old version datasheet]   TMUXHS4212 Two-Channel Differential 2:1 Mux / 1:2 Demux
HD3SS3212-Q1 TI1-HD3SS3212-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   Two-Channel Differential 2:1/1:2 USB3.2 Mux/Demux
TMUXHS4212 TI1-TMUXHS4212_V01 Datasheet
5Mb / 30P
[Old version datasheet]   TMUXHS4212 Two-Channel Differential 2:1 Mux / 1:2 Demux
logo
Pericom Semiconductor C...
PI3PCIE3415 PERICOM-PI3PCIE3415 Datasheet
498Kb / 2P
   4 Differential Channel, 2:1 Mux/DeMux
logo
Texas Instruments
HD3SS3411-Q1 TI1-HD3SS3411-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   One Channel Differential 2:1 Mux/Demux
HD3SS3411 TI1-HD3SS3411 Datasheet
1Mb / 21P
[Old version datasheet]   One Channel Differential 2:1 Mux/Demux
logo
ON Semiconductor
NL3HS3124A ONSEMI-NL3HS3124A Datasheet
120Kb / 7P
   3.3 V, 2 Channel, 2:1 Differential Mux/Demux
December, 2016 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com