Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD3SS3212I Datasheet(PDF) 9 Page - Texas Instruments

Part # HD3SS3212I
Description  Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HD3SS3212I Datasheet(HTML) 9 Page - Texas Instruments

Back Button HD3SS3212I Datasheet HTML 5Page - Texas Instruments HD3SS3212I Datasheet HTML 6Page - Texas Instruments HD3SS3212I Datasheet HTML 7Page - Texas Instruments HD3SS3212I Datasheet HTML 8Page - Texas Instruments HD3SS3212I Datasheet HTML 9Page - Texas Instruments HD3SS3212I Datasheet HTML 10Page - Texas Instruments HD3SS3212I Datasheet HTML 11Page - Texas Instruments HD3SS3212I Datasheet HTML 12Page - Texas Instruments HD3SS3212I Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
9
HD3SS3212, HD3SS3212I
www.ti.com
SLASE74E – MAY 2015 – REVISED MAY 2016
Product Folder Links: HD3SS3212 HD3SS3212I
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
9.4 Device Functional Modes
(1)
The HD3SS3212 can tolerate polarity inversions for all differential signals on Ports A, B, and C. Take
care to ensure the same polarity is maintained on Port A versus Ports B/C.
Table 1. Port Select Control Logic(1)
PORT A CHANNEL
PORT B OR PORT C CHANNEL CONNECTED TO PORT A CHANNEL
SEL = L
SEL = H
A0p
B0p
C0p
A0n
B0n
C0n
A1p
B1p
C1p
A1n
B1n
C1n


Similar Part No. - HD3SS3212I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HD3SS3212IRKSR TI1-HD3SS3212IRKSR Datasheet
1Mb / 26P
[Old version datasheet]   Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
HD3SS3212IRKST TI1-HD3SS3212IRKST Datasheet
1Mb / 26P
[Old version datasheet]   Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
More results

Similar Description - HD3SS3212I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HD3SS3212 TI1-HD3SS3212_16 Datasheet
1Mb / 26P
[Old version datasheet]   Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
HD3SS3202 TI1-HD3SS3202 Datasheet
1Mb / 25P
[Old version datasheet]   Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
HD3SS3212 TI-HD3SS3212_15 Datasheet
1Mb / 25P
[Old version datasheet]   HD3SS3212x Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
TMUXHS4212 TI1-TMUXHS4212 Datasheet
4Mb / 26P
[Old version datasheet]   TMUXHS4212 Two-Channel Differential 2:1 Mux / 1:2 Demux
HD3SS3212-Q1 TI1-HD3SS3212-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   Two-Channel Differential 2:1/1:2 USB3.2 Mux/Demux
TMUXHS4212 TI1-TMUXHS4212_V01 Datasheet
5Mb / 30P
[Old version datasheet]   TMUXHS4212 Two-Channel Differential 2:1 Mux / 1:2 Demux
logo
Pericom Semiconductor C...
PI3PCIE3415 PERICOM-PI3PCIE3415 Datasheet
498Kb / 2P
   4 Differential Channel, 2:1 Mux/DeMux
logo
Texas Instruments
HD3SS3411-Q1 TI1-HD3SS3411-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   One Channel Differential 2:1 Mux/Demux
HD3SS3411 TI1-HD3SS3411 Datasheet
1Mb / 21P
[Old version datasheet]   One Channel Differential 2:1 Mux/Demux
logo
ON Semiconductor
NL3HS3124A ONSEMI-NL3HS3124A Datasheet
120Kb / 7P
   3.3 V, 2 Channel, 2:1 Differential Mux/Demux
December, 2016 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com