Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD3SS3411I Datasheet(PDF) 11 Page - Texas Instruments

Part # HD3SS3411I
Description  One Channel Differential 2:1 Mux/Demux
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HD3SS3411I Datasheet(HTML) 11 Page - Texas Instruments

Back Button HD3SS3411I Datasheet HTML 7Page - Texas Instruments HD3SS3411I Datasheet HTML 8Page - Texas Instruments HD3SS3411I Datasheet HTML 9Page - Texas Instruments HD3SS3411I Datasheet HTML 10Page - Texas Instruments HD3SS3411I Datasheet HTML 11Page - Texas Instruments HD3SS3411I Datasheet HTML 12Page - Texas Instruments HD3SS3411I Datasheet HTML 13Page - Texas Instruments HD3SS3411I Datasheet HTML 14Page - Texas Instruments HD3SS3411I Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
HD3SS3411-Q1
www.ti.com
SLASE82A – JUNE 2015 – REVISED JULY 2015
Detailed Design Procedure (continued)
In Figure 5, the coupling capacitors are placed on the host transmit pair and endpoint transmit pair. In this
situation, the switch on the top is biased by the endpoint and the lower switch is biased by the host controller.
Figure 5. AC Coupling Capacitors on Host TX and Endpoint TX
If the common mode voltage in the system is higher than 2 V, the coupling capacitors are placed on both sides of
the switch (shown in Figure 6). A biasing voltage of less than 2 V is required in this case.
Figure 6. AC Coupling Capacitors on Both Sides of Switch
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: HD3SS3411-Q1


Similar Part No. - HD3SS3411I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HD3SS3411IRWAR TI1-HD3SS3411IRWAR Datasheet
1Mb / 21P
[Old version datasheet]   One Channel Differential 2:1 Mux/Demux
HD3SS3411IRWAT TI1-HD3SS3411IRWAT Datasheet
1Mb / 21P
[Old version datasheet]   One Channel Differential 2:1 Mux/Demux
More results

Similar Description - HD3SS3411I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HD3SS3411 TI1-HD3SS3411 Datasheet
1Mb / 21P
[Old version datasheet]   One Channel Differential 2:1 Mux/Demux
logo
Pericom Semiconductor C...
PI3PCIE3415 PERICOM-PI3PCIE3415 Datasheet
498Kb / 2P
   4 Differential Channel, 2:1 Mux/DeMux
logo
Texas Instruments
HD3SS3212 TI1-HD3SS3212 Datasheet
1Mb / 26P
[Old version datasheet]   Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
TMUXHS4212 TI1-TMUXHS4212 Datasheet
4Mb / 26P
[Old version datasheet]   TMUXHS4212 Two-Channel Differential 2:1 Mux / 1:2 Demux
logo
ON Semiconductor
NL3HS3124A ONSEMI-NL3HS3124A Datasheet
120Kb / 7P
   3.3 V, 2 Channel, 2:1 Differential Mux/Demux
December, 2016 ??Rev. 1
logo
Texas Instruments
HD3SS3212 TI1-HD3SS3212_16 Datasheet
1Mb / 26P
[Old version datasheet]   Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
HD3SS3202 TI1-HD3SS3202 Datasheet
1Mb / 25P
[Old version datasheet]   Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
HD3SS3212-Q1 TI1-HD3SS3212-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   Two-Channel Differential 2:1/1:2 USB3.2 Mux/Demux
TMUXHS4212 TI1-TMUXHS4212_V01 Datasheet
5Mb / 30P
[Old version datasheet]   TMUXHS4212 Two-Channel Differential 2:1 Mux / 1:2 Demux
HD3SS3212 TI-HD3SS3212_15 Datasheet
1Mb / 25P
[Old version datasheet]   HD3SS3212x Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com