Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM6321 Datasheet(PDF) 11 Page - Analog Devices

Part # ADM6321
Description  Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM6321 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADM6321 Datasheet HTML 3Page - Analog Devices ADM6321 Datasheet HTML 4Page - Analog Devices ADM6321 Datasheet HTML 5Page - Analog Devices ADM6321 Datasheet HTML 6Page - Analog Devices ADM6321 Datasheet HTML 7Page - Analog Devices ADM6321 Datasheet HTML 8Page - Analog Devices ADM6321 Datasheet HTML 9Page - Analog Devices ADM6321 Datasheet HTML 10Page - Analog Devices ADM6321 Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
ADM6316/ADM6317/ADM6318/ADM6319/ADM6320/ADM6321/ADM6322
Rev.PrC | Page 11 of 11
ORDERING GUIDE
ADM63__ __ __ __ A RJ - __
Generic No.
(16 - 22)
Temperature Range:
A: -40 C to +85
C
Package Code:
RJ: 5-Lead SOT-23
Reset Threshold No.
(25 - 50)
Reset Timeout Period
A: 1ms (min)
B: 20ms (min)
C: 140ms (min)
D: 1120ms (min)
Watchdog Timeout Period
W: 6.3ms (typ)
X: 102ms (typ)
Y: 1.6s (typ)
Z: 25s (typ)
Ordering Quantity:
RL7: 10,000 piece Reel
RL: 3,000 piece Reel
Figure 17. Ordering Code Structure
1 Complete the ordering code by inserting reset timeout, watchdog timeout (ADM6316/17/18/20/21) and reset threshold suffixes from tables 5 to 7.
2 Contact the factory for the availability of nonstandard models. See Table 8 for a list of standard models.
Model12
Temperature Range
Quantity
Package Option
Branding
ADM6316 _ _ __ ARJ-RL7
−40°C to +85°C
3k
SOT-23-5
N00
ADM6317 _ _ __ ARJ-RL7
−40°C to +85°C
3k
SOT-23-5
N01
ADM6318 _ _ __ ARJ-RL7
−40°C to +85°C
3k
SOT-23-5
N02
ADM6319 _ __ ARJ-RL7
−40°C to +85°C
3k
SOT-23-5
N03
ADM6320 _ _ __ ARJ-RL7
−40°C to +85°C
3k
SOT-23-5
N04
ADM6321 _ _ __ ARJ-RL7
−40°C to +85°C
3k
SOT-23-5
N05
ADM6322 _ __ ARJ-RL7
−40°C to +85°C
3k
SOT-23-5
N06
© 2004 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
A: -40°C to +85°C
PRELIMINARY TECHNICAL DATA
PR04533-0-6/04(PrC)


Similar Part No. - ADM6321

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM6321 AD-ADM6321 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6321 AD-ADM6321 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog
Rev. F
ADM6321 AD-ADM6321 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6321 AD-ADM6321 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6321 AD-ADM6321 Datasheet
372Kb / 14P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. J
More results

Similar Description - ADM6321

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM6316 AD-ADM6316_15 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM8316WBX30ARJZR7 AD-ADM8316WBX30ARJZR7 Datasheet
314Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
REV. 0
ADM8321WAY30ARJZR7 AD-ADM8321WAY30ARJZR7 Datasheet
314Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
REV. 0
ADM6320 AD-ADM6320_15 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6320CY29ARJZ-R7 AD-ADM6320CY29ARJZ-R7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6319C46ARJZ-RL7 AD-ADM6319C46ARJZ-RL7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6320CZ29ARJZ-R7 AD-ADM6320CZ29ARJZ-R7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6317 AD-ADM6317_15 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6319 AD-ADM6319_15 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6321 AD-ADM6321_15 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com