Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD3SS3212IRKST Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # HD3SS3212IRKST
Description  Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HD3SS3212IRKST Datasheet(HTML) 6 Page - Texas Instruments

Back Button HD3SS3212IRKST Datasheet HTML 2Page - Texas Instruments HD3SS3212IRKST Datasheet HTML 3Page - Texas Instruments HD3SS3212IRKST Datasheet HTML 4Page - Texas Instruments HD3SS3212IRKST Datasheet HTML 5Page - Texas Instruments HD3SS3212IRKST Datasheet HTML 6Page - Texas Instruments HD3SS3212IRKST Datasheet HTML 7Page - Texas Instruments HD3SS3212IRKST Datasheet HTML 8Page - Texas Instruments HD3SS3212IRKST Datasheet HTML 9Page - Texas Instruments HD3SS3212IRKST Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
50%
SEL
50%
10%
90%
tSW_ON
tSW_OFF
VOUT
VCC
SEL
Axp
Axn
Bxp/Cxp
Bxn/Cxn
RSC = 50
Ÿ
RSC = 50
Ÿ
RL = 50
Ÿ
RL = 50
Ÿ
6
HD3SS3212, HD3SS3212I
SLASE74E – MAY 2015 – REVISED MAY 2016
www.ti.com
Product Folder Links: HD3SS3212 HD3SS3212I
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
7.7 Switching Characteristics
PARAMETER
MIN
TYP
MAX
UNIT
tPD
Switch propagation delay (see Figure 3)
80
ps
tSW_ON
Switching time SEL-to-Switch ON (see Figure 2)
0.5
µs
tSW_OFF
Switching time SEL-to-Switch OFF (see Figure 2)
0.5
µs
tSK_INTRA
Intra-pair output skew (see Figure 3)
6
ps
tSK_INTER
Inter-pair output skew (see Figure 3)
20
ps
8 Parameter Measurement Information
Figure 1. Test Setup
Figure 2. Switch On and Off Timing Diagram


Similar Part No. - HD3SS3212IRKST

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HD3SS3212IRKST TI1-HD3SS3212IRKST Datasheet
1Mb / 26P
[Old version datasheet]   Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
More results

Similar Description - HD3SS3212IRKST

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HD3SS3212 TI1-HD3SS3212_16 Datasheet
1Mb / 26P
[Old version datasheet]   Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
HD3SS3202 TI1-HD3SS3202 Datasheet
1Mb / 25P
[Old version datasheet]   Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
HD3SS3212 TI-HD3SS3212_15 Datasheet
1Mb / 25P
[Old version datasheet]   HD3SS3212x Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
TMUXHS4212 TI1-TMUXHS4212 Datasheet
4Mb / 26P
[Old version datasheet]   TMUXHS4212 Two-Channel Differential 2:1 Mux / 1:2 Demux
HD3SS3212-Q1 TI1-HD3SS3212-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   Two-Channel Differential 2:1/1:2 USB3.2 Mux/Demux
TMUXHS4212 TI1-TMUXHS4212_V01 Datasheet
5Mb / 30P
[Old version datasheet]   TMUXHS4212 Two-Channel Differential 2:1 Mux / 1:2 Demux
logo
Pericom Semiconductor C...
PI3PCIE3415 PERICOM-PI3PCIE3415 Datasheet
498Kb / 2P
   4 Differential Channel, 2:1 Mux/DeMux
logo
Texas Instruments
HD3SS3411-Q1 TI1-HD3SS3411-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   One Channel Differential 2:1 Mux/Demux
HD3SS3411 TI1-HD3SS3411 Datasheet
1Mb / 21P
[Old version datasheet]   One Channel Differential 2:1 Mux/Demux
logo
ON Semiconductor
NL3HS3124A ONSEMI-NL3HS3124A Datasheet
120Kb / 7P
   3.3 V, 2 Channel, 2:1 Differential Mux/Demux
December, 2016 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com