Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD3SS3212RKSR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # HD3SS3212RKSR
Description  Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HD3SS3212RKSR Datasheet(HTML) 5 Page - Texas Instruments

  HD3SS3212RKSR Datasheet HTML 1Page - Texas Instruments HD3SS3212RKSR Datasheet HTML 2Page - Texas Instruments HD3SS3212RKSR Datasheet HTML 3Page - Texas Instruments HD3SS3212RKSR Datasheet HTML 4Page - Texas Instruments HD3SS3212RKSR Datasheet HTML 5Page - Texas Instruments HD3SS3212RKSR Datasheet HTML 6Page - Texas Instruments HD3SS3212RKSR Datasheet HTML 7Page - Texas Instruments HD3SS3212RKSR Datasheet HTML 8Page - Texas Instruments HD3SS3212RKSR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
5
HD3SS3212, HD3SS3212I
www.ti.com
SLASE74E – MAY 2015 – REVISED MAY 2016
Product Folder Links: HD3SS3212 HD3SS3212I
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
(1)
There is a 20-k
Ω pull-down in non-selected port.
7.5 Electrical Characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ICC
Device active current
VCC = 3.3 V, OEn = 0
0.6
0.8
mA
ISTDN
Device shutdown current
VCC = 3.3 V, OEn = VCC
5
20
µA
CON
Output ON capacitance
0.6
pF
COFF
Output OFF capacitance
0.8
pF
RON
Output ON resistance
VCC = 3.3 V; VCM = 0 to 2 V; IO = –8
mA
5
8
Ω
ΔRON
On-resistance match between pairs of the
same channel
VCC = 3.3 V; –0.35 V ≤ VIN ≤ 2.35 V;
IO = –8 mA
0.5
Ω
RFLAT_ON
On-resistance flatness RON(MAX) –
RON(MAIN)
VCC = 3.3 V; –0.35 V ≤ VIN ≤ 2.35 V
1
Ω
IIH,CTRL
Input high current, control pins (SEL, OEn)
1
µA
IIL,CTRL
Input low current, control pins (SEL, OEn)
1
µA
IIH,HS
Input high current, high-speed pins
[Ax/Bx/Cx][p/n]
VIN = 2 V for selected port, A and B
with SEL = 0, and A and C with SEL
= VCC
1
µA
IIH,HS
Input high current, high-speed pins
[Ax/Bx/Cx][p/n]
VIN = 2 V for non-selected port, C
with SEL = 0, and B with SEL =
VCC
(1)
100
140
µA
IIL,HS
Input low current, high-speed pins
[Ax/Bx/Cx][p/n]
1
µA
7.6 High-Speed Performance Parameters
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
IL
Differential insertion loss
ƒ = 0.3 MHz
–0.5
dB
ƒ = 0.625 MHz
-0.55
ƒ = 2.5 GHz
–0.8
ƒ = 4 GHz
–1.4
ƒ = 5 GHz
–1.6
BW
–3-dB bandwidth
8
GHz
RL
Differential return loss
ƒ = 0.3 MHz
–25
dB
ƒ = 2.5 GHz
–13
ƒ = 4 GHz
–13
ƒ = 5 GHz
– 12
OIRR
Differential OFF isolation
ƒ = 0.3 MHz
–75
dB
ƒ = 2.5 GHz
–23
ƒ = 4 GHz
–19
ƒ = 5 GHz
–19
XTALK
Differential crosstalk
ƒ = 0.3 MHz
–90
dB
ƒ = 2.5 GHz
–35
ƒ = 4 GHz
–32.5
ƒ = 5 GHz
–32


Similar Part No. - HD3SS3212RKSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HD3SS3212RKSR TI1-HD3SS3212RKSR Datasheet
1Mb / 26P
[Old version datasheet]   Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
HD3SS3212RKSRQ1 TI1-HD3SS3212RKSRQ1 Datasheet
1Mb / 25P
[Old version datasheet]   Two-Channel Differential 2:1/1:2 USB3.2 Mux/Demux
More results

Similar Description - HD3SS3212RKSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HD3SS3212 TI1-HD3SS3212_16 Datasheet
1Mb / 26P
[Old version datasheet]   Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
HD3SS3202 TI1-HD3SS3202 Datasheet
1Mb / 25P
[Old version datasheet]   Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
HD3SS3212 TI-HD3SS3212_15 Datasheet
1Mb / 25P
[Old version datasheet]   HD3SS3212x Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
TMUXHS4212 TI1-TMUXHS4212 Datasheet
4Mb / 26P
[Old version datasheet]   TMUXHS4212 Two-Channel Differential 2:1 Mux / 1:2 Demux
HD3SS3212-Q1 TI1-HD3SS3212-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   Two-Channel Differential 2:1/1:2 USB3.2 Mux/Demux
TMUXHS4212 TI1-TMUXHS4212_V01 Datasheet
5Mb / 30P
[Old version datasheet]   TMUXHS4212 Two-Channel Differential 2:1 Mux / 1:2 Demux
logo
Pericom Semiconductor C...
PI3PCIE3415 PERICOM-PI3PCIE3415 Datasheet
498Kb / 2P
   4 Differential Channel, 2:1 Mux/DeMux
logo
Texas Instruments
HD3SS3411-Q1 TI1-HD3SS3411-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   One Channel Differential 2:1 Mux/Demux
HD3SS3411 TI1-HD3SS3411 Datasheet
1Mb / 21P
[Old version datasheet]   One Channel Differential 2:1 Mux/Demux
logo
ON Semiconductor
NL3HS3124A ONSEMI-NL3HS3124A Datasheet
120Kb / 7P
   3.3 V, 2 Channel, 2:1 Differential Mux/Demux
December, 2016 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com