Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDC1008YPAT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # HDC1008YPAT
Description  Low Power, High Accuracy Digital Humidity Sensor
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HDC1008YPAT Datasheet(HTML) 9 Page - Texas Instruments

Back Button HDC1008YPAT Datasheet HTML 5Page - Texas Instruments HDC1008YPAT Datasheet HTML 6Page - Texas Instruments HDC1008YPAT Datasheet HTML 7Page - Texas Instruments HDC1008YPAT Datasheet HTML 8Page - Texas Instruments HDC1008YPAT Datasheet HTML 9Page - Texas Instruments HDC1008YPAT Datasheet HTML 10Page - Texas Instruments HDC1008YPAT Datasheet HTML 11Page - Texas Instruments HDC1008YPAT Datasheet HTML 12Page - Texas Instruments HDC1008YPAT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
ADR1
ADC
TEMPERATURE
RH
I
2C
Registers
+
Logic
HDC1008
SDA
SCL
DRDYn
ADR0
OTP
Calibration Coefficients
VDD
GND
HDC1008
www.ti.com
SNAS649B – OCTOBER 2014 – REVISED DECEMBER 2015
8 Detailed Description
8.1 Overview
The HDC1008 is a digital humidity sensor with integrated temperature sensor that provides excellent
measurement accuracy at very low power and long term. The sensing element of the HDC1008 is placed on the
bottom part of the device, which makes the HDC1008 more robust against dirt, dust, and other environmental
contaminants. Measurement results can be read out through the I2C compatible interface. Resolution is based on
the measurement time and can be 8, 11, or 14 bits for humidity; 11 or 14 bits for temperature.
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 Power Consumption
One of the key features of the HDC1008 is its low power consumption, which makes the device suitable in
battery or power harvesting applications. In these applications the HDC1008 spends most of the time in sleep
mode; with a typical 110nA of current consumption in sleep mode, the averaged current consumption is minimal.
Moreover its low consumption in measurement mode minimizes any self-heating.
8.3.2 Voltage Supply Monitoring
The HDC1008 monitors the supply voltage level and indicates when the voltage supply of the HDC1008 is less
than 2.8V. This information is useful in battery-powered systems in order to inform the user to replace the
battery. This is reported in the BTST field (register address 0x02:bit[11]) which is updated after POR and after
each measurement request.
8.3.3 Heater
The heater is an integrated resistive element that can be used to test the sensor or to drive condensation off the
sensor. The heater can be activated using HEAT, bit 13 in Configuration Register. The heater helps in reducing
the accumulated offset after long exposure at high humidity conditions.
Once enabled the heater is turned on only in the measurement mode. To have a reasonable increase of the
temperature it is suggested to increase the measurement data rate.
8.4 Device Functional Modes
The HDC1008 has two modes of operation: sleep mode and measurement mode. After power up, the HDC1008
is in sleep mode. In this mode, the HDC1008 waits for I2C input including commands to configure the conversion
times, read the status of the battery, trigger a measurement, and read measurements. Once it receives a
command to trigger a measurement, the HDC1008 moves from sleep mode to measurement mode. In
measurement mode, the HDC1008 acquires the configured measurements and sets the DRDYn line low when
the measurement is complete. After completing the measurement and setting DRDYn low, the HDC1008 returns
to sleep mode.
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: HDC1008


Similar Part No. - HDC1008YPAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HDC1008 TI-HDC1008_15 Datasheet
1Mb / 30P
[Old version datasheet]   HDC1008 Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
More results

Similar Description - HDC1008YPAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HDC1050 TI1-HDC1050 Datasheet
1Mb / 27P
[Old version datasheet]   Low Power High Accuracy Digital Humidity Sensor
HDC1050 TI1-HDC1050_15 Datasheet
871Kb / 25P
[Old version datasheet]   Low Power, High Accuracy Digital Humidity Sensor
HDC1010 TI1-HDC1010_16 Datasheet
254Kb / 8P
[Old version datasheet]   Low Power, High Accuracy Digital Humidity Sensor
HDC1010 TI1-HDC1010 Datasheet
253Kb / 7P
[Old version datasheet]   Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1080 TI1-HDC1080 Datasheet
467Kb / 26P
[Old version datasheet]   Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1000 TI1-HDC1000_16 Datasheet
1Mb / 31P
[Old version datasheet]   Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1008 TI-HDC1008_15 Datasheet
1Mb / 30P
[Old version datasheet]   HDC1008 Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1050 TI-HDC1050_15 Datasheet
818Kb / 25P
[Old version datasheet]   HDC1050 Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1000 TI-HDC1000_15 Datasheet
1Mb / 31P
[Old version datasheet]   HDC1000 Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC3020 TI-HDC3020 Datasheet
1Mb / 51P
[Old version datasheet]   HDC302x High-Accuracy, Low-Power, Digital Humidity and Temperature Sensor With Ultra-Low Drift
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com