Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS51216 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS51216
Description  Complete DDR2 DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51216 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS51216_15 Datasheet HTML 4Page - Texas Instruments TPS51216_15 Datasheet HTML 5Page - Texas Instruments TPS51216_15 Datasheet HTML 6Page - Texas Instruments TPS51216_15 Datasheet HTML 7Page - Texas Instruments TPS51216_15 Datasheet HTML 8Page - Texas Instruments TPS51216_15 Datasheet HTML 9Page - Texas Instruments TPS51216_15 Datasheet HTML 10Page - Texas Instruments TPS51216_15 Datasheet HTML 11Page - Texas Instruments TPS51216_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
10
13
PGND
SW
TPS51216
OC
ZC
XCON
15 VBST
12 V5IN
PWM
9
REFIN
TRIP
Delay
20 PGOOD
Control Logic
UDG-10135
10 mA
+
+
V
REFIN +20%
+
+
8
VDDQSNS
+
+
18
14 DRVH
11 DRVL
t
ON
One-
Shot
UV
OV
V
REFIN –32%
16
S5
Soft-Start
+
NOC
+
8 R
6
VREF
Reference
R
7
GND
17
S3
5
VTTREF
1
VTTSNS
4
VTTGND
3
VTT
+
+
+
+
2
VLDOIN
7 R
R
VTT Discharge
VTTREF Discharge
On-Time
Discharge Type
Selection
15 mA
19 MODE
V
REFIN +8/16 %
V
REFIN –8/16 %
+
+
VDDQ
Discharge V5OK
+
4.4 V/3.9 V
UVP
OVP
TPS51216
SLUSAB9A – NOVEMBER 2010 – REVISED APRIL 2013
www.ti.com
FUNCTIONAL BLOCK DIAGRAM
8
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links :TPS51216


Similar Part No. - TPS51216_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51216-EP TI1-TPS51216-EP Datasheet
1Mb / 34P
[Old version datasheet]   Memory Power Solution Synchronous Buck Controller
TPS51216MRUKREP TI1-TPS51216MRUKREP Datasheet
1Mb / 34P
[Old version datasheet]   Memory Power Solution Synchronous Buck Controller
TPS51216RUKR TI1-TPS51216RUKR Datasheet
770Kb / 30P
[Old version datasheet]   Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller, 2-A LDO, Buffered Reference
TPS51216RUKT TI1-TPS51216RUKT Datasheet
770Kb / 30P
[Old version datasheet]   Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller, 2-A LDO, Buffered Reference
More results

Similar Description - TPS51216_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51916 TI1-TPS51916_12 Datasheet
975Kb / 34P
[Old version datasheet]   Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck
TPS51916 TI1-TPS51916 Datasheet
959Kb / 33P
[Old version datasheet]   Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller, 2-A LDO, Buffered Reference
TPS51216 TI1-TPS51216 Datasheet
770Kb / 30P
[Old version datasheet]   Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller, 2-A LDO, Buffered Reference
logo
Global Mixed-mode Techn...
G5316 GMT-G5316 Datasheet
82Kb / 2P
   Complete DDR2, DDR3 and DDR3L Memory Solution Synchronous Buck PWM Controller, 2A LDO, Buffered Reference
logo
Texas Instruments
TPS51716 TI-TPS51716 Datasheet
1Mb / 30P
[Old version datasheet]   Complete DDR2, DDR3, DDR3L, and LPDDR3 Memory Power Solution Synchronous Buck Controller, 2-A LDO, with Buffered Reference
logo
Maxim Integrated Produc...
MAX17000A MAXIM-MAX17000A_13 Datasheet
755Kb / 32P
   Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 3; 4/13
MAX17000 MAXIM-MAX17000_11 Datasheet
757Kb / 32P
   Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 1; 2/11
MAX17000A MAXIM-MAX17000A_10 Datasheet
804Kb / 32P
   Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 2; 11/10
MAX17000A MAXIM-MAX17000A Datasheet
750Kb / 31P
   Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 0; 10/08
MAX17000 MAXIM-MAX17000_13 Datasheet
802Kb / 32P
   Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 2; 4/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com