Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS850 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ADS850
Description  14-Bit, 10MSPS Self-Calibrating ANALOG-TO-DIGITAL CONVERTER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS850 Datasheet(HTML) 2 Page - Texas Instruments

  ADS850 Datasheet HTML 1Page - Texas Instruments ADS850 Datasheet HTML 2Page - Texas Instruments ADS850 Datasheet HTML 3Page - Texas Instruments ADS850 Datasheet HTML 4Page - Texas Instruments ADS850 Datasheet HTML 5Page - Texas Instruments ADS850 Datasheet HTML 6Page - Texas Instruments ADS850 Datasheet HTML 7Page - Texas Instruments ADS850 Datasheet HTML 8Page - Texas Instruments ADS850 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
ADS850
SBAS154C
2
www.ti.com
ELECTRICAL CHARACTERISTICS
At TA = full specified temperature range, VS = +5V, specified differential input range = 1.5V to 3.5V, internal reference input, sampling rate = 10MSPS after calibration,
and VREF = 2V, unless otherwise specified.
ADS850Y
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RESOLUTION
14
Bits
SPECIFIED TEMPERATURE RANGE
–40 to +85
°C
CONVERSION CHARACTERISTICS
Sample Rate
10k
10M
Samples/s
Data Latency
7
Clk Cycles
ANALOG INPUT
Single-Ended Input Range
VREF = 1.0
1.5
3.5
V
VREF = 2.0
0.5
4.5
V
Differential Input Range
VREF = 2.0
1.5
3.5
V
Common-Mode Voltage
2.5
V
1V
Input Capacitance
20
pF
Analog Input Bandwidth
–3dBFS Input
270
MHz
DYNAMIC CHARACTERISTICS
Differential Linearity Error (Largest Code Error)
f = 4.8MHz
±0.75
±1.0
LSB
No Missing Codes
Tested
Spurious-Free Dynamic Range(1)
f = 4.8MHz (–1dB input)
4Vp-p
75
85
dBFS(2)
f = 4.8MHz (–1dB input)
2Vp-p
82
dBFS
Signal-to-Noise Ratio (SNR)
f = 4.8MHz (–1dB input)
4Vp-p
71
76
dBFS
f = 4.8MHz (–1dB input)
2Vp-p
73
dBFS
Signal-to-(Noise + Distortion) (SINAD)
f = 4.8MHz (–1dB input)
4Vp-p
70
75
dBFS
f = 4.8MHz (–1dB input)
2Vp-p
72
dBFS
Effective Number of Bits at 4.8MHz(3)
12.2
Bits
Integral Nonlinearity Error
f = 4.8MHz
±2.5
±5.0
LSB
Aperture Delay Time
1ns
Aperture Jitter
4
ps rms
Overvoltage Recovery Time
1.5 • FS Input
2
ns
Full-Scale Step Acquisition Time
50
ns
+VS ....................................................................................................... +6V
Analog Input ........................................................... (–0.3V) to (+VS +0.3V)
Logic Input ............................................................. (–0.3V) to (+VS +0.3V)
Case Temperature ......................................................................... +100
°C
Junction Temperature .................................................................... +150
°C
Storage Temperature ..................................................................... +150
°C
ABSOLUTE MAXIMUM RATINGS(1)
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet its
published specifications.
PRODUCT
DEMO BOARD
ADS850Y
ADS850Y-EVM
DEMO BOARD ORDERING INFORMATION
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE-LEAD
DESIGNATOR(1)
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
ADS850Y
TQFP-48
PFB
–40
°C to +85°C
ADS850Y
ADS850Y/250
Tape and Reel, 250
"
"""
"
ADS850Y/2K
Tape and Reel, 2000
PACKAGE/ORDERING INFORMATION
NOTE: (1) For the most current specifications and package information, refer to our web site at www.ti.com.
NOTE: (1) Stresses above those listed under “Absolute Maximum Ratings”
may cause permanent damage to the device. Exposure to absolute maximum
conditions for extended periods may affect device reliability.


Similar Part No. - ADS850

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS850 TI1-ADS850 Datasheet
851Kb / 18P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8504 BURR-BROWN-ADS8504 Datasheet
379Kb / 19P
   12-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8504IB BURR-BROWN-ADS8504IB Datasheet
379Kb / 19P
   12-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8504IBDW BURR-BROWN-ADS8504IBDW Datasheet
379Kb / 19P
   12-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8504IBDWG4 BURR-BROWN-ADS8504IBDWG4 Datasheet
379Kb / 19P
   12-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS850

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1100 TI1-ADS1100_10 Datasheet
486Kb / 22P
[Old version datasheet]   Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
NOVEMBER 2003
logo
Burr-Brown (TI)
ADS1100 BURR-BROWN-ADS1100 Datasheet
282Kb / 18P
   Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1100 TI1-ADS1100_15 Datasheet
880Kb / 23P
[Old version datasheet]   Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1100 TI1-ADS1100_14 Datasheet
882Kb / 24P
[Old version datasheet]   Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
logo
DATEL, Inc.
5962-9319801HXC-14 DATEL-5962-9319801HXC-14 Datasheet
159Kb / 1P
   14-Bit 5MHz Analog To Digital Converter
5962-9319803HXC-14 DATEL-5962-9319803HXC-14 Datasheet
159Kb / 1P
   14-Bit 5MHz Analog To Digital Converter
logo
Texas Instruments
DAC904 TI1-DAC904 Datasheet
789Kb / 23P
[Old version datasheet]   14-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC904 BURR-BROWN-DAC904 Datasheet
192Kb / 16P
   14-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
HAS-1409 AD-HAS-1409_15 Datasheet
3Mb / 6P
   14 BIT 125KHZ ANALOG TO DIGITAL CONVERTER
logo
Texas Instruments
ADS5541 TI1-ADS5541 Datasheet
1Mb / 37P
[Old version datasheet]   14-Bit, 105MSPS Analog-To-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com