Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS51312 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51312
Description  3.1V to 5.5V Input 3-A Output Synchronous Step-Down Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51312 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS51312 Datasheet HTML 4Page - Texas Instruments TPS51312 Datasheet HTML 5Page - Texas Instruments TPS51312 Datasheet HTML 6Page - Texas Instruments TPS51312 Datasheet HTML 7Page - Texas Instruments TPS51312 Datasheet HTML 8Page - Texas Instruments TPS51312 Datasheet HTML 9Page - Texas Instruments TPS51312 Datasheet HTML 10Page - Texas Instruments TPS51312 Datasheet HTML 11Page - Texas Instruments TPS51312 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
RB
S
Q
Q
R
+
CSN
CSP
K1
CB
CA
RA
R12
R11
tON
One-
Shot
+
+
+
Σ
+
PWM
Comparator
+
Integrator
+
gM
RFB2
RFB1
RLOAD
COUT
LOUT
VIN
VC
VCS
VFB
UDG-12133
B
C
A
VREF
TPS51312
SLUSB57 – SEPTEMBER 2012
www.ti.com
APPLICATION INFORMATION
Functional Overview
TPS51312 is a D-CAP2 mode adaptive on time converter with internal integrator. Monolithically integrate high
side and low side FET supports output current to a maximum of 3-ADC. The converter automatically runs in
discontinuous conduction mode to optimize light load efficiency. A switching frequency of 900 kHz enables
optimization of the power train for the cost, size and efficiency performance of the design.
PWM Operation
The PWM operation is comprised of three separate loops, A, B and C as shown in Figure 9.
Figure 9. ¾PWM Operation
Internal Current Loop (A)
Loop A is the internal current loop. The current information is sampled, divided and averaged at the SW node.
The RC time constant and the gain of the current sense amplifier is chosen to cover the wide range of power
stage design intended for this application.
Internal Voltage Loop (B)
Loop B is the internal voltage loop. The feedback voltage information is compared to the voltage reference at the
input of the gM amplifier, the internal integrator is designed to provide a zero at the double pole location to boost
phase margin at the desired crossover frequency.
8
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links :TPS51312


Similar Part No. - TPS51312

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51312 TI-TPS51312 Datasheet
989Kb / 20P
[Old version datasheet]   3.1-V to 5.5-V Input, 3-A Output, Synchronous, Step-Down Regulator with Integrated FETs
TPS51312DRCR TI-TPS51312DRCR Datasheet
989Kb / 20P
[Old version datasheet]   3.1-V to 5.5-V Input, 3-A Output, Synchronous, Step-Down Regulator with Integrated FETs
TPS51312DRCT TI-TPS51312DRCT Datasheet
989Kb / 20P
[Old version datasheet]   3.1-V to 5.5-V Input, 3-A Output, Synchronous, Step-Down Regulator with Integrated FETs
TPS51312 TI-TPS51312_15 Datasheet
958Kb / 21P
[Old version datasheet]   3.1-V to 5.5-V Input, 3-A Output, Synchronous, Step-Down Regulator with Integrated FETs
More results

Similar Description - TPS51312

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2120 MPS-MP2120 Datasheet
367Kb / 11P
   2.5A, 5.5V Synchronous Step-Down Switching Regulator
MP28127 MPS-MP28127 Datasheet
420Kb / 9P
   1.25A, 5.5V Synchronous Step-Down Switching Regulator
logo
Texas Instruments
TPS51312 TI-TPS51312_15 Datasheet
958Kb / 21P
[Old version datasheet]   3.1-V to 5.5-V Input, 3-A Output, Synchronous, Step-Down Regulator with Integrated FETs
TPS51312 TI-TPS51312 Datasheet
989Kb / 20P
[Old version datasheet]   3.1-V to 5.5-V Input, 3-A Output, Synchronous, Step-Down Regulator with Integrated FETs
TPS56339 TI1-TPS56339 Datasheet
727Kb / 25P
[Old version datasheet]   4.5-V to 24-V Input, 3-A Output Synchronous Step-Down Converter
TPS56339 TI1-TPS56339_19 Datasheet
703Kb / 25P
[Old version datasheet]   4.5-V to 24-V Input, 3-A Output Synchronous Step-Down Converter
logo
Rohm
BD90532EFJ-C ROHM-BD90532EFJ-C Datasheet
904Kb / 23P
   2.69 to 5.5V, Fixed Output, 2.25MHz Synchronous Step-Down Converter
BD90535EFJ-C ROHM-BD90535EFJ-C Datasheet
806Kb / 21P
   2.69 to 5.5V, 1.5V Output, 2.25MHz Synchronous Step-Down Converter
logo
Texas Instruments
TPS54329 TI1-TPS54329 Datasheet
757Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 3-A SYNCHRONOUS STEP DOWN CONVERTER
logo
Rohm
BD90522EFJ-C ROHM-BD90522EFJ-C Datasheet
901Kb / 23P
   2.69 to 5.5V, Fixed Output, 2.25MHz Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com