Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX011Z Datasheet(PDF) 3 Page - Texas Instruments

Part # FX011Z
Description  Dual Synchronous, Step-Down Controller
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

FX011Z Datasheet(HTML) 3 Page - Texas Instruments

  FX011Z Datasheet HTML 1Page - Texas Instruments FX011Z Datasheet HTML 2Page - Texas Instruments FX011Z Datasheet HTML 3Page - Texas Instruments FX011Z Datasheet HTML 4Page - Texas Instruments FX011Z Datasheet HTML 5Page - Texas Instruments FX011Z Datasheet HTML 6Page - Texas Instruments FX011Z Datasheet HTML 7Page - Texas Instruments FX011Z Datasheet HTML 8Page - Texas Instruments FX011Z Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
TPS51225, TPS51225B, TPS51225C
www.ti.com
SLUSAV0B – JANUARY 2012 – REVISED SEPTEMBER 2012
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
MIN
MAX
VBST1, VBST2
–0.3
32
VBST1, VBST2(3)
–0.3
6
SW1, SW2
–6.0
26
Input voltage(2)
VIN
–0.3
26
V
EN1, EN2
–0.3
6
VFB1, VFB2
–0.3
3.6
VO1
–0.3
6
DRVH1, DRVH2
–6.0
32
DRVH1, DRVH2(3)
–0.3
6
DRVH1, DRVH2(3) (pulse width < 20 ns)
–2.5
6
Output voltage(2)
DRVL1, DRVL2
–0.3
6
V
DRVL1, DRVL2 (pulse width < 20 ns)
–2.5
6
PGOOD, VCLK, VREG5
–0.3
6
VREG3, CS1, CS2
–0.3
3.6
HBM QSS 009-105 (JESD22-A114A)
2
Electrostatic
kV
discharge
CDM QSS 009-147 (JESD22-C101B.01)
1
Junction temperature, TJ
150
°C
Storage temperature, TST
–55
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to the network ground terminal unless otherwise noted
(3)
Voltage values are with respect to SW terminals.
THERMAL INFORMATION
TPS51225
TPS51225B
THERMAL METRIC(1)
UNITS
TPS51225C
20-PIN RUK
θJA
Junction-to-ambient thermal resistance
94.1
θJCtop
Junction-to-case (top) thermal resistance
58.1
θJB
Junction-to-board thermal resistance
64.3
°C/W
ψJT
Junction-to-top characterization parameter
31.8
ψJB
Junction-to-board characterization parameter
58.0
θJCbot
Junction-to-case (bottom) thermal resistance
5.9
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links :TPS51225 TPS51225B TPS51225C


Similar Part No. - FX011Z

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
FX011Z TI1-FX011Z Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
More results

Similar Description - FX011Z

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP12202 VISHAY-SIP12202 Datasheet
768Kb / 10P
   Synchronous Step Down Controller
Rev. A, 10-Oct-05
SIP12201 VISHAY-SIP12201 Datasheet
865Kb / 11P
   Synchronous Step Down Controller
Rev. A, 10-Oct-05
logo
Maxim Integrated Produc...
MAX17548 MAXIM-MAX17548 Datasheet
1Mb / 28P
   42V, Dual-Output, Synchronous Step-Down Controller
Rev 0; 2/17
logo
Texas Instruments
TPS5124 TI-TPS5124 Datasheet
265Kb / 16P
[Old version datasheet]   DUAL CHANNEL SYNCHRONOUS STEP DOWN PWM CONTROLLER
logo
Maxim Integrated Produc...
MAX17559 MAXIM-MAX17559 Datasheet
951Kb / 28P
   60V, Dual-Output, Synchronous Step-Down Controller
Rev 0; 6/15
logo
Texas Instruments
TPS5124 TI-TPS5124_15 Datasheet
271Kb / 18P
[Old version datasheet]   DUAL CHANNEL, SYNCHRONOUS STEP-DOWN PWM CONTROLLER
logo
ON Semiconductor
NCP5212A ONSEMI-NCP5212A Datasheet
336Kb / 19P
   Single Synchronous Step-Down Controller
May, 2009 ??Rev. 0
logo
Intersil Corporation
ISL8117 INTERSIL-ISL8117 Datasheet
918Kb / 23P
   Synchronous Step-down PWM Controller
June 4, 2015
logo
Linear Technology
LTC3850 LINER-LTC3850_15 Datasheet
595Kb / 38P
   Dual, 2-Phase Synchronous Step-Down Switching Controller
logo
STMicroelectronics
PM6681A STMICROELECTRONICS-PM6681A_08 Datasheet
2Mb / 47P
   Dual synchronous step-down controller with adjustable LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com