Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABV0135A Datasheet(PDF) 2 Page - Texas Instruments

Part # ABV0135A
Description  28 Gbps Multi-Rate 8-Channel Retimer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ABV0135A Datasheet(HTML) 2 Page - Texas Instruments

  ABV0135A Datasheet HTML 1Page - Texas Instruments ABV0135A Datasheet HTML 2Page - Texas Instruments ABV0135A Datasheet HTML 3Page - Texas Instruments ABV0135A Datasheet HTML 4Page - Texas Instruments ABV0135A Datasheet HTML 5Page - Texas Instruments ABV0135A Datasheet HTML 6Page - Texas Instruments ABV0135A Datasheet HTML 7Page - Texas Instruments ABV0135A Datasheet HTML 8Page - Texas Instruments ABV0135A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
DS280DF810
SNLS533 – JUNE 2016
www.ti.com
Product Folder Links: DS280DF810
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
5 Description (Continued)
Integrated physical AC coupling capacitors (TX and RX) eliminate the need for external capacitors on the PCB.
The DS280DF810 has a single power supply and minimal need for external components. These features reduce
PCB routing complexity and BOM cost.
The advanced equalization features of the DS280DF810 include a low-jitter 3-tap transmit finite impulse
response (FIR) filter, an adaptive continuous-time linear equalizer (CTLE), and an adaptive decision feedback
equalizer (DFE). This enables reach extension for lossy interconnect and backplanes with multiple connectors
and crosstalk. The integrated CDR function is ideal for front-port optical module applications to reset the jitter
budget and retime the high-speed serial data. The DS280DF810 implements 2x2 cross-point on each channel
pair, providing the host with both lane crossing and fanout options.
The DS280DF810 can be configured either via the SMBus or through an external EEPROM. Up to 16 devices
can share a single EEPROM. A non-disruptive on-chip eye monitor and a PRBS generator/checker allow for in-
system diagnostics.


Similar Part No. - ABV0135A

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABV0017 ABRACON-ABV0017 Datasheet
62Kb / 6P
   Low Phase Noise VCXO (17MHz to 36MHz)
03/21/05
ABV0017B ABRACON-ABV0017B Datasheet
65Kb / 5P
   Low Power CMOS Output VCXO Family (17MHz to 130MHz)
03/21/05
ABV0017BSC ABRACON-ABV0017BSC Datasheet
65Kb / 5P
   Low Power CMOS Output VCXO Family (17MHz to 130MHz)
03/21/05
ABV0017BSC-T ABRACON-ABV0017BSC-T Datasheet
65Kb / 5P
   Low Power CMOS Output VCXO Family (17MHz to 130MHz)
03/21/05
ABV0017SC ABRACON-ABV0017SC Datasheet
62Kb / 6P
   Low Phase Noise VCXO (17MHz to 36MHz)
03/21/05
More results

Similar Description - ABV0135A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS280DF810 TI1-DS280DF810_V01 Datasheet
2Mb / 51P
[Old version datasheet]   DS280DF810 28 Gbps Multi-Rate 8-Channel Retimer
DS250DF810 TI1-DS250DF810 Datasheet
899Kb / 12P
[Old version datasheet]   25 Gbps Multi-Rate 8-Channel Retimer
DS250DF410 TI1-DS250DF410 Datasheet
351Kb / 10P
[Old version datasheet]   25 Gbps Multi-Rate 4-Channel Retimer
DS250DF210 TI1-DS250DF210 Datasheet
899Kb / 12P
[Old version datasheet]   25-Gbps Multi-Rate 2-Channel Retimer
DS250DF230 TI1-DS250DF230 Datasheet
274Kb / 11P
[Old version datasheet]   25-Gbps Multi-Rate 2-Channel Retimer
DS560DF810 TI-DS560DF810 Datasheet
647Kb / 12P
[Old version datasheet]   DS560DF810 56 Gbps Multi-Rate 8-Channel Retimer with Crosspoint
REVISED DECEMBER 2022
DS250DF230 TI-DS250DF230_V01 Datasheet
2Mb / 105P
[Old version datasheet]   DS250DF230 25-Gbps Multi-Rate 2-Channel Retimer
DS560DF410 TI-DS560DF410 Datasheet
553Kb / 9P
[Old version datasheet]   DS560DF410 56 Gbps Multi-Rate 4-Channel Retimer with Crosspoint
MARCH 2023
DS125DF410 TI1-DS125DF410 Datasheet
214Kb / 5P
[Old version datasheet]   Low Power Multi-Rate Quad Channel Retimer
DS110DF410 TI1-DS110DF410_15 Datasheet
1Mb / 61P
[Old version datasheet]   Low Power Multi-Rate Quad Channel Retimer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com