Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1204IRHBR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1204IRHBR
Description  FOUR 1-BIT, 10MHZ, 2ND-ORDER, DELTA-SIGMA MODULATORS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1204IRHBR Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS1204IRHBR Datasheet HTML 7Page - Texas Instruments ADS1204IRHBR Datasheet HTML 8Page - Texas Instruments ADS1204IRHBR Datasheet HTML 9Page - Texas Instruments ADS1204IRHBR Datasheet HTML 10Page - Texas Instruments ADS1204IRHBR Datasheet HTML 11Page - Texas Instruments ADS1204IRHBR Datasheet HTML 12Page - Texas Instruments ADS1204IRHBR Datasheet HTML 13Page - Texas Instruments ADS1204IRHBR Datasheet HTML 14Page - Texas Instruments ADS1204IRHBR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
ADS1204
SBAS301A − OCTOBER 2003 − REVISED JUNE 2004
www.ti.com
11
TYPICAL CHARACTERISTICS (continued)
AVDD = 5V, BVDD = 3V, CH x+ = +0.5V to +4.5V, CH x− = +2.5V, REFIN = external, CLKSEL = 0, and 16-bit Sinc3 filter, with OSR = 256, unless
otherwise noted.
EFFECTIVE NUMBER OF BITS
vs DECIMATION RATIO
10
100
1k
10k
Decimation Ratio (OSR)
18
16
14
12
10
8
6
4
110
98
86
74
62
50
38
26
Sinc3 Filter
Sinc2 Filter
POWER−SUPPLY CURRENT
vs TEMPERATURE
−40
−20
0
20
40
60
80
100
Temperature (
_C)
30
27
24
21
18
15
CLKSEL = 1
CLKSEL = 0, CLKIN = 20MHz
CLKSEL = 0, CLKIN = 32MHz
COMMON−MODE REJECTION RATIO
vs FREQUENCY
1
10
100
Input Frequency (kHz)
110
105
100
95
90
85
80
75
70
65
60
POWER−SUPPLY REJECTION RATIO
vs FREQUENCY
0.1
1
10
100
Frequency of Power Supply (kHz)
110
100
90
80
70
60
50
CLOCK FREQUENCY vs TEMPERATURE
−40
−20
60
40
80
020
100
Temperature (
_C)
10.0
9.8
9.6
9.4
9.2
9.0
8.8
8.6
8.4
8.2
8.0
CLOCK FREQUENCY vs POWER SUPPLY
4.5
4.7
4.9
5.1
5.3
5.5
Power Supply (V)
9.8
9.7
9.6
9.5
9.4
9.3
9.2


Similar Part No. - ADS1204IRHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1204IRHBR TI1-ADS1204IRHBR Datasheet
812Kb / 27P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1204IRHBR TI1-ADS1204IRHBR Datasheet
1Mb / 29P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1204IRHBRG4 TI1-ADS1204IRHBRG4 Datasheet
1Mb / 29P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1204IRHBRG4 TI1-ADS1204IRHBRG4 Datasheet
812Kb / 27P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
More results

Similar Description - ADS1204IRHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1204 TI-ADS1204_15 Datasheet
968Kb / 28P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1204 TI1-ADS1204 Datasheet
812Kb / 27P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1204 TI1-ADS1204_14 Datasheet
1Mb / 29P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1209 TI-ADS1209_15 Datasheet
966Kb / 23P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1205 TI-ADS1205 Datasheet
300Kb / 22P
[Old version datasheet]   TWO 1-BIT, 10MHz, 2nd-ORDER DELTA-SIGMA MODULATORS
ADS1205 TI1-ADS1205 Datasheet
850Kb / 29P
[Old version datasheet]   Two 1-bit, 10Mhz, 2nd Order Delta-sigma Modulators
ADS1209 TI-ADS1209 Datasheet
432Kb / 20P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1205 TI-ADS1205_15 Datasheet
850Kb / 29P
[Old version datasheet]   Two 1-Bit, 10MHz,2nd-Order Delta-sigma Modulators
ADS1209 TI-ADS1209_1 Datasheet
415Kb / 20P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1209 TI1-ADS1209_14 Datasheet
1,020Kb / 24P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com