Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS36950 Datasheet(PDF) 3 Page - Texas Instruments

Part # DS36950
Description  Quad Differential Bus Transceiver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS36950 Datasheet(HTML) 3 Page - Texas Instruments

  DS36950 Datasheet HTML 1Page - Texas Instruments DS36950 Datasheet HTML 2Page - Texas Instruments DS36950 Datasheet HTML 3Page - Texas Instruments DS36950 Datasheet HTML 4Page - Texas Instruments DS36950 Datasheet HTML 5Page - Texas Instruments DS36950 Datasheet HTML 6Page - Texas Instruments DS36950 Datasheet HTML 7Page - Texas Instruments DS36950 Datasheet HTML 8Page - Texas Instruments DS36950 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
DS36950
www.ti.com
SNLS075C – JULY 1998 – REVISED FEBRUARY 2013
Electrical Characteristics
(1) (continued)
Over Supply Voltage and Operating Temperature ranges, unless otherwise specified
Parameter
Test Conditions
Min
Typ
Max
Units
IOSC
Driver Short-Circuit Output Current (5)
VO = −7V
(EIA-485)
−130
−250
mA
VO = 0V
(EIA-422)
−90
−150
mA
VO = +12V
(EIA-485)
130
250
mA
Receiver Characteristics
IOSR
Short Circuit Output Current
VO = 0V
(5)
−15
−28
−75
mA
IOZ
TRI-STATE Output Current
VO = 0.4V to 2.4V
20
μA
VOH
Output Voltage High
VID = 0.20V, IOH = −0.4 mA
2.4
3.0
V
VOL
Output Voltage Low
VID = −0.20V, IOL = 4 mA
0.35
0.5
V
VTH
Differential Input High Threshold
VO = VOH, IO = −0.4 mA (EIA-422/485)
0.03
0.20
V
Voltage
VTL
Differential Input Low Threshold Voltage VO = VOL, IO = 4.0 mA
−0.20
−0.03
V
(6)
(EIA-422/485)
VHST
Hysteresis (7)
VCM = 0V
35
60
mV
Driver and Receiver Characteristics
VIH
Enable Input Voltage High
2.0
V
VIL
Enable Input Voltage Low
0.8
V
VCL
Enable Input Clamp Voltage
I =
−18 mA
−1.5
V
IIN
Line Input Current (8)
Other Input = 0V
VI = +12V
0.5
1
mA
VI = −7V
−0.45
−0.8
mA
IIH
Enable Input Current High
VOH = 2.4V
RE4 or DE
20
μA
REC
60
μA
IIL
Enable Input Current Low
VOL = 0.4V
RE4 or DE
−20
μA
REC
−60
μA
ICC
Supply Current (9)
No Load, Outputs Enabled
75
90
mA
ICCZ
Supply Current (9)
No Load, Outputs Disabled
50
70
mA
(5)
Short one output at a time.
(6)
Threshold parameter limits specified as an algebraic value rather than by magnitude.
(7)
Hysteresis defined as VHST = VTH − VTL.
(8)
IIN includes the receiver input current and driver TRI-STATE leakage current.
(9)
Total package supply current.
Switching Characteristics
Over Supply Voltage and Operating Temperature ranges, unless otherwise specified
Symbol
Test Conditions
Min
Typ
Max
Units
Driver Single-Ended Characteristics
tPZH
RL = 110Ω (Figure 6)
35
40
ns
tPZL
RL = 110Ω (Figure 7)
25
40
ns
tPHZ
RL = 110Ω (Figure 6)
15
25
ns
tPLZ
RL = 110Ω (Figure 7)
35
40
ns
Driver Differential Characteristics
tR, tF
Rise & Fall Time
RL = 54Ω
13
16
ns
tPLHD
Differential Propagation
CL = 50 pF
9
15
19
ns
tPHLD
Delays (1)
CD = 15 pF
9
15
19
ns
tSKD
|tPLHD − tPHLD| Differential Skew
(Figure 5 )
3
6
ns
(1)
Differential propagation delays are calculated from single-ended propagation delays measured from driver input to the 20% and 80%
levels on the driver outputs (See Figure 5).
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: DS36950


Similar Part No. - DS36950

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS36950 NSC-DS36950 Datasheet
776Kb / 12P
   Quad Differential Bus Transceiver
More results

Similar Description - DS36950

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS36954 NSC-DS36954 Datasheet
156Kb / 10P
   Quad Differential Bus Transceiver
DS36950 NSC-DS36950 Datasheet
776Kb / 12P
   Quad Differential Bus Transceiver
logo
Texas Instruments
DS36954 TI1-DS36954_16 Datasheet
1Mb / 19P
[Old version datasheet]   Quad Differential Bus Transceiver
SN65ALS1176 TI-SN65ALS1176 Datasheet
166Kb / 12P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC182 TI-SN65LBC182_07 Datasheet
335Kb / 18P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC176A-EP TI1-SN65LBC176A-EP Datasheet
410Kb / 17P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
logo
Linear Technology
LTC1485 LINER-LTC1485_15 Datasheet
188Kb / 12P
   Differential Bus Transceiver
logo
Texas Instruments
SN65LBC176-Q1 TI1-SN65LBC176-Q1 Datasheet
791Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
logo
Burr-Brown (TI)
ISO422 BURR-BROWN-ISO422 Datasheet
251Kb / 8P
   DIFFERENTIAL BUS TRANSCEIVER
logo
Texas Instruments
SN65LBC182 TI-SN65LBC182 Datasheet
290Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com