Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8837CDSGR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8837CDSGR
Description  1-A Low-Voltage H-Bridge Driver
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8837CDSGR Datasheet(HTML) 11 Page - Texas Instruments

Back Button DRV8837CDSGR Datasheet HTML 7Page - Texas Instruments DRV8837CDSGR Datasheet HTML 8Page - Texas Instruments DRV8837CDSGR Datasheet HTML 9Page - Texas Instruments DRV8837CDSGR Datasheet HTML 10Page - Texas Instruments DRV8837CDSGR Datasheet HTML 11Page - Texas Instruments DRV8837CDSGR Datasheet HTML 12Page - Texas Instruments DRV8837CDSGR Datasheet HTML 13Page - Texas Instruments DRV8837CDSGR Datasheet HTML 14Page - Texas Instruments DRV8837CDSGR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
VM
OUT1
OUT2
GND
VCC
nSLEEP
IN1
IN2
8
7
6
5
1
2
3
4
DRV8837C
M
VCC
0.1 µF
VM
0.1 µF
Copyright © 2016, Texas Instruments Incorporated
11
DRV8837C
www.ti.com
SLVSD61A – JULY 2016 – REVISED JULY 2016
Product Folder Links: DRV8837C
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The DRV8837C device is device is used to drive one DC motor or other devices like solenoids. The following
design procedure can be used to configure the DRV8837C device.
8.2 Typical Application
Figure 7. Schematic of DRV8837C Application
8.2.1 Design Requirements
Table 4 lists the required parameters for a typical usage case.
Table 4. System Design Requirements
DESIGN PARAMETER
REFERENCE
EXAMPLE VALUE
Motor supply voltage
VM
9 V
Logic supply voltage
VCC
3.3 V
Target RMS current
IOUT
0.8 A
8.2.2 Detailed Design Procedure
8.2.2.1 Motor Voltage
The appropriate motor voltage depends on the ratings of the motor selected and the desired RPM. A higher
voltage spins a brushed dc motor faster with the same PWM duty cycle applied to the power FETs. A higher
voltage also increases the rate of current change through the inductive motor windings.
8.2.2.2 Low-Power Operation
When entering sleep mode, TI recommends setting all inputs as a logic low to minimize system power.


Similar Part No. - DRV8837CDSGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8837C TI-DRV8837C Datasheet
3Mb / 56P
[Old version datasheet]   DRV8213 4-A Brushed DC Motor Driver with Integrated Current Sense, Current Regulation and Stall Detection
AUGUST 2023
DRV8837C TI1-DRV8837C Datasheet
3Mb / 61P
[Old version datasheet]   DRV8213 4-A Brushed DC Motor Driver with Integrated Current Sense, Current Regulation and Stall Detection
AUGUST 2023
More results

Similar Description - DRV8837CDSGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8837 TI1-DRV8837_14 Datasheet
964Kb / 26P
[Old version datasheet]   Low-Voltage H-Bridge Driver
DRV8837 TI1-DRV8837_15 Datasheet
958Kb / 24P
[Old version datasheet]   Low-Voltage H-Bridge Driver
logo
Unisonic Technologies
MD8837 UTC-MD8837 Datasheet
153Kb / 7P
   LOW-VOLTAGE H-BRIDGE DRIVER
PA3138 UTC-PA3138 Datasheet
153Kb / 7P
   LOW-VOLTAGE H-BRIDGE DRIVER
logo
Texas Instruments
DRV8839 TI-DRV8839 Datasheet
846Kb / 17P
[Old version datasheet]   LOW VOLTAGE DUAL 1/2-H-BRIDGE DRIVER IC
logo
Toshiba Semiconductor
TD62M2701F TOSHIBA-TD62M2701F Datasheet
201Kb / 4P
   LOW SATURATION VOLTAGE H-BRIDGE DRIVER
TD62M2702F TOSHIBA-TD62M2702F Datasheet
206Kb / 4P
   LOW SATURATION VOLTAGE H-BRIDGE DRIVER
logo
Shenzhen Huazhimei Semi...
HM116 HMSEMI-HM116 Datasheet
855Kb / 6P
   Low voltage H-bridge driver chip
logo
Texas Instruments
DRV8313 TI1-DRV8313_15 Datasheet
1Mb / 37P
[Old version datasheet]   2.5-A Triple 1/2-H Bridge Driver
logo
Vishay Siliconix
SIP2100 VISHAY-SIP2100 Datasheet
172Kb / 7P
   5 V, 1 A H-Bridge Motor Driver
Rev. B, 10-Dec-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com