Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM355 Datasheet(PDF) 9 Page - Texas Instruments

Part # TMS320DM355
Description  Digital Media System-on-Chip (DMSoC)
Download  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM355 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMS320DM355_15 Datasheet HTML 5Page - Texas Instruments TMS320DM355_15 Datasheet HTML 6Page - Texas Instruments TMS320DM355_15 Datasheet HTML 7Page - Texas Instruments TMS320DM355_15 Datasheet HTML 8Page - Texas Instruments TMS320DM355_15 Datasheet HTML 9Page - Texas Instruments TMS320DM355_15 Datasheet HTML 10Page - Texas Instruments TMS320DM355_15 Datasheet HTML 11Page - Texas Instruments TMS320DM355_15 Datasheet HTML 12Page - Texas Instruments TMS320DM355_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 163 page
background image
TMS320DM355
www.ti.com
SPRS463G – SEPTEMBER 2007 – REVISED JUNE 2010
2.2
Memory Map Summary
Table 2-3 shows the memory map address ranges of the device. Table 2-3 depicts the expanded map of
the Configuration Space (0x01C0 0000 through 0x01FF FFFF). The device has multiple on-chip memories
associated with its processor and various subsystems. To help simplify software development a unified
memory map is used where possible to maintain a consistent view of device resources across all bus
masters. The bus masters are the ARM, EDMA, USB, and VPSS.
Table 2-2. DM355 Memory Map
Start Address
End Address
Size (Bytes)
ARM
EDMA
USB
VPSS
Mem Map
Mem Map
Mem Map
Mem Map
0x0000 0000
0x0000 3FFF
16K
ARM RAM0
(Instruction)
0x0000 4000
0x0000 7FFF
16K
ARM RAM1
Reserved
Reserved
(Instruction)
0x0000 8000
0x0000 FFFF
32K
ARM ROM
(Instruction)
- only 8K used
0x0001 0000
0x0001 3FFF
16K
ARM RAM0 (Data)
ARM RAM0
ARM RAM0
0x0001 4000
0x0001 7FFF
16K
ARM RAM1 (Data)
ARM RAM1
ARM RAM1
0x0001 8000
0x0001 FFFF
32K
ARM ROM (Data)
ARM ROM
ARM ROM
- only 8K used
0x0002 0000
0x000F FFFF
896K
Reserved
0x0010 0000
0x01BB FFFF
26M
0x01BC 0000
0x01BC 0FFF
4K
ARM ETB Mem
0x01BC 1000
0x01BC 17FF
2K
ARM ETB Reg
Reserved
0x01BC 1800
0x01BC 18FF
256
ARM IceCrusher
Reserved
0x01BC 1900
0x01BC FFFF
59136
Reserved
0x01BD 0000
0x01BF FFFF
192K
0x01C0 0000
0x01FF FFFF
4M
CFG Bus
CFG Bus
Reserved
Peripherals
Peripherals
0x0200 0000
0x09FF FFFF
128M
ASYNC EMIF (Data) ASYNC EMIF (Data)
0x0A00 0000
0x11EF FFFF
127M - 16K
0x11F0 0000
0x11F1 FFFF
128K
Reserved
Reserved
0x11F2 0000
0x1FFF FFFF
141M-64K
0x2000 0000
0x2000 7FFF
32K
DDR EMIF Control
DDR EMIF Control
Regs
Regs
0x2000 8000
0x41FF FFFF
544M-32K
Reserved
0x4200 0000
0x49FF FFFF
128M
Reserved
Reserved
0x4A00 0000
0x7FFF FFFF
864M
Reserved
0x8000 0000
0x8FFF FFFF
256M
DDR EMIF
DDR EMIF
DDR EMIF
DDR EMIF
0x9000 0000
0xFFFF FFFF
1792M
Reserved
Reserved
Reserved
Reserved
Table 2-3. DM355 ARM Configuration Bus Access to Peripherals
Address
Accessibility
Region
Start
End
Size
ARM
EDMA
EDMA CC
0x01C0 0000
0x01C0 FFFF
64K
EDMA TC0
0x01C1 0000
0x01C1 03FF
1K
EDMA TC1
0x01C1 0400
0x01C1 07FF
1K
Reserved
0x01C1 0800
0x01C1 9FFF
38K
Reserved
0x01C1 A000
0x01C1 FFFF
24K
UART0
0x01C2 0000
0x01C2 03FF
1K
Copyright © 2007–2010, Texas Instruments Incorporated
Device Overview
9
Submit Documentation Feedback
Product Folder Link(s): TMS320DM355


Similar Part No. - TMS320DM355_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM355ZCE135 TI-TMS320DM355ZCE135 Datasheet
1Mb / 159P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM355ZCE216 TI-TMS320DM355ZCE216 Datasheet
1Mb / 159P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM355ZCE270 TI-TMS320DM355ZCE270 Datasheet
1Mb / 159P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM355ZCEA135 TI-TMS320DM355ZCEA135 Datasheet
1Mb / 159P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM355ZCEA216 TI-TMS320DM355ZCEA216 Datasheet
1Mb / 159P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
More results

Similar Description - TMS320DM355_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM355 TI-TMS320DM355_09 Datasheet
1Mb / 159P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM355 TI-TMS320DM355_07 Datasheet
1Mb / 158P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM335 TI1-TMS320DM335_15 Datasheet
1Mb / 160P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
SM320DM355-EP TI-SM320DM355-EP Datasheet
1Mb / 156P
[Old version datasheet]   Digital Media System-on-Chip(DMSoC)
TMS320DM369ZCED TI-TMS320DM369ZCED Datasheet
98Kb / 8P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM368ZCEDF TI1-TMS320DM368ZCEDF Datasheet
1Mb / 208P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM365 TI1-TMS320DM365_17 Datasheet
1Mb / 210P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM368 TI1-TMS320DM368_17 Datasheet
1Mb / 208P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM335 TI-TMS320DM335 Datasheet
1Mb / 156P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM355 TI-TMS320DM355_08 Datasheet
1Mb / 154P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM335 TI-TMS320DM335_09 Datasheet
1Mb / 155P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com