Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MHP27012D Datasheet(PDF) 7 Page - Interpoint Corporation Company

Part # MHP27012D
Description  MHP270 Single and Dual DC/DC Converters
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MHP27012D Datasheet(HTML) 7 Page - Interpoint Corporation Company

Back Button MHP27012D Datasheet HTML 2Page - Interpoint Corporation Company MHP27012D Datasheet HTML 3Page - Interpoint Corporation Company MHP27012D Datasheet HTML 4Page - Interpoint Corporation Company MHP27012D Datasheet HTML 5Page - Interpoint Corporation Company MHP27012D Datasheet HTML 6Page - Interpoint Corporation Company MHP27012D Datasheet HTML 7Page - Interpoint Corporation Company MHP27012D Datasheet HTML 8Page - Interpoint Corporation Company MHP27012D Datasheet HTML 9Page - Interpoint Corporation Company MHP27012D Datasheet HTML 10Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Electrical Characteristics: 25°C Tc, 270 VDC Vin, 100% load, free run, unless otherwise specified.
SINGLE OUTPUT MODELS
MHP27015S
MHP27028S
units
parameter
COnDitiOns
MIN
TyP
MAX
MIN
TyP
MAX
Output VOltage
14.85 15.00 15.15 27.72 28.00 28.28
VDC
Output Current
Vin = 160 tO 400 VDC
0
4.33
0
2.32
a
Output pOwer
Vin = 160 tO 400 VDC
0
65
0
65
w
Output ripple
10 khz - 2 mhz
90
280
mV p-p
line regulatiOn 2
Vin = 160 tO 400 VDC
150
280
mV
lOaD regulatiOn 2
nO lOaD tO Full
150
280
mV
input VOltage
COntinuOus
160
270
400
160
270
400
VDC
TRANSIENT 50 msec. 1, 3
450
450
V
input Current
nO lOaD
20
20
mA
inhibiteD–inh1
7
8
inhibiteD–inh2
15
15
input ripple
Current
10 khz - 10 mhz
65
70
mA p-p
eFFiCienCy
80
80
%
lOaD Fault
pOwer DissipatiOn
shOrt CirCuit
45
45
w
step lOaD
respOnse
50% - 100% - 50%
transient
700
1800
mV pk
reCOVery 4
300
1000
µs
CapaCitiVe lOaD 1
nO eFFeCt On DC
perFOrmanCe
500
500
µF
Notes
1. guaranteed by design, not tested.
2. Load and line transition time > 10 µs
3. Unit will shut down above approximately 425V but will be
undamaged and will restart when voltage drops into normal
range.
4. Recovery time is measured from application of the transient to
point the point at which Vout is within 1% of final value.
Crane Aerospace & Electronics Power Solutions
MHp270 single and dual dc/dc converters
270 Volt input – 65 Watt
www.craneae.com/interpoint
Page 7 of 10
MHP270 Rev H - 2011.08.04


Similar Part No. - MHP27012D

ManufacturerPart #DatasheetDescription
logo
Crane Aerospace & Elect...
MHP27012D CRANE-MHP27012D Datasheet
397Kb / 10P
   MHP27005S
logo
Interpoint Corporation ...
MHP27012D INTERPOINT-MHP27012D Datasheet
493Kb / 10P
   Parallel operation with current share, up to 5 units (up to 276 watts) Sync In and Sync Out
MHP27012D/ES INTERPOINT-MHP27012D/ES Datasheet
1Mb / 7P
   DC/DC CONVERTERS 270 VOLT INPUT
logo
Crane Aerospace & Elect...
MHP27012D/ES CRANE-MHP27012D/ES Datasheet
397Kb / 10P
   MHP27005S
MHP27012DF CRANE-MHP27012DF Datasheet
397Kb / 10P
   MHP27005S
More results

Similar Description - MHP27012D

ManufacturerPart #DatasheetDescription
logo
Interpion semiconductor
SMFL INTERPION-SMFL Datasheet
483Kb / 13P
   Single and Dual DC/DC Converters
logo
Crane Aerospace & Elect...
SMFLH283R3SHO CRANE-SMFLH283R3SHO Datasheet
227Kb / 13P
   SMFLHP Single and Dual DC/DC Converters
logo
Interpoint Corporation ...
SLH28 INTERPOINT-SLH28 Datasheet
418Kb / 12P
   SLH Single and Dual DC-DC Converters
logo
Crane Aerospace & Elect...
SMSA283R3SKR CRANE-SMSA283R3SKR Datasheet
646Kb / 14P
   SMSA Single and Dual DC/DC Converters
MFLHP2805S CRANE-MFLHP2805S Datasheet
169Kb / 11P
   MFLHP Single and Dual DC/DC Converters
SLH2805S CRANE-SLH2805S Datasheet
548Kb / 10P
   SLH Single and Dual DC/DC Converters
SMFL283R3S CRANE-SMFL283R3S Datasheet
483Kb / 13P
   SMFL Single and Dual DC/DC Converters
logo
Interpoint Corporation ...
SMFLHP283R3S INTERPOINT-SMFLHP283R3S_16 Datasheet
313Kb / 15P
   SMFLHP Single and Dual DC-DC Converters
SMSA283R3 INTERPOINT-SMSA283R3_16 Datasheet
310Kb / 15P
   SMSA Single and Dual DC-DC Converters
SMTR INTERPOINT-SMTR_16 Datasheet
347Kb / 14P
   SMTR Single and Dual DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com